Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA18254AHN Arkusz danych(PDF) 2 Page - NXP Semiconductors

Numer części TDA18254AHN
Szczegółowy opis  Cable Silicon Tuner Integrated wideband gain control
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA18254AHN Arkusz danych(HTML) 2 Page - NXP Semiconductors

  TDA18254AHN Datasheet HTML 1Page - NXP Semiconductors TDA18254AHN Datasheet HTML 2Page - NXP Semiconductors TDA18254AHN Datasheet HTML 3Page - NXP Semiconductors TDA18254AHN Datasheet HTML 4Page - NXP Semiconductors TDA18254AHN Datasheet HTML 5Page - NXP Semiconductors TDA18254AHN Datasheet HTML 6Page - NXP Semiconductors TDA18254AHN Datasheet HTML 7Page - NXP Semiconductors TDA18254AHN Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TDA18254AHN_SDS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product short data sheet
Rev. 4 — 10 May 2011
2 of 8
NXP Semiconductors
TDA18254AHN
Cable Silicon Tuner
Alignment free
Fully integrated oscillators:
No external oscillator components for reduced cost
16 MHz crystal oscillator output buffer for single crystal applications
I2C-bus provides:
3.3 V microcontroller compatibility
Received Signal Strength Indicator (RSSI) data access
Die temperature sensor data access
Lead-free (Pb) manufacturing
3.
Quick reference data
4.
Ordering information
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fRF
RF frequency
edge
51
-
1002
MHz
NFtun
tuner noise figure
maximum gain
-
7.5
8.5
dB
ϕ
n
phase noise
worst case in the RF
frequency range
10 kHz
-
−85
-
dBc/Hz
100 kHz
-
−105
-
dBc/Hz
P
power dissipation
-
0.91
-
W
α
image
image rejection
55
62
-
dB
Table 2.
Ordering information
Type number
Package
Name
Description
Version
TDA18254AHN/C1 HVQFN48 plastic thermal enhanced very thin quad flat package;
no leads; 48 terminals; body 7
× 7 × 0.85 mm
SOT619-1


Podobny numer części - TDA18254AHN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA18250AHN NXP-TDA18250AHN Datasheet
130Kb / 8P
   Cable silicon tuner
Rev. 1 ??10 July 2013
TDA18250AHN/C1 NXP-TDA18250AHN/C1 Datasheet
130Kb / 8P
   Cable silicon tuner
Rev. 1 ??10 July 2013
TDA18250BHN NXP-TDA18250BHN Datasheet
121Kb / 8P
   Cable silicon tuner
Rev. 2 ??10 July 2013
TDA18250BHN/C1 NXP-TDA18250BHN/C1 Datasheet
121Kb / 8P
   Cable silicon tuner
Rev. 2 ??10 July 2013
TDA18250C1 NXP-TDA18250C1 Datasheet
183Kb / 8P
   Cable Silicon Tuner
Rev. 1-12 August 2010
More results

Podobny opis - TDA18254AHN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ANADIGICS, Inc
AIT1042 ANADIGICS-AIT1042 Datasheet
990Kb / 19P
   Integrated Digital Tuner with RF and IF Gain Control
logo
NXP Semiconductors
TDA18250HN NXP-TDA18250HN Datasheet
183Kb / 8P
   Cable Silicon Tuner
Rev. 1-12 August 2010
TDA18250AHN NXP-TDA18250AHN Datasheet
130Kb / 8P
   Cable silicon tuner
Rev. 1 ??10 July 2013
TDA18252HN NXP-TDA18252HN Datasheet
170Kb / 6P
   Cable Silicon Tuner
Rev. 3-16 August 2010
TDA18250HN NXP-TDA18250HN_V01 Datasheet
139Kb / 8P
   Cable Silicon Tuner
Rev.6-22 December 2011
TDA18250BHN NXP-TDA18250BHN Datasheet
121Kb / 8P
   Cable silicon tuner
Rev. 2 ??10 July 2013
TDA18260HN NXP-TDA18260HN_V01 Datasheet
71Kb / 8P
   Dual cable silicon tuner
Rev. 5-4 July 2012
CX24113A-12Z NXP-CX24113A-12Z Datasheet
671Kb / 2P
   Highly integrated, worldwide satellite silicon tuner
2008
logo
SJM Prewell. All Rights...
PG671 SJM-PG671 Datasheet
395Kb / 9P
   Wideband Gain Block
PNW351 SJM-PNW351 Datasheet
422Kb / 11P
   Wideband Gain Block
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com