Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LB15SKW01-12-CJ Arkusz danych(PDF) 3 Page - GREATECS

Numer części LB15SKW01-12-CJ
Szczegółowy opis  Standard Size Snap-in Pushbuttons
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  GREATECS [GREATECS]
Strona internetowa  http://www.greatecs.com
Logo GREATECS - GREATECS

LB15SKW01-12-CJ Arkusz danych(HTML) 3 Page - GREATECS

  LB15SKW01-12-CJ Datasheet HTML 1Page - GREATECS LB15SKW01-12-CJ Datasheet HTML 2Page - GREATECS LB15SKW01-12-CJ Datasheet HTML 3Page - GREATECS LB15SKW01-12-CJ Datasheet HTML 4Page - GREATECS LB15SKW01-12-CJ Datasheet HTML 5Page - GREATECS LB15SKW01-12-CJ Datasheet HTML 6Page - GREATECS LB15SKW01-12-CJ Datasheet HTML 7Page - GREATECS LB15SKW01-12-CJ Datasheet HTML 8Page - GREATECS LB15SKW01-12-CJ Datasheet HTML 9Page - GREATECS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Illuminated Switches
Standard Size Snap-in Pushbuttons
LB Series
sales@greatecs.com
www.greatecs.com
3
CUTAWAY
POLE & CIRCUIT
Plunger Position
( ) = Momentary
Connected Terminals
Throw & Switch/Lamp Schematics
Pole
Model
Normal
Down
Normal
Down
Notes: Switch is marked with NC, NO, COM, L+, L–.
Lamp circuit is isolated and requires
external power source.
SP
LB15
*
ON
ON
(ON)
ON
1-3
1-2
SPDT
DP
*
ON
ON
(ON)
ON
1-3 4-6
1-2 4-5
DPDT
* When in latchdown position for the alternate circuit, cap position is .039” (1.0mm) above the built-in bezel.
L (+)
(-) L
L (+)
(-) L
1
32
COM
NO
NC
4
6
1
32
5
COM
COM
NC
NC
NO
NO
LB16
LB25
LB26
SHAPES & PANEL CUTOUTS
S
.622” (15.8mm)
Square
.854” (21.7mm)
Round
.622” x .866” (15.8mm x 22.0mm)
Rectangular
(16.2) Sq
.638
(22.0) Dia
.866
(11.5)
.453
(1.5)R
.059
(22.4)
.882
(16.2)
.638
Cutout for 1 switch:
.638” x .638” (16.2mm x 16.2mm)
Cutout for 1 switch with barriers:
.638” x .815” (16.2mm x 20.7mm)
Cutout for 1 switch:
.638” x .882” (16.2mm x 22.4mm)
Cutout for 1 switch with barriers:
.638” x 1.059” (16.2mm x 26.9mm)
Panel Thickness for Switches & Barriers:
.039” ~ .157” (1.0 ~ 4.0mm)
Panel Thickness for Protective Guards & Splash Covers:
.039” ~ .138” (1.0 ~ 3.5mm)
C
R
determined at a basic temperature of
25°C. Lamp circuit is isolated and
requires external power source.
Recommended Resistors for Neon:
33K ohms for 110V AC;
100K ohms for 220V AC
*
Voltage
V
5V AC
12V AC
110V AC
Current
I
115mA
60mA
1.5mA
Endurance
Hours
7,000
10,000
Ambient Temp. Range
–25°C ~ +50°C
05
T-1 Bi-pin
AT607 & AT607N
AT607 Incandescent 5-volt or
12-volt; AT607N Neon 110-volt
*
Avg.
01
12
INCANDESCENT & NEON LAMP CODES & SPECIFICATIONS


Podobny numer części - LB15SKW01-12-CJ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nihon Kaiheiki Industry...
LB15SKW01-12-CJ NKK-LB15SKW01-12-CJ Datasheet
2Mb / 20P
   Standard Size Pushbuttons
More results

Podobny opis - LB15SKW01-12-CJ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nihon Kaiheiki Industry...
LB15SKW01-05-BJ NKK-LB15SKW01-05-BJ Datasheet
386Kb / 10P
   Standard Size Pushbuttons
logo
List of Unclassifed Man...
LB15SKW01-5C12-JC ETC2-LB15SKW01-5C12-JC Datasheet
933Kb / 12P
   Standard Size Pushbuttons
logo
Nihon Kaiheiki Industry...
LB15SKW01 NKK-LB15SKW01 Datasheet
2Mb / 20P
   Standard Size Pushbuttons
LB15SKW01-A NKK-LB15SKW01-A Datasheet
359Kb / 9P
   Standard Size Pushbuttons
logo
List of Unclassifed Man...
LB16WKW01-5C12-JC ETC2-LB16WKW01-5C12-JC Datasheet
608Kb / 9P
   Standard Size Pushbuttons
logo
Nihon Kaiheiki Industry...
LB15WKW01-BJ NKK-LB15WKW01-BJ Datasheet
237Kb / 6P
   Standard Size Panel Seal Pushbuttons
MB2411E1W01-FA NKK-MB2411E1W01-FA Datasheet
139Kb / 6P
   Snap-Action Pushbuttons
MB2411A2W13 NKK-MB2411A2W13 Datasheet
255Kb / 8P
   Snap-Action Pushbuttons
MB2411E1W01 NKK-MB2411E1W01 Datasheet
163Kb / 6P
   Snap-Action Pushbuttons
SCB15P15A-1A NKK-SCB15P15A-1A Datasheet
189Kb / 3P
   Snap Switch Pushbuttons
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com