Zakładka z wyszukiwarką danych komponentów |
|
TP3J38KBK Arkusz danych(PDF) 1 Page - GREATECS |
|
TP3J38KBK Arkusz danych(HTML) 1 Page - GREATECS |
|
1 / 1 page Tactile Switches 6 x 6 mm Washable Tactile Switches TP3 Series TP3H THT Terminals TP3S SMT Terminals General Specifications: FEATURES » Sharp click feel with a positive tactile feedback » Seal characteristics: - The washable type switches allow submersed washing after soldering. - Proceed the cleaning process after the S/W temperature decreases to normal. - Degree of protection: IP46 MATERIALS » Terminal: Brass with silver plated » Contact: Stainless steel MECHANICAL » Operation Temperature: -25°C to +70°C » Storage Temperature: -30°C to +80°C ELECTRICAL » Electrical Life: 500,000 cycles for TP3_38, 35K(C)J, 45K(C) & 52B(C)J 100,000 cycles for TP3_31K, 23U & TP4S31KG » Rating: 50mA, 12VDC » Contact Arrangement: 1 pole 1 throw LEADFREE SOLDERING PROCESSES » 260°C max. 5 seconds for THT terminals » 260°C max. 10 seconds for SMT terminals TP3 How to order: 1 2 3 4 sales@greatecs.com www.greatecs.com TP3J SMT J-Bending Terminals 6.20 Ø3.0 6.50±0.50 7.90±0.50 6.50±0.10 1.0±0.05 CIRCUIT DIAGRAM P.C.B. LAYOUT 6.20 Ø3.0 6.50±0.50 7.90±0.50 6.20 Ø3.0 6.50±0.50 7.90±0.50 5.80 6.20 6.50±0.50 7.90±0.50 CIRCUIT DIAGRAM P.C.B. LAYOUT 11.00 6.80 9.00 6.20 Ø3.0 0°~10° 5.80 Ø3.0 0°~10° 9.00 6.20 9.00 6.20 9.00 6.20 Ø3.0 0°~10° CIRCUIT DIAGRAM 6.20 Ø3.0 0°~10° 4.50 6.80 6.20 Ø3.0 0°~10° 4.50 6.80 5.80 6.20 Ø3.0 0°~10° 4.50 6.80 5.80 6.20 0°~10° 4.50 6.80 5.80 8.60 4.00 P.C.B. LAYOUT TP3H45: H=4.5 TP3H52: H=5.2 TP3H35: H=3.5 TP3H38: H=3.8 TP3H31: H=3.1 TP3H23: H=2.3 H S J 23 31 35 38 45 52 77 K U C J BK TB TR TYPE OF TERMINALS: THT SMT SMT J-Bending DIMENSION “H“: H = 2.3mm H = 3.1mm H = 3.5mm H = 3.8mm H = 4.5mm H = 5.2mm H = 7.7mm (Only for SMT J-Bending Terminals) STEM COLOR & OPERATING FORCE: Brown & 160±50gf (Only for H=3.1mm) Brown & 180±50gf (Only for H=3.5 / 3.8 / 4.5 / 5.2mm) Silver & 160±50gf (Only for H=2.3mm) Red & 260±70gf (Only for H=3.5 / 3.8 / 4.5 / 5.2mm) Transparent & 360±90gf (Only for H=3.5 / 3.8 / 5.2 / 7.7mm) PACKAGE: Bulk (Only for SMT J-Bending Terminals) Tube Tape & Reel 1 2 3 4 General Tolerance: ± 0.2 mm TP3S45: H=4.5 TP3S52: H=5.2 TP3S35: H=3.5 TP3S38: H=3.8 TP3S31: H=3.1 TP3S23: H=2.3 TP3J35: H=3.5 TP3J38: H=3.8 TP3J45: H=4.5 TP3J52: H=5.2 TP3J31: H=3.1 TP3J23: H=2.3 E03 Individual stem heights available by request |
Podobny numer części - TP3J38KBK |
|
Podobny opis - TP3J38KBK |