Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9146-M5375-EBZ Arkusz danych(PDF) 8 Page - Analog Devices

Numer części AD9146-M5375-EBZ
Szczegółowy opis  Dual, 16-Bit, 1230 MSPS, TxDAC Digital-to-Analog Converter
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9146-M5375-EBZ Arkusz danych(HTML) 8 Page - Analog Devices

Back Button AD9146-M5375-EBZ Datasheet HTML 4Page - Analog Devices AD9146-M5375-EBZ Datasheet HTML 5Page - Analog Devices AD9146-M5375-EBZ Datasheet HTML 6Page - Analog Devices AD9146-M5375-EBZ Datasheet HTML 7Page - Analog Devices AD9146-M5375-EBZ Datasheet HTML 8Page - Analog Devices AD9146-M5375-EBZ Datasheet HTML 9Page - Analog Devices AD9146-M5375-EBZ Datasheet HTML 10Page - Analog Devices AD9146-M5375-EBZ Datasheet HTML 11Page - Analog Devices AD9146-M5375-EBZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
AD9146
Rev. 0 | Page 8 of 52
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
NOTES
1. THE EXPOSED PAD (EPAD) MUST BE SOLDERED TO THE GROUND PLANE
(AVSS). THE EPAD PROVIDES AN ELECTRICAL, THERMAL, AND
MECHANICAL CONNECTION TO THE BOARD.
1
2
3
4
5
6
7
8
9
10
11
12
CVDD18
CVDD18
DACCLKP
DACCLKN
CVSS
REFCLKP
REFCLKN
DVDD18
D7P
D7N
D6P
D6N
DVDD18
IRQ
CS
SCLK
SDIO
TXENABLE
DVDD18
D0N
D0P
D1N
D1P
35
RESET
36
34
33
32
31
30
29
28
27
26
25
AD9146
TOP VIEW
(Not to Scale)
PIN 1
INDICATOR
Figure 3. Pin Configuration
Table 8. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
CVDD18
1.8 V Clock Supply. Supplies clock receivers, clock distribution, and PLL circuitry.
2
CVDD18
1.8 V Clock Supply. Supplies clock receivers, clock distribution, and PLL circuitry.
3
DACCLKP
DAC Clock Input, Positive.
4
DACCLKN
DAC Clock Input, Negative.
5
CVSS
Clock Supply Common.
6
REFCLKP
PLL Reference Clock Input, Positive. This pin has a secondary function as a synchronization input.
7
REFCLKN
PLL Reference Clock Input, Negative. This pin has a secondary function as a synchronization input.
8
DVDD18
1.8 V Digital Supply. Supplies power to digital core and digital data ports.
9
D7P
Data Bit 7 (MSB), Positive.
10
D7N
Data Bit 7 (MSB), Negative.
11
D6P
Data Bit 6, Positive.
12
D6N
Data Bit 6, Negative.
13
D5P
Data Bit 5, Positive.
14
D5N
Data Bit 5, Negative.
15
D4P
Data Bit 4, Positive.
16
D4N
Data Bit 4, Negative.
17
DCIP
Data Clock Input, Positive.
18
DCIN
Data Clock Input, Negative.
19
FRAMEP
Frame Input, Positive.
20
FRAMEN
Frame Input, Negative.
21
D3P
Data Bit 3, Positive.
22
D3N
Data Bit 3, Negative.
23
D2P
Data Bit 2, Positive.
24
D2N
Data Bit 2, Negative.
25
D1P
Data Bit 1, Positive.
26
D1N
Data Bit 1, Negative.
27
D0P
Data Bit 0 (LSB), Positive.


Podobny numer części - AD9146-M5375-EBZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9146-M5375-EBZ AD-AD9146-M5375-EBZ Datasheet
914Kb / 56P
   TxDAC Digital-to-Analog Converter
More results

Podobny opis - AD9146-M5375-EBZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9125 AD-AD9125 Datasheet
889Kb / 56P
   Dual, 16-Bit, 1000 MSPS, TxDAC Digital-to-Analog Converter
REV. 0
AD9142 AD-AD9142 Datasheet
1Mb / 65P
   Dual, 16-Bit, 1600 MSPS, TxDAC Digital-to-Analog Converter
REV. 0
AD9139 AD-AD9139 Datasheet
1Mb / 56P
   16-Bit, 1600 MSPS, TxDAC Digital-to- Analog Converter
REV. 0
AD9122 AD-AD9122 Datasheet
1Mb / 56P
   Dual, 16-Bit, 1200 MSPS, TxDAC짰 Digital-to-Analog Converter
REV. 0
AD9709 AD-AD9709_09 Datasheet
597Kb / 32P
   8-Bit, 125 MSPS, Dual TxDAC Digital-to-Analog Converter
REV. B
AD9742ACPZ AD-AD9742ACPZ Datasheet
1Mb / 32P
   12-Bit, 210 MSPS TxDAC Digital-to-Analog Converter
REV. C
logo
Texas Instruments
ADS54J69 TI1-ADS54J69 Datasheet
3Mb / 75P
[Old version datasheet]   Dual-Channel, 16-Bit, 500-MSPS, Analog-to-Digital Converter
logo
Analog Devices
AD9139 AD-AD9139_14 Datasheet
1,018Kb / 56P
   TxDAC Digital-to- Analog Converter
AD9148 AD-AD9148 Datasheet
851Kb / 73P
   Quad 16-Bit,1 GSPS, TxDAC Digital-to-Analog Converter
Rev. PrA
logo
Burr-Brown (TI)
ADS1610 BURR-BROWN-ADS1610_07 Datasheet
666Kb / 26P
   16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com