Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADM1276 Arkusz danych(PDF) 10 Page - Analog Devices

Numer części ADM1276
Szczegółowy opis  Hot Swap Controller and Digital Power and Energy Monitoring with PMBus Interface
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADM1276 Arkusz danych(HTML) 10 Page - Analog Devices

Back Button ADM1276 Datasheet HTML 6Page - Analog Devices ADM1276 Datasheet HTML 7Page - Analog Devices ADM1276 Datasheet HTML 8Page - Analog Devices ADM1276 Datasheet HTML 9Page - Analog Devices ADM1276 Datasheet HTML 10Page - Analog Devices ADM1276 Datasheet HTML 11Page - Analog Devices ADM1276 Datasheet HTML 12Page - Analog Devices ADM1276 Datasheet HTML 13Page - Analog Devices ADM1276 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
ADM1276
Rev. 0 | Page 10 of 48
Pin No.
Mnemonic
Description
16
GATE
Gate Output Pin. This pin is the high-side gate drive of an external N-channel FET. This pin is driven by the FET
drive controller, which uses a charge pump to provide a pull-up current to charge the FET gate pin. The FET drive
controller regulates to a maximum load current by regulating the GATE pin. GATE is held low when the supply is
below UVLO.
17
SENSE−
Negative Current Sense Input Pin. A sense resistor between the SENSE+ pin and the SENSE− pin sets the analog
current limit. The hot swap operation of the ADM1276 controls the external FET gate to maintain the sense
voltage (VSENSE+ − VSENSE−). This pin also connects to the FET drain pin.
18
SENSE+
Positive Current Sense Input Pin. This pin connects to the main supply input. A sense resistor between the
SENSE+ pin and the SENSE− pin sets the analog current limit. The hot swap operation of the ADM1276 controls
the external FET gate to maintain the sense voltage (VSENSE+ − VSENSE−). This pin is also used to measure the supply
input voltage using the ADC.
N/A1
EP
Exposed Pad. The exposed pad is located on the underside of the LFCSP package. Solder the exposed pad to the
printed circuit board (PCB) to improve thermal dissipation. The exposed pad can be connected to ground.
1 N/A means not applicable.


Podobny numer części - ADM1276

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM1270 AD-ADM1270 Datasheet
378Kb / 21P
   High Voltage Input Protection Device
ADM1270ACPZ-R2 AD-ADM1270ACPZ-R2 Datasheet
378Kb / 21P
   High Voltage Input Protection Device
ADM1270ACPZ-R7 AD-ADM1270ACPZ-R7 Datasheet
378Kb / 21P
   High Voltage Input Protection Device
ADM1270ARQZ AD-ADM1270ARQZ Datasheet
378Kb / 21P
   High Voltage Input Protection Device
ADM1270ARQZ-R7 AD-ADM1270ARQZ-R7 Datasheet
378Kb / 21P
   High Voltage Input Protection Device
More results

Podobny opis - ADM1276

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM1278 AD-ADM1278 Datasheet
874Kb / 61P
   Hot Swap Controller and Digital Power and Energy Monitor with PMBus Interface
ADM1272 AD-ADM1272 Datasheet
578Kb / 57P
   High Voltage Positive Hot Swap Controller and Digital Power Monitor with PMBus
EVAL-ADM1275EBZ AD-EVAL-ADM1275EBZ Datasheet
741Kb / 48P
   Hot-Swap Controller and Digital Power
REV. D
ADM1178 AD-ADM1178 Datasheet
203Kb / 16P
   Hot Swap Controller and Digital Power Monitor with AlertB Output
Rev. PrD May 2006
ADM1175 AD-ADM1175 Datasheet
693Kb / 24P
   Hot Swap Controller and Digital Power Monitor with Convert Pin
REV. 0
ADM1075 AD-ADM1075 Datasheet
745Kb / 52P
   ??8 V Hot Swap Controller and Digital
REV. A
logo
Texas Instruments
LM5066 TI1-LM5066_16 Datasheet
2Mb / 65P
[Old version datasheet]   Hotswap Controller With I/V/P Monitoring and PMBus Interface
logo
Linear Technology
LTC4215-1 LINER-LTC4215-1_15 Datasheet
317Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4215-3 LINER-LTC4215-3_15 Datasheet
317Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4215-2 LINER-LTC4215-2_15 Datasheet
271Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com