Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADXL206HDZ Arkusz danych(PDF) 10 Page - Analog Devices

Numer części ADXL206HDZ
Szczegółowy opis  Precision, 짹5 g, Dual-Axis, High Temperature iMEMS Accelerometer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADXL206HDZ Arkusz danych(HTML) 10 Page - Analog Devices

Back Button ADXL206HDZ Datasheet HTML 4Page - Analog Devices ADXL206HDZ Datasheet HTML 5Page - Analog Devices ADXL206HDZ Datasheet HTML 6Page - Analog Devices ADXL206HDZ Datasheet HTML 7Page - Analog Devices ADXL206HDZ Datasheet HTML 8Page - Analog Devices ADXL206HDZ Datasheet HTML 9Page - Analog Devices ADXL206HDZ Datasheet HTML 10Page - Analog Devices ADXL206HDZ Datasheet HTML 11Page - Analog Devices ADXL206HDZ Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ADXL206
Rev. 0 | Page 10 of 12
APPLICATIONS INFORMATION
POWER SUPPLY DECOUPLING
For most applications, a single 0.1 μF capacitor, CDC, adequately
decouples the accelerometer from noise on the power supply. In
some cases, however, particularly where noise is present at the
140 kHz internal clock frequency (or any harmonic thereof),
noise on the supply can cause interference on the ADXL206
output. If additional decoupling is needed, a 100 Ω (or smaller)
resistor or ferrite bead can be inserted in the supply line of the
ADXL206. Additionally, a larger bulk bypass capacitor (in the
1 μF to 22 μF range) can be added in parallel to CDC.
SETTING THE BANDWIDTH USING CX AND CY
The ADXL206 has provisions for band-limiting the XOUT and
YOUT pins. A capacitor must be added to the pin to implement
low-pass filtering for antialiasing and noise reduction. The
equation for the 3 dB bandwidth is
f−3 dB = 1/(2π(32 kΩ) × Cx)
or more simply,
f−3 dB = 5 μF/Cx
The tolerance of the internal resistor (RFILT) can vary typically
as much as ±25% of its nominal value (32 kΩ); thus, the band-
width varies accordingly. A minimum capacitance of 2000 pF
for CX and CY is required in all cases.
Table 6. Filter Capacitor Selection, CX and CY
Bandwidth (Hz)
Capacitor (μF)
1
4.7
10
0.47
50
0.10
100
0.05
200
0.027
500
0.01
SELF-TEST
The ST pin controls the self-test feature. When this pin is set to
VS, an electrostatic force is exerted on the beam of the acceler-
ometer. The resulting movement of the beam allows the user to
test whether the accelerometer is functional. The typical change
in output is 800 mg (corresponding to 250 mV). This pin can be
left open-circuit or connected to common in normal use.
The ST pin should never be exposed to voltage greater than
VS + 0.3 V. If the system design is such that this condition
cannot be guaranteed (that is, multiple supply voltages are
present), it is recommended that a clamping diode with low
forward voltage be connected between ST and VS.
DESIGN TRADE-OFFS FOR SELECTING FILTER
CHARACTERISTICS: NOISE/BANDWIDTH TRADE-OFF
The accelerometer bandwidth selected ultimately determines
the measurement resolution (smallest detectable acceleration).
Filtering can be used to lower the noise floor, improving the
resolution of the accelerometer. Resolution is dependent on the
analog filter bandwidth at XOUT.
The output of the ADXL206 has a typical bandwidth of 2.5 kHz.
The user must filter the signal at this point to limit aliasing
errors. The analog bandwidth must be no more than half the
analog-to-digital sampling frequency to minimize aliasing. The
analog bandwidth can be further decreased to reduce noise and
improve resolution.
The ADXL206 noise has the characteristics of white Gaussian noise,
which contributes equally at all frequencies and is described in
terms of μg/√Hz (that is, the noise is proportional to the square root
of the accelerometer bandwidth). The user should limit bandwidth
to the lowest frequency needed by the application to maximize
the resolution and dynamic range of the accelerometer.
With the single-pole roll-off characteristic, the typical noise of
the ADXL206 is determined by
(
) (
)6
.
1
Hz
/
110
BW
g
Noise
rms
×
×
μ
=
At 100 Hz, the noise is
(
) (
)
g
g
Noise
rms
m
4
.
1
6
.
1
100
Hz
/
110
=
×
×
μ
=
Often, the peak value of the noise is desired. Peak-to-peak noise
can only be estimated by statistical methods. Table 7 is useful
for estimating the probability of exceeding various peak values,
given the rms value.
Table 7. Estimation of Peak-to-Peak Noise
Peak-to-Peak Value
% of Time That Noise Exceeds
Nominal Peak-to-Peak Value
2 × rms
32
4 × rms
4.6
6 × rms
0.27
8 × rms
0.006
Peak-to-peak noise values give the best estimate of the uncer-
tainty in a single measurement; peak-to-peak noise is estimated
by 6 × rms. Table 8 gives the typical noise output of the ADXL206
for various CX and CY values.
Table 8. Typical Noise Output for Various Capacitor Values
Bandwidth (Hz)
CX, CY
(μF)
RMS Noise
(mg)
Peak-to-Peak Noise
Estimate (mg)
10
0.47
0.4
2.6
50
0.1
1.0
6
100
0.047
1.4
8.4
500
0.01
3.1
18.7


Podobny numer części - ADXL206HDZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADXL202 AD-ADXL202 Datasheet
124Kb / 11P
   Low Cost -2 g/-10 g Dual Axis iMEMS Accelerometers with Digital Output
REV. B
ADXL202AE AD-ADXL202AE Datasheet
154Kb / 12P
   Low-Cost -2 g Dual-Axis Accelerometer with Duty Cycle Output
REV. A
ADXL202AQC AD-ADXL202AQC Datasheet
124Kb / 11P
   Low Cost -2 g/-10 g Dual Axis iMEMS Accelerometers with Digital Output
REV. B
ADXL202E AD-ADXL202E Datasheet
154Kb / 12P
   Low-Cost -2 g Dual-Axis Accelerometer with Duty Cycle Output
REV. A
ADXL202E AD-ADXL202E Datasheet
147Kb / 12P
   Low-Cost 2 g Dual-Axis Accelerometer with Duty Cycle Output
More results

Podobny opis - ADXL206HDZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADXL103 AD-ADXL103_15 Datasheet
853Kb / 16P
   Precision 1.7 g, 5 g, 18 g Single-/ Dual-Axis iMEMS Accelerometer
Rev. E
ADXL203 AD-ADXL203_15 Datasheet
853Kb / 16P
   Precision 1.7 g, 5 g, 18 g Single-/ Dual-Axis iMEMS Accelerometer
AD22293Z AD-AD22293Z Datasheet
618Kb / 16P
   Precision 짹1.7 g, 짹5 g, 짹18 g Single-/ Dual-Axis iMEMS짰 Accelerometer
REV. D
ADXL278 AD-ADXL278_15 Datasheet
169Kb / 12P
   Dual-Axis, High-g, iMEMS Accelerometers
ADXL180 AD-ADXL180 Datasheet
865Kb / 56P
   Configurable, High g, iMEMS Accelerometer
REV. 0
ADXL103 AD-ADXL103 Datasheet
438Kb / 12P
   Precision 짹1.7 g Single/Dual Axis Accelerometer
REV. 0
logo
MEMSIC Semiconductor (T...
MXP7205VF MEMSIC-MXP7205VF Datasheet
603Kb / 12P
   Low Cost 짹5 g Dual-Axis Accelerometer with SPI Interface
Rev.E
logo
Analog Devices
ADXL325 AD-ADXL325 Datasheet
309Kb / 16P
   Small, Low Power, 3-Axis 짹5 g Accelerometer
REV. 0
ADXL323 AD-ADXL323_15 Datasheet
461Kb / 16P
   Small, Low Power, 2-Axis 3 g iMEMS Accelerometer
ADXL330 AD-ADXL330_15 Datasheet
490Kb / 16P
   Small, Low Power, 3-Axis 3 g iMEMS Accelerometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com