Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PD-3506G Arkusz danych(PDF) 3 Page - Microsemi Corporation

Numer części PD-3506G
Szczegółowy opis  PowerDsine 3500G Series
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROSEMI [Microsemi Corporation]
Strona internetowa  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PD-3506G Arkusz danych(HTML) 3 Page - Microsemi Corporation

  PD-3506G Datasheet HTML 1Page - Microsemi Corporation PD-3506G Datasheet HTML 2Page - Microsemi Corporation PD-3506G Datasheet HTML 3Page - Microsemi Corporation PD-3506G Datasheet HTML 4Page - Microsemi Corporation PD-3506G Datasheet HTML 5Page - Microsemi Corporation PD-3506G Datasheet HTML 6Page - Microsemi Corporation PD-3506G Datasheet HTML 7Page - Microsemi Corporation PD-3506G Datasheet HTML 8Page - Microsemi Corporation PD-3506G Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
P
Poow
weerrD
Dssiinnee 33550000G
G SSeerriieess
Copyright © 2009
Microsemi
3
Rev 1.1 27-Jul-09
Analog Mixed Signal Group
2381 Morse Avenue, Irvine, CA 92614, USA; Phone (USA): (800) 713-4113, (ROW): (949) 221-7100 Fax: (949) 756-0308
Contents
1
SAFETY INFORMATION ................................................................................5
1.1 General Guidelines ......................................................................................... 5
1.2 Power Cord ..................................................................................................... 6
2
ABOUT THE POWER OVER ETHERNET MIDSPAN ...........................................7
2.1 Power Management ........................................................................................ 7
2.2 10/100/1000BASE-TX Ports Definition............................................................ 8
2.3 Indicators......................................................................................................... 9
2.4 Connectors.................................................................................................... 11
3
INSTALLING THE POWER OVER ETHERNET MIDSPAN ..................................12
3.1 Background Information ................................................................................ 12
3.2 Verifying Kit Contents.................................................................................... 13
3.3 Rack Mounting Brackets ............................................................................... 13
3.4 Installation Factors ........................................................................................ 13
3.5 Connecting Ethernet Cables ......................................................................... 14
3.6 Connecting Power Cables............................................................................. 14
3.7 Powering up the Unit..................................................................................... 14
4
TROUBLESHOOTING .................................................................................16
4.1 Preliminary Steps .......................................................................................... 16
4.2 Troubleshooting Steps .................................................................................. 16
5
SPECIFICATIONS.......................................................................................18
5.1 Physical Specifications.................................................................................. 18
5.2 Environmental Specifications ........................................................................ 18
5.3 Electrical Specifications................................................................................. 18


Podobny numer części - PD-3506G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Optoway Technology Inc
PD-3500-F OPTOWAY-PD-3500-F Datasheet
76Kb / 2P
   InGaAs PIN PD MODULES InGaAs PIN PHOTODIODE WITH RECEPTACLE
PD-3500-F OPTOWAY-PD-3500-F Datasheet
76Kb / 2P
   GaAs PIN PD MODULES GaAs PIN PHOTODIODE WITH RECEPTACLE
PD-3500-FB OPTOWAY-PD-3500-FB Datasheet
76Kb / 2P
   InGaAs PIN PD MODULES InGaAs PIN PHOTODIODE WITH RECEPTACLE
PD-3500-FB OPTOWAY-PD-3500-FB Datasheet
76Kb / 2P
   GaAs PIN PD MODULES GaAs PIN PHOTODIODE WITH RECEPTACLE
PD-3500-S OPTOWAY-PD-3500-S Datasheet
76Kb / 2P
   InGaAs PIN PD MODULES InGaAs PIN PHOTODIODE WITH RECEPTACLE
More results

Podobny opis - PD-3506G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
   MA430 Series 400A MA430 Series 400A
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
   NBB Series and NDA Series Reliability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com