Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UFT21150 Arkusz danych(PDF) 1 Page - Microsemi Corporation

Numer części UFT21150
Szczegółowy opis  Ultrafast Recovery Modules
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROSEMI [Microsemi Corporation]
Strona internetowa  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

UFT21150 Arkusz danych(HTML) 1 Page - Microsemi Corporation

  UFT21150 Datasheet HTML 1Page - Microsemi Corporation UFT21150 Datasheet HTML 2Page - Microsemi Corporation UFT21150 Datasheet HTML 3Page - Microsemi Corporation UFT21150 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ROHS Compliant
Reverse Voltage
Repetitive Peak
Working Peak
Reverse Voltage
*Add Suffix A for Common Anode, D for Doubler
T
15-20 inch pounds
Junction to case
0.32°C/W
R0
0
R
-55°C to 175°C
T
Mounting Torque
Max thermal resistance per leg
Operating junction temp range
Storage temp range
Thermal and Mechanical Characteristics
175°C Junction Temperature
T
*Pulse test: Pulse width 300µsec, Duty cycle 2%
Average forward current per pkg
T
T
T
T
I
V
V
Max peak reverse current per leg
Max peak reverse current per leg
Max peak forward voltage per leg
Maximum surge current per leg
RRM, J = 125°C*
8.3ms, half sine, J = 175°C
UFT210, 211 & 212
Ultrafast Recovery Modules
Microsemi
Catalog Number
100V
150V
200V
300V
400V
500V
600V
800V
UFT21010*
UFT21015*
UFT21020*
UFT21130*
UFT21140*
UFT21150*
UFT21260*
UFT21280*
800V
600V
500V
400V
300V
200V
150V
100V
Max reverse recovery time per leg
F(AV)
C
FSM
I
FM
rr
RM
RM
I
I
t
V
T
UFT210
UFT212
UFT211
200A
200A
200A
130°C
116°C
110°C
1000A
800A
700A
.975V
1.25V
1.35V
75ns
90ns
120ns
4.0mA
25µA
Electrical Characteristics
FM = 100A: J = 25°C*
1A, 30V J = 25°C
RRM, J = 25°C
Square Wave
0.64°C/W
Ultra Fast Recovery
RRM 100 to 800 Volts
V
Electrically isolated base
2 X 100 Amp current rating
F(AV) 100A
100A
100A
Square Wave
I
I
Case Temperature
Average forward current per leg
R = 10V, J = 25°C
CJ
Typical Junction capacitance
V
T
700pF
250pF
200pF
R0JC = 0.64°C/W
STG
J
-55°C to 175°C
JC
JC
Case to sink
0.1°C/W
Junction to case
Typical thermal resistance (greased)
Weight
2.5 ounces (71 grams) typical
CS
0
R
700V
UFT21270*
700V
Baseplate: Nickel plated copper;
D=Doubler
A=Common Anode
Common Cathode
J
Q
H
M
P
L
G
R
F
D
electrically isolated
Pins: Nickel plated copper
Notes:
K
1
2
1
2
E
C
1
A
2
3
N 4 Places
B
1
2
Notes
to Lead C
R 0.890
TO-249
3
3
K 0.240
0.330
0.175
0.035
0.445
0.490
N
Q
P
M
L
0.990
2.390
0.120
---
1.500
G
J
H
F
E
0.910
23.11
22.61
6.10
0.260
0.195
0.045
0.455
0.350
0.510
4.45
0.89
11.30
8.38
12.45
1.525
0.130
0.400
1.010
2.410
38.10
3.05
---
25.15
60.71
6.60
6.90
4.95
1.14
11.56
12.95
25.65
61.21
3.30
10.16
38.70
Dim. Inches
3
1.995
0.300
0.495
Min.
0.182
C
D
B
A
Millimeters
0.325
0.505
0.192
2.005
Max.
7.62
12.57
4.62
50.67
Min.
50.93
8.26
12.83
Max.
4.88
L
Dia.
Dia.
Max thermal resistance per pkg
January, 2010 - Rev. 2
www.microsemi.com


Podobny numer części - UFT21150

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microsemi Corporation
UFT210 MICROSEMI-UFT210 Datasheet
230Kb / 4P
   ULTRA FAST RECOVERY RECTIFIERS
UFT21010 MICROSEMI-UFT21010 Datasheet
230Kb / 4P
   ULTRA FAST RECOVERY RECTIFIERS
UFT21015 MICROSEMI-UFT21015 Datasheet
230Kb / 4P
   ULTRA FAST RECOVERY RECTIFIERS
UFT21020 MICROSEMI-UFT21020 Datasheet
230Kb / 4P
   ULTRA FAST RECOVERY RECTIFIERS
UFT21030 MICROSEMI-UFT21030 Datasheet
230Kb / 4P
   ULTRA FAST RECOVERY RECTIFIERS
More results

Podobny opis - UFT21150

ProducentNumer częściArkusz danychSzczegółowy opis
logo
GOOD-ARK Electronics
MTT200A60CU GOOD-ARK-MTT200A60CU Datasheet
735Kb / 1P
   Ultrafast Recovery Modules
logo
Microsemi Corporation
HU100 MICROSEMI-HU100 Datasheet
215Kb / 4P
   Ultrafast Recovery Modules
HU20010 MICROSEMI-HU20010_11 Datasheet
117Kb / 2P
   Ultrafast Recovery Modules
HU20260 MICROSEMI-HU20260_11 Datasheet
128Kb / 2P
   Ultrafast Recovery Modules
UFT150 MICROSEMI-UFT150_10 Datasheet
217Kb / 4P
   Ultrafast Recovery Modules
UFT140 MICROSEMI-UFT140_10 Datasheet
218Kb / 4P
   Ultrafast Recovery Modules
HU20010 MICROSEMI-HU20010 Datasheet
126Kb / 2P
   Ultrafast recovery Modules
UFT70SM MICROSEMI-UFT70SM_10 Datasheet
219Kb / 4P
   Ultrafast Recovery Modules
UFT100 MICROSEMI-UFT100_10 Datasheet
217Kb / 4P
   Ultrafast Recovery Modules
UFT120 MICROSEMI-UFT120_10 Datasheet
217Kb / 4P
   Ultrafast Recovery Modules
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com