Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL28118 Arkusz danych(PDF) 1 Page - Intersil Corporation

Numer części ISL28118
Szczegółowy opis  40V Precision Single-Supply, Rail-to-Rail Output, Low-Power
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28118 Arkusz danych(HTML) 1 Page - Intersil Corporation

  ISL28118_11 Datasheet HTML 1Page - Intersil Corporation ISL28118_11 Datasheet HTML 2Page - Intersil Corporation ISL28118_11 Datasheet HTML 3Page - Intersil Corporation ISL28118_11 Datasheet HTML 4Page - Intersil Corporation ISL28118_11 Datasheet HTML 5Page - Intersil Corporation ISL28118_11 Datasheet HTML 6Page - Intersil Corporation ISL28118_11 Datasheet HTML 7Page - Intersil Corporation ISL28118_11 Datasheet HTML 8Page - Intersil Corporation ISL28118_11 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
1
40V Precision Single-Supply, Rail-to-Rail Output,
Low-Power Operational Amplifiers
ISL28118, ISL28218
The ISL28118 and ISL28218 are single and dual, low-power
precision amplifiers optimized for single-supply applications.
These devices feature a common mode input voltage range
extending to 0.5V below the V- rail, a rail-rail differential input
voltage range for use as a comparator, and rail-to-rail output
voltage swing, which makes them ideal for single-supply
applications where input operation at ground is important.
These op amps feature low power, low offset voltage, and low
temperature drift, making them the ideal choice for
applications requiring both high DC accuracy and AC
performance. These amplifiers are designed to operate over a
single supply range of 3V to 40V or a split supply voltage range
of +1.8V/-1.2V to ±20V. The combination of precision and
small footprint provides the user with outstanding value and
flexibility relative to similar competitive parts.
Applications for these amplifiers include precision
instrumentation, data acquisition, precision power supply
controls, and industrial controls.
Both parts are offered in 8 Ld TDFN, 8 Ld SOIC and 8 Ld MSOP
packages. All devices are offered in standard pin
configurations and operate over the extended temperature
range of -40°C to +125°C.
Related Literature
• AN1595: ISL28218SOICEVAL1Z Evaluation Board User’s
Guide
Features
• Rail-to-Rail Output . . . . . . . . . . . . . . . . . . . . . . . . . . . . . <10mV
• Below-Ground (V-) Input Capability to -0.5V
• Rail-to-Rail Input Differential Voltage Range for Comparator
Applications
• Single-Supply Range . . . . . . . . . . . . . . . . . . . . . . . . . 3V to 40V
• Low Current Consumption . . . . . . . . . . . . . . . . . . . . . . . 850µA
• Low Noise Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . 5.6nV/
√Hz
• Low Noise Current . . . . . . . . . . . . . . . . . . . . . . . . . . 355fA/
√Hz
•Low Input Offset Voltage
- ISL28118 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 150µV Max.
- ISL28218 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 230µV Max.
• Superb Offset Voltage Temperature Drift
- ISL28118 . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.2µV/°C, Max.
- ISL28218 . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.4µV/°C, Max.
• Operating Temperature Range. . . . . . . . . . .-40°C to +125°C
• No Phase Reversal
Applications
• Precision Instruments
• Medical Instrumentation
• Data Acquisition
• Power Supply Control
• Industrial Process Control
FIGURE 1. TYPICAL APPLICATION: SINGLE-SUPPLY, LOW-SIDE
CURRENT SENSE AMPLIFIER
FIGURE 2. INPUT OFFSET VOLTAGE vs INPUT COMMON MODE
VOLTAGE, VS = ±15V
IN-
IN+
RF
RREF+
ISL28118
+3V
V-
V+
RIN-
10kΩ
RIN+
10kΩ
-
+
100kΩ
VREF
100kΩ
VOUT
LOAD
RSENSE
GAIN = 10
to 40V
INPUT COMMON MODE VOLTAGE (V)
-400
-300
-200
-100
0
100
200
300
400
-16
-15
-14
-13 13
14
15
16
-40°C
+25°C
+125°C
May 16, 2011
FN7532.2
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
|Copyright Intersil Americas Inc. 2010, 2011. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.


Podobny numer części - ISL28118_11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL28118_1109 INTERSIL-ISL28118_1109 Datasheet
1Mb / 28P
   40V Precision Single-Supply, Rail-to-Rail Output, Low-Power Operational Amplifiers
More results

Podobny opis - ISL28118_11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL28118 INTERSIL-ISL28118 Datasheet
1Mb / 23P
   40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
logo
Renesas Technology Corp
ISL28118 RENESAS-ISL28118 Datasheet
1Mb / 29P
   40V Precision Single-Supply, Rail-to-rail Output, Low-power Operational Amplifiers
ISL28108 RENESAS-ISL28108 Datasheet
1Mb / 34P
   40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
logo
Intersil Corporation
ISL28118_1109 INTERSIL-ISL28118_1109 Datasheet
1Mb / 28P
   40V Precision Single-Supply, Rail-to-Rail Output, Low-Power Operational Amplifiers
ISL28118 INTERSIL-ISL28118_15 Datasheet
1Mb / 29P
   40V Precision Single-Supply, Rail-to-rail Output, Low-power Operational Amplifiers
July 27, 2015
ISL28108FBZ INTERSIL-ISL28108FBZ Datasheet
1Mb / 34P
   40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
March 4, 2014
ISL28108_1111 INTERSIL-ISL28108_1111 Datasheet
1Mb / 32P
   40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
ISL28108_1107 INTERSIL-ISL28108_1107 Datasheet
1Mb / 26P
   40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
ISL28108 INTERSIL-ISL28108 Datasheet
1Mb / 25P
   40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
ISL28118M INTERSIL-ISL28118M Datasheet
1Mb / 22P
   40V Extended Temperature Range, Precision Single-Supply, Rail-to-Rail Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com