Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISLA216P25 Arkusz danych(PDF) 5 Page - Intersil Corporation

Numer części ISLA216P25
Szczegółowy opis  12-Bit, 500MSPS ADC Programmable Built-in Test Patterns
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISLA216P25 Arkusz danych(HTML) 5 Page - Intersil Corporation

  ISLA216P25 Datasheet HTML 1Page - Intersil Corporation ISLA216P25 Datasheet HTML 2Page - Intersil Corporation ISLA216P25 Datasheet HTML 3Page - Intersil Corporation ISLA216P25 Datasheet HTML 4Page - Intersil Corporation ISLA216P25 Datasheet HTML 5Page - Intersil Corporation ISLA216P25 Datasheet HTML 6Page - Intersil Corporation ISLA216P25 Datasheet HTML 7Page - Intersil Corporation ISLA216P25 Datasheet HTML 8Page - Intersil Corporation ISLA216P25 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
ISLA212P50
5
FN7843.1
May 25, 2011
8, 9
VINN
Analog Input Negative
10, 11
VINP
Analog Input Positive
15
CLKDIV
Tri-Level Clock Divider Control
16
IPTAT
Temperature Monitor (Output current proportional to absolute temperature)
18
RESETN
Power On Reset (Active Low)
22, 23
CLKP, CLKN
Clock Input True, Complement
24, 25
CLKDIVRSTP, CLKDIVRSTN
Synchronous Clock Divider Reset True, Complement
29
D11
CMOS Bit 11 (MSB) Output
31
D10
CMOS Bit 10 Output
34
D9
CMOS Bit 9 Output
36
D8
CMOS Bit 8 Output
38
D7
CMOS Bit 7 Output
40
D6
CMOS Bit 6 Output
42
D5
CMOS Bit 5 Output
44
D4
CMOS Bit 4 Output
46
RLVDS
LVDS Bias Resistor (connect to OVSS with 1% 10k
Ω)
48
CLKOUT
CMOS Clock Output
50
D3
CMOS Bit 3 Output
52
D2
CMOS Bit 2 Output
54
D1
CMOS Bit 1 Output
56
D0
CMOS Bit 0 (LSB) Output
64
OR
CMOS Over Range
66
SDO
SPI Serial Data Output
67
CSB
SPI Chip Select (active low)
68
SCLK
SPI Clock
69
SDIO
SPI Serial Data Input/Output
Exposed Paddle
AVSS
Analog Ground
Pin Descriptions - 72 Ld QFN, CMOS Mode (Continued)
PIN NUMBER
CMOS PIN NAME
CMOS PIN FUNCTION


Podobny numer części - ISLA216P25

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISLA216P25 INTERSIL-ISLA216P25 Datasheet
1Mb / 32P
   16-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Renesas Technology Corp
ISLA216P25 RENESAS-ISLA216P25 Datasheet
1Mb / 35P
   16-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Intersil Corporation
ISLA216P25 INTERSIL-ISLA216P25 Datasheet
1Mb / 37P
   14-Bit, 500MSPS ADC Programmable Built-in Test Patterns
ISLA216P25 INTERSIL-ISLA216P25 Datasheet
963Kb / 34P
   High Performance 14-Bit, 125MSPS ADC
ISLA216P25 INTERSIL-ISLA216P25 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
More results

Podobny opis - ISLA216P25

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISLA214P50_1103 INTERSIL-ISLA214P50_1103 Datasheet
1Mb / 37P
   14-Bit, 500MSPS ADC Programmable Built-in Test Patterns
logo
Renesas Technology Corp
ISLA212P50 RENESAS-ISLA212P50 Datasheet
1Mb / 38P
   12-Bit, 500MSPS ADC
ISLA214P50 RENESAS-ISLA214P50 Datasheet
1Mb / 38P
   14-Bit, 500MSPS ADC
logo
Intersil Corporation
ISLA214P50 INTERSIL-ISLA214P50 Datasheet
953Kb / 39P
   14-Bit, 500MSPS ADC
logo
Maxim Integrated Produc...
MAX1150 MAXIM-MAX1150 Datasheet
77Kb / 8P
   8-Bit, 500Msps Flash ADC
19-1169; Rev 0; 12/96
logo
Intersil Corporation
KAD5512P-50_0910 INTERSIL-KAD5512P-50_0910 Datasheet
836Kb / 30P
   12-Bit, 500MSPS A/D Converter
logo
Maxim Integrated Produc...
MAX101 MAXIM-MAX101 Datasheet
148Kb / 16P
   500Msps, 8-Bit ADC with Track/Hold
Rev 0; 8/94
logo
Intersil Corporation
ISLA112P50IRZ INTERSIL-ISLA112P50IRZ Datasheet
1Mb / 34P
   12-Bit, 500MSPS A/D Converter
August 1, 2011
logo
Maxim Integrated Produc...
MAX101A MAXIM-MAX101A Datasheet
116Kb / 16P
   500Msps, 8-Bit ADC with Track/Hold
19-1109; Rev 0; 7/96
logo
Intersil Corporation
KAD5512P-50 INTERSIL-KAD5512P-50_09 Datasheet
652Kb / 27P
   12-Bit, 500MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com