Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL28118M Arkusz danych(PDF) 9 Page - Intersil Corporation

Numer części ISL28118M
Szczegółowy opis  40V Extended Temperature Range, Precision Single-Supply, Rail-to-Rail Output
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28118M Arkusz danych(HTML) 9 Page - Intersil Corporation

Back Button ISL28118M Datasheet HTML 5Page - Intersil Corporation ISL28118M Datasheet HTML 6Page - Intersil Corporation ISL28118M Datasheet HTML 7Page - Intersil Corporation ISL28118M Datasheet HTML 8Page - Intersil Corporation ISL28118M Datasheet HTML 9Page - Intersil Corporation ISL28118M Datasheet HTML 10Page - Intersil Corporation ISL28118M Datasheet HTML 11Page - Intersil Corporation ISL28118M Datasheet HTML 12Page - Intersil Corporation ISL28118M Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
ISL28118M
9
FN7858.0
May 11, 2011
FIGURE 21. OUTPUT OVERHEAD VOLTAGE vs TEMPERATURE,
VS = ±15V, RL =10k
FIGURE 22. OUTPUT OVERHEAD VOLTAGE vs TEMPERATURE,
VS = ±5V, RL = 10k
FIGURE 23. OUTPUT OVERHEAD VOLTAGE HIGH vs LOAD CURRENT,
-40°C to +125°C, VS = ±5V AND ±15V
FIGURE 24. OUTPUT OVERHEAD VOLTAGE LOW vs LOAD CURRENT,
-40°C to +125°C, VS = ±5V AND ±15V
FIGURE 25. ISL28118M SUPPLY CURRENT vs TEMPERATURE vs
SUPPLY VOLTAGE
FIGURE 26. SUPPLY CURRENT vs SUPPLY VOLTAGE
Typical Performance Curves
VS = ±15V, VCM = 0V, RL = Open, unless otherwise specified. (Continued)
TEMPERATURE (°C)
-60
-40
-20
0
20
40
60
80
100
120
40
50
60
70
80
90
100
VOH
VS = ±15V
RL = 10k
VOL
TEMPERATURE (°C)
-60
-40
-20
0
20
40
60
80
100
120
20
22
24
26
28
30
32
34
36
38
40
VOH
VS = ±5V
RL = 10k
VOL
LOAD CURRENT (mA)
0.001
0.01
0.1
1
0.001
0.01
0.1
1
10
VS = ±5V and ±15V
+125°C
-40°C
+25°C
LOAD CURRENT (mA)
0.001
0.01
0.1
1
0.001
0.01
0.1
1
10
VS = ±5V and ±15V
-40°C
+25°C
+125°C
TEMPERATURE (°C)
-60
-40
-20
0
20
40
60
80
100
120
400
600
800
1000
1200
1400
1600
VS = ±2.25V
VS = ±15V
VS = ±21V
0
100
200
300
400
500
600
700
800
900
1000
1100
0 2 4 6 8 1012141618 20 22242628 3032 3436384042
VSUPPLY (V)


Podobny numer części - ISL28118M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ISL28118M RENESAS-ISL28118M Datasheet
1Mb / 23P
   40V Extended Temperature Range, Precision Single-Supply, Rail-to-Rail Output, Operational Amplifier
logo
Intersil Corporation
ISL28118M INTERSIL-ISL28118M Datasheet
1Mb / 23P
   40V Extended Temperature Range, Precision Single-Supply, Rail-to-Rail Output, Operational Amplifier
March 7, 2014
logo
Renesas Technology Corp
ISL28118MUZ RENESAS-ISL28118MUZ Datasheet
1Mb / 23P
   40V Extended Temperature Range, Precision Single-Supply, Rail-to-Rail Output, Operational Amplifier
logo
Intersil Corporation
ISL28118MUZ INTERSIL-ISL28118MUZ Datasheet
1Mb / 23P
   40V Extended Temperature Range, Precision Single-Supply, Rail-to-Rail Output, Operational Amplifier
March 7, 2014
ISL28118M INTERSIL-ISL28118M_14 Datasheet
1Mb / 23P
   40V Extended Temperature Range, Precision Single-Supply, Rail-to-Rail Output, Operational Amplifier
March 7, 2014
More results

Podobny opis - ISL28118M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ISL28118M RENESAS-ISL28118M Datasheet
1Mb / 23P
   40V Extended Temperature Range, Precision Single-Supply, Rail-to-Rail Output, Operational Amplifier
logo
Intersil Corporation
ISL28118M INTERSIL-ISL28118M_14 Datasheet
1Mb / 23P
   40V Extended Temperature Range, Precision Single-Supply, Rail-to-Rail Output, Operational Amplifier
March 7, 2014
ISL28118 INTERSIL-ISL28118_11 Datasheet
1Mb / 28P
   40V Precision Single-Supply, Rail-to-Rail Output, Low-Power
ISL28118 INTERSIL-ISL28118 Datasheet
1Mb / 23P
   40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
logo
Renesas Technology Corp
ISL28118 RENESAS-ISL28118 Datasheet
1Mb / 29P
   40V Precision Single-Supply, Rail-to-rail Output, Low-power Operational Amplifiers
ISL28108 RENESAS-ISL28108 Datasheet
1Mb / 34P
   40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
logo
Intersil Corporation
ISL28118_1109 INTERSIL-ISL28118_1109 Datasheet
1Mb / 28P
   40V Precision Single-Supply, Rail-to-Rail Output, Low-Power Operational Amplifiers
ISL28118 INTERSIL-ISL28118_15 Datasheet
1Mb / 29P
   40V Precision Single-Supply, Rail-to-rail Output, Low-power Operational Amplifiers
July 27, 2015
ISL28108FBZ INTERSIL-ISL28108FBZ Datasheet
1Mb / 34P
   40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
March 4, 2014
ISL28108_1111 INTERSIL-ISL28108_1111 Datasheet
1Mb / 32P
   40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com