Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL23345TFRZ Arkusz danych(PDF) 6 Page - Intersil Corporation

Numer części ISL23345TFRZ
Szczegółowy opis  Quad, 256 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL23345TFRZ Arkusz danych(HTML) 6 Page - Intersil Corporation

Back Button ISL23345TFRZ Datasheet HTML 2Page - Intersil Corporation ISL23345TFRZ Datasheet HTML 3Page - Intersil Corporation ISL23345TFRZ Datasheet HTML 4Page - Intersil Corporation ISL23345TFRZ Datasheet HTML 5Page - Intersil Corporation ISL23345TFRZ Datasheet HTML 6Page - Intersil Corporation ISL23345TFRZ Datasheet HTML 7Page - Intersil Corporation ISL23345TFRZ Datasheet HTML 8Page - Intersil Corporation ISL23345TFRZ Datasheet HTML 9Page - Intersil Corporation ISL23345TFRZ Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
ISL23345
6
FN7872.0
June 21, 2011
Roffset
(Note 16)
Offset, Wiper at 0 Position
W option; VCC = 2.7V to 5.5V
0
3
5.5
MI
(Note 15)
W option; VCC = 1.7V
6.3
MI
(Note 15)
U, T option; VCC = 2.7V to 5.5V
0
0.5
2
MI
(Note 15)
U, T option; VCC = 1.7V
1.1
MI
(Note 15)
Rmatch
(Note 23)
DCP to DCP Matching
Any two DCPs at the same tap position with the
same terminal voltages
-2
2
LSB
(Note 9)
TCR
(Note 19)
Resistance Temperature Coefficient
W option; Wiper register set between 32 hex
and FF hex
170
ppm/°C
U option; Wiper register set between 32 hex
and FF hex
80
ppm/°C
T option; Wiper register set between 32 hex
and FF hex
50
ppm/°C
Analog Specifications
VCC = 2.7V to 5.5V, VLOGIC = 1.2V to 5.5V over recommended operating conditions unless otherwise
stated. Boldface limits apply over the operating temperature range, -40°C to +125°C. (Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 20) TYP (Note 8)
MAX
(Note 20)
UNITS
Operating Specifications VCC = 2.7V to 5.5V, VLOGIC = 1.2V to 5.5V over recommended operating conditions unless otherwise
stated. Boldface limits apply over the operating temperature range, -40°C to +125°C.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 20) TYP (Note 8)
MAX
(Note 20) UNITS
ILOGIC
VLOGIC Supply Current (Write/Read)
VLOGIC = 5.5V, VCC = 5.5V,
fSCL = 400 kHz (for I2C active read and write)
200
µA
VLOGIC = 1.2V, VCC = 1.7V,
fSCL = 400 kHz (for I2C active read and write)
5
µA
ICC
VCC Supply Current (Write/Read)
VLOGIC = 5.5V, VCC = 5.5V
18
µA
VLOGIC = 1.2V, VCC = 1.7V
10
µA
ILOGIC SB VLOGIC Standby Current
VLOGIC = VCC = 5.5V,
I2C interface in standby
2
µA
VLOGIC = 1.2V, VCC = 1.7V,
I2C interface in standby
0.5
µA
ICC SB
VCC Standby Current
VLOGIC = VCC = 5.5V,
I2C interface in standby
3
µA
VLOGIC = 1.2V, VCC = 1.7V,
I2C interface in standby
1.5
µA
ILOGIC
SHDN
VLOGIC Shutdown Current
VLOGIC = VCC = 5.5V,
I2C interface in standby
2
µA
VLOGIC = 1.2V, VCC = 1.7V,
I2C interface in standby
0.5
µA
ICC SHDN VCC Shutdown Current
VLOGIC = VCC = 5.5V,
I2C interface in standby
3
µA
VLOGIC = 1.2V, VCC = 1.7V,
I2C interface in standby
1.5
µA
ILkgDig
Leakage Current, at Pins A0, A1, A2,
SDA, SCL
Voltage at pin from GND to VLOGIC
-0.4
<0.1
0.4
µA


Podobny numer części - ISL23345TFRZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ISL23345TFRZ RENESAS-ISL23345TFRZ Datasheet
1Mb / 19P
   Quad, 256 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP™)
June 21, 2011
More results

Podobny opis - ISL23345TFRZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL23445 INTERSIL-ISL23445 Datasheet
923Kb / 20P
   Quad, 256 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
ISL23345 RENESAS-ISL23345 Datasheet
1Mb / 19P
   Quad, 256 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP™)
June 21, 2011
ISL23445 RENESAS-ISL23445 Datasheet
1Mb / 20P
   Quad, 256 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP™)
June 21, 2011
logo
Intersil Corporation
ISL23325 INTERSIL-ISL23325 Datasheet
848Kb / 20P
   Dual, 256-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23325TFVZ INTERSIL-ISL23325TFVZ Datasheet
757Kb / 20P
   Dual, 256-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
September 23, 2015
ISL23425 INTERSIL-ISL23425 Datasheet
852Kb / 20P
   Dual, 256-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
ISL23325 RENESAS-ISL23325 Datasheet
1Mb / 20P
   Dual, 256-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23425 RENESAS-ISL23425 Datasheet
1Mb / 20P
   Dual, 256-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL23348 INTERSIL-ISL23348 Datasheet
865Kb / 19P
   Quad, 128 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23448 INTERSIL-ISL23448 Datasheet
754Kb / 21P
   Quad, 128 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com