Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL23445TFVZ Arkusz danych(PDF) 11 Page - Intersil Corporation

Numer części ISL23445TFVZ
Szczegółowy opis  Quad, 256 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL23445TFVZ Arkusz danych(HTML) 11 Page - Intersil Corporation

Back Button ISL23445TFVZ Datasheet HTML 7Page - Intersil Corporation ISL23445TFVZ Datasheet HTML 8Page - Intersil Corporation ISL23445TFVZ Datasheet HTML 9Page - Intersil Corporation ISL23445TFVZ Datasheet HTML 10Page - Intersil Corporation ISL23445TFVZ Datasheet HTML 11Page - Intersil Corporation ISL23445TFVZ Datasheet HTML 12Page - Intersil Corporation ISL23445TFVZ Datasheet HTML 13Page - Intersil Corporation ISL23445TFVZ Datasheet HTML 14Page - Intersil Corporation ISL23445TFVZ Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
ISL23445
11
FN7874.0
June 21, 2011
FIGURE 9. 10k
Ω RINL vs TAP POSITION, VCC = 3.3V, +25°C
FIGURE 10. 50k
Ω RINL vs TAP POSITION, VCC = 3.3V, +25°C
FIGURE 11. 10k
Ω WIPER RESISTANCE vs TAP POSITION, VCC = 3.3V
FIGURE 12. 50k
Ω WIPER RESISTANCE vs TAP POSITION, VCC = 3.3V
FIGURE 13. 10k
Ω TCv vs TAP POSITION, VCC = 3.3V
FIGURE 14. 50k
Ω TCv vs TAP POSITION, VCC = 3.3V
Typical Performance Curves (Continued)
-0.8
-0.4
0.0
0.4
0.8
0
64
128
192
256
TAP POSITION (DECIMAL)
-0.50
-0.25
0.00
0.25
0.50
0
64
128
192
256
TAP POSITION (DECIMAL)
0
20
40
60
80
100
0
64
128
192
256
+125°C
-40°C
+25°C
TAP POSITION (DECIMAL)
0
20
40
60
80
100
120
0
64
128
192
256
+125°C
TAP POSITION (DECIMAL)
+25°C
-40°C
0
100
200
300
400
15
63
111
159
207
255
TAP POSITION (DECIMAL)
0
20
40
60
80
15
63
111
159
207
255
TAP POSITION (DECIMAL)


Podobny numer części - ISL23445TFVZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ISL23445TFVZ RENESAS-ISL23445TFVZ Datasheet
1Mb / 20P
   Quad, 256 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP™)
June 21, 2011
More results

Podobny opis - ISL23445TFVZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL23345 INTERSIL-ISL23345 Datasheet
881Kb / 19P
   Quad, 256 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
ISL23345 RENESAS-ISL23345 Datasheet
1Mb / 19P
   Quad, 256 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP™)
June 21, 2011
ISL23445 RENESAS-ISL23445 Datasheet
1Mb / 20P
   Quad, 256 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP™)
June 21, 2011
logo
Intersil Corporation
ISL23325 INTERSIL-ISL23325 Datasheet
848Kb / 20P
   Dual, 256-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23325TFVZ INTERSIL-ISL23325TFVZ Datasheet
757Kb / 20P
   Dual, 256-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
September 23, 2015
ISL23425 INTERSIL-ISL23425 Datasheet
852Kb / 20P
   Dual, 256-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
ISL23325 RENESAS-ISL23325 Datasheet
1Mb / 20P
   Dual, 256-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23425 RENESAS-ISL23425 Datasheet
1Mb / 20P
   Dual, 256-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL23348 INTERSIL-ISL23348 Datasheet
865Kb / 19P
   Quad, 128 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23448 INTERSIL-ISL23448 Datasheet
754Kb / 21P
   Quad, 128 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com