Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

N010-0519-T742 Arkusz danych(PDF) 4 Page - Fujitsu Component Limited.

Numer części N010-0519-T742
Szczegółowy opis  STANDARD Resistive Touch Panel Specification
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FUJITSU [Fujitsu Component Limited.]
Strona internetowa  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

N010-0519-T742 Arkusz danych(HTML) 4 Page - Fujitsu Component Limited.

  N010-0519-T742 Datasheet HTML 1Page - Fujitsu Component Limited. N010-0519-T742 Datasheet HTML 2Page - Fujitsu Component Limited. N010-0519-T742 Datasheet HTML 3Page - Fujitsu Component Limited. N010-0519-T742 Datasheet HTML 4Page - Fujitsu Component Limited. N010-0519-T742 Datasheet HTML 5Page - Fujitsu Component Limited. N010-0519-T742 Datasheet HTML 6Page - Fujitsu Component Limited. N010-0519-T742 Datasheet HTML 7Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
554 SERIES
n
5.6 FINGER LIFE
A finger is simulated by a silicon rubber plunger
R8 (Round type 8mm size) hardness 60˚C at 200g
at frequency 5Hz.
A failure is judged to happen when the current
consumption or insulation resistance or dielectric
strength are not met as shown in 5.3. The location
accuracy with 9 point calibration must be ±4.4 mm max.
Operating force is 150g max.
n
5.7 INFORMATION ON THE PANEL
Production year 99 00 etc.
9 0 1
The left side number shows production year, eg 1999
0 1 2
The left side number shows production year, eg 2000
[ . . . .
. . . . . . . ]
The first dot after the space shows production month, eg May
[ . . . . .
. . . . . . ]
The first dot after the space shows production month, eg June
n
6 PACKAGING
n
6.1 PACKING SPECIFICATION
Vibration:
10~55 Hz at 1 Octave per minute 10G 20 cycles with one side 0.75mm
Drop test:
60cm Drop 1 corner, 3 crease lines and 6 faces. 1 each 1 time
After the test no glass: flaw or crack is seen, and no dent or scratch on the film.
Also glass and film must not separate.
n
6.1 PACKING DETAILS
Each touch panel is placed into a plastic bag and is
held in place by a slit cut into the side of the card-
board. A second insertion piece is placed into the
carton to again add stability. The qty is written on
the side of the box. For example the N010-0554-
T001 has 80 pieces per box.
Insert
Touch panel with bag
Slit in cardboard
550 Type panel illustrated (554 type packed
a similar way)


Podobny numer części - N010-0519-T742

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fujitsu Component Limit...
N010-0510-T211 FUJITSU-N010-0510-T211 Datasheet
320Kb / 7P
   Resistive Touch Panel Specification
N010-0510-T211 FUJITSU-N010-0510-T211 Datasheet
320Kb / 7P
   Resistive Touch Panel Specification
N010-0510-T211 FUJITSU-N010-0510-T211 Datasheet
570Kb / 7P
   STANDARD Resistive Touch Panel Specification 7-Wire Series
N010-0510-T219 FUJITSU-N010-0510-T219 Datasheet
570Kb / 7P
   Resistive Touch Panel Specification FID-550 7-Wire Series
N010-0510-T236 FUJITSU-N010-0510-T236 Datasheet
570Kb / 7P
   Resistive Touch Panel Specification FID-550 7-Wire Series
More results

Podobny opis - N010-0519-T742

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fujitsu Component Limit...
N16B-0558-B240 FUJITSU-N16B-0558-B240 Datasheet
320Kb / 7P
   Resistive Touch Panel Specification
FID-550 FUJITSU-FID-550 Datasheet
320Kb / 7P
   Resistive Touch Panel Specification
FID-550 FUJITSU-FID-550_06 Datasheet
570Kb / 7P
   STANDARD Resistive Touch Panel Specification 7-Wire Series
logo
AZ Displays
ATP0644-3 AZDISPLAYS-ATP0644-3 Datasheet
918Kb / 7P
   SPECIFICATIONS FOR STANDARD RESISTIVE TOUCH PANEL
logo
Fujitsu Component Limit...
N010-0550-T717 FUJITSU-N010-0550-T717 Datasheet
570Kb / 7P
   Resistive Touch Panel Specification FID-550 7-Wire Series
logo
Crystalfontz America, I...
CFAF480128A0-039TR CRYSTAIFONTZ-CFAF480128A0-039TR Datasheet
1Mb / 13P
   TFT DISPLAY MODULE WITH RESISTIVE TOUCH PANEL
CFAM1024600A0-070R CRYSTAIFONTZ-CFAM1024600A0-070R Datasheet
1Mb / 13P
   7??TFT HDMI DISPLAY MODULE WITH RESISTIVE TOUCH PANEL
CFAM800480A0-070R CRYSTAIFONTZ-CFAM800480A0-070R Datasheet
1Mb / 13P
   7??TFT HDMI DISPLAY MODULE WITH RESISTIVE TOUCH PANEL
logo
Microchip Technology
AR1000 MICROCHIP-AR1000_12 Datasheet
3Mb / 70P
   Resistive Touch Screen Controller
11/29/11
logo
3M Electronics
SC802S 3M-SC802S Datasheet
131Kb / 3P
   Resistive Touch Screen Electronics
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com