Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

N010-0519-T742 Arkusz danych(PDF) 5 Page - Fujitsu Component Limited.

Numer części N010-0519-T742
Szczegółowy opis  STANDARD Resistive Touch Panel Specification
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FUJITSU [Fujitsu Component Limited.]
Strona internetowa  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

N010-0519-T742 Arkusz danych(HTML) 5 Page - Fujitsu Component Limited.

  N010-0519-T742 Datasheet HTML 1Page - Fujitsu Component Limited. N010-0519-T742 Datasheet HTML 2Page - Fujitsu Component Limited. N010-0519-T742 Datasheet HTML 3Page - Fujitsu Component Limited. N010-0519-T742 Datasheet HTML 4Page - Fujitsu Component Limited. N010-0519-T742 Datasheet HTML 5Page - Fujitsu Component Limited. N010-0519-T742 Datasheet HTML 6Page - Fujitsu Component Limited. N010-0519-T742 Datasheet HTML 7Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
554 SERIES
n
7.0 REJECT CRITERIA
n
o
it
p
ir
c
s
e
D
a
ir
e
ti
r
C
t
c
e
j
e
R
t
n
e
D
m
li
F
m
m
1
.
0
a ≥
e
r
A
2
m
m
5
0
.
0
a ≥
e
r
A
2
m
m
1
.
0
<
a
e
r
a
&
2
m
m
5
0
.
0
<
a
e
r
A
2
o
r
e
z
e
b
o
t
:
s
t
n
i
o
p
5
.
x
a
m
e
b
o
t
:
d
e
if
i
c
e
p
s
e
n
o
n
:
n
g
i
e
r
o
F
l
a
ir
e
t
a
m
n
e
e
w
t
e
b
m
li
f
d
n
a
s
s
a
l
g
e
p
y
t
t
o
D
m
m
1
.
0
>
a
e
r
A
2
m
m
5
0
.
0
a ≥
e
r
A
2
m
m
1
.
0
<
a
e
r
a
&
2
m
m
5
0
.
0
<
a
e
r
A
2
o
r
e
z
e
b
o
t
:
s
t
n
i
o
p
5
.
x
a
m
e
b
o
t
:
d
e
if
i
c
e
p
s
e
n
o
n
:
e
p
y
t
e
n
i
L
m
m
1
.
0
a >
e
r
A
m
m
0
1
<
h
t
g
n
e
l
d
n
a
m
m
1
.
0
<
h
t
d
i
w
&
m
m
3
0
.
0
a ≥
e
r
A
m
m
5
0
.
0
<
a
e
r
A
o
r
e
z
e
b
o
t
:
t
n
i
o
p
1
.
x
a
m
e
b
o
t
:
d
e
if
i
c
e
p
s
e
n
o
n
:
h
c
t
a
r
c
S
m
m
1
.
0
a ≥
e
r
A
m
m
0
8
<
h
t
g
n
e
l
h
ti
w
m
m
1
.
0
<
h
t
d
i
w
&
m
m
3
0
.
0
a ≥
e
r
A
m
m
0
3
<
h
t
g
n
e
l
h
ti
w
m
m
1
.
0
<
h
t
d
i
w
&
m
m
3
0
.
0
<
a
e
r
A
o
r
e
z
e
b
o
t
:
t
n
i
o
p
1
.
x
a
m
e
b
o
t
:
d
e
if
i
c
e
p
s
e
n
o
n
:
t
a
o
c
d
r
a
h
r
o
r
u
l
b
t
o
D
g
n
i
s
s
i
m
m
m
5
.
0
a ≥
e
r
A
2
m
m
3
0
.
0
a ≥
e
r
A
2
m
m
5
.
0
<
a
e
r
a
&
2
m
m
5
0
.
0
<
a
e
r
A
2
o
r
e
z
e
b
o
t
:
s
t
n
i
o
p
5
.
x
a
m
e
b
o
t
:
d
e
if
i
c
e
p
s
e
n
o
n
:
g
n
i
R
n
o
t
w
e
N
3
(
p
m
a
l
t
n
e
c
s
e
r
o
u
lf
a
r
e
d
n
u
e
d
i
s
m
li
f
l
e
n
a
P
m
o
rf
n
e
e
s
e
b
t
o
n
t
s
u
m
e
s
e
h
T
.
e
d
i
s
s
s
a
l
g
m
r
o
f
d
e
if
ir
e
v
e
b
o
t
t
o
N
.)
p
m
a
l
e
p
y
t
h
t
g
n
e
l
e
v
a
w
w
a
lf
s
s
a
l
G
e
h
T
.
m
a
r
g
a
i
d
g
n
i
w
o
ll
o
f
e
h
t
n
i
n
w
o
h
s
t
a
h
t
n
a
h
t
r
e
g
g
i
b
s
i
h
c
i
h
w
w
a
lf
o
n
e
b
o
T
.
d
e
if
i
c
e
p
s
t
o
n
s
i
s
w
a
lf
f
o
r
e
b
m
u
n
n
8.0 GENERAL POINTS OF CAUTION
Touch panels are made of glass, so care must be taken in handling them. Do not stress, pile, bend, lift by
the cable or put any stress on the film, for example moving by film face vacuum. In order to clean wring dry a
cloth which has been emersed in a natural detergent. DO NOT use any organic solvent, acid or alkali solu-
tion. Watch the edge of the panel when cleaning, again for safety reasons.
2mm
2mm
5mm
3mm


Podobny numer części - N010-0519-T742

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fujitsu Component Limit...
N010-0510-T211 FUJITSU-N010-0510-T211 Datasheet
320Kb / 7P
   Resistive Touch Panel Specification
N010-0510-T211 FUJITSU-N010-0510-T211 Datasheet
320Kb / 7P
   Resistive Touch Panel Specification
N010-0510-T211 FUJITSU-N010-0510-T211 Datasheet
570Kb / 7P
   STANDARD Resistive Touch Panel Specification 7-Wire Series
N010-0510-T219 FUJITSU-N010-0510-T219 Datasheet
570Kb / 7P
   Resistive Touch Panel Specification FID-550 7-Wire Series
N010-0510-T236 FUJITSU-N010-0510-T236 Datasheet
570Kb / 7P
   Resistive Touch Panel Specification FID-550 7-Wire Series
More results

Podobny opis - N010-0519-T742

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fujitsu Component Limit...
N16B-0558-B240 FUJITSU-N16B-0558-B240 Datasheet
320Kb / 7P
   Resistive Touch Panel Specification
FID-550 FUJITSU-FID-550 Datasheet
320Kb / 7P
   Resistive Touch Panel Specification
FID-550 FUJITSU-FID-550_06 Datasheet
570Kb / 7P
   STANDARD Resistive Touch Panel Specification 7-Wire Series
logo
AZ Displays
ATP0644-3 AZDISPLAYS-ATP0644-3 Datasheet
918Kb / 7P
   SPECIFICATIONS FOR STANDARD RESISTIVE TOUCH PANEL
logo
Fujitsu Component Limit...
N010-0550-T717 FUJITSU-N010-0550-T717 Datasheet
570Kb / 7P
   Resistive Touch Panel Specification FID-550 7-Wire Series
logo
Crystalfontz America, I...
CFAF480128A0-039TR CRYSTAIFONTZ-CFAF480128A0-039TR Datasheet
1Mb / 13P
   TFT DISPLAY MODULE WITH RESISTIVE TOUCH PANEL
CFAM1024600A0-070R CRYSTAIFONTZ-CFAM1024600A0-070R Datasheet
1Mb / 13P
   7??TFT HDMI DISPLAY MODULE WITH RESISTIVE TOUCH PANEL
CFAM800480A0-070R CRYSTAIFONTZ-CFAM800480A0-070R Datasheet
1Mb / 13P
   7??TFT HDMI DISPLAY MODULE WITH RESISTIVE TOUCH PANEL
logo
Microchip Technology
AR1000 MICROCHIP-AR1000_12 Datasheet
3Mb / 70P
   Resistive Touch Screen Controller
11/29/11
logo
3M Electronics
SC802S 3M-SC802S Datasheet
131Kb / 3P
   Resistive Touch Screen Electronics
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com