Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STK14C88 Arkusz danych(PDF) 6 Page - Cypress Semiconductor

Numer części STK14C88
Szczegółowy opis  32 K x 8 AutoStore nvSRAM Commercial, industrial, military temperatures
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CYPRESS [Cypress Semiconductor]
Strona internetowa  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STK14C88 Arkusz danych(HTML) 6 Page - Cypress Semiconductor

Back Button STK14C88 Datasheet HTML 2Page - Cypress Semiconductor STK14C88 Datasheet HTML 3Page - Cypress Semiconductor STK14C88 Datasheet HTML 4Page - Cypress Semiconductor STK14C88 Datasheet HTML 5Page - Cypress Semiconductor STK14C88 Datasheet HTML 6Page - Cypress Semiconductor STK14C88 Datasheet HTML 7Page - Cypress Semiconductor STK14C88 Datasheet HTML 8Page - Cypress Semiconductor STK14C88 Datasheet HTML 9Page - Cypress Semiconductor STK14C88 Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
STK14C88
Document Number: 001-52038 Rev. *C
Page 6 of 20
Figure 5. SRAM Read Cycle 2: E and G Controlled [6]
SRAM Read Cycles #1 and #2
(VCC = 5.0 V ± 10%)[4]
NO.
Symbols
Parameter
STK14C88-25 STK14C88-35 STK14C88-45
Unit
Min
Max
Min
Max
Min
Max
#1, #2
Alt.
1tELQV
tACS
Chip Enable Access Time
25
35
45
ns
2tAVAV
[6]
, tELEH
[6]
tRC
Read Cycle Time
25
35
45
ns
3tAVQV
7
tAA
Address Access Time
25
35
45
ns
4tGLQV
tOE
Output Enable to Data Valid
10
15
20
ns
5tAXQX
[7]
tOH
Output Hold after Address Change
5
5
5
ns
6tELQX
tLZ
Address Change or Chip Enable to
Output Active
5–
5
5
ns
7tEHQZ
[8]
tHZ
Address Change or Chip Disable to
Output Inactive
–10
13
15
ns
8tGLQX
tOLZ
Output Enable to Output Active
0
0
0
ns
9tGHQZ
[8]
tOHZ
Output Disable to Output Inactive
10
13
15
ns
10
tELICCH
[5]
tPA
Chip Enable to Power Active
0
0
0
ns
11
tEHICCL
[5]
tPS
Chip Disable to Power Standby
25
35
45
ns
Figure 4. SRAM Read Cycle 1: Address Controlled [6, 7]
Notes
6. W and HSB must be high during SRAM read cycles.
7. I/O state assumes E and G
< V
IL and W  VIH; device is continuously selected.
8. Measured ± 200 mV from steady state output voltage.
DATA VALID
5
tAXQX
3
tAVQV
DQ (DATA OUT)
ADDRESS
2
tAVAV
2
29
11
7
9
10
8
4
3
6
1
[+] Feedback


Podobny numer części - STK14C88

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
STK14C88 ETC-STK14C88 Datasheet
386Kb / 13P
   32K x 8 AutoStore nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK14C88 SIMTEK-STK14C88 Datasheet
397Kb / 19P
   32Kx8 AutoStore nvSRAM
STK14C88 SIMTEK-STK14C88 Datasheet
388Kb / 19P
   32Kx8 AutoStore nvSRAM
logo
List of Unclassifed Man...
STK14C88-3 ETC-STK14C88-3 Datasheet
371Kb / 13P
   32K x 8 AutoStore??nvSRAM QuantumTrap CMOS Nonvolatile StaticRAM
logo
Simtek Corporation
STK14C88-3 SIMTEK-STK14C88-3 Datasheet
492Kb / 17P
   32Kx8 AutoStore nvSRAM
More results

Podobny opis - STK14C88

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
STK12C68-IM ETC1-STK12C68-IM Datasheet
64Kb / 10P
   CMOS nvSRAM 8K x 8 AutoStore Nonvolatile Static RAM Industrial Temperature/Military Screen
logo
Simtek Corporation
STK17T88 SIMTEK-STK17T88 Datasheet
581Kb / 28P
   32K x 8 AutoStore nvSRAM
logo
List of Unclassifed Man...
STK15C68 ETC-STK15C68 Datasheet
76Kb / 9P
   8K x 8 AutoStore nvSRAM
STK25C48 ETC-STK25C48 Datasheet
84Kb / 8P
   2K X 8 AUTOSTORE NVSRAM
logo
Cypress Semiconductor
CY14V256LA CYPRESS-CY14V256LA_13 Datasheet
497Kb / 22P
   256-Kbit (32 K x 8) nvSRAM
STK14C88-5 CYPRESS-STK14C88-5 Datasheet
535Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK12C68 CYPRESS-STK12C68 Datasheet
751Kb / 20P
   64 Kbit (8K x 8) AutoStore nvSRAM
STK22C48 CYPRESS-STK22C48_11 Datasheet
1Mb / 17P
   16-Kbit (2 K 횞 8) AutoStore??nvSRAM
STK12C68-5 CYPRESS-STK12C68-5 Datasheet
591Kb / 18P
   64 Kbit (8K x 8) AutoStore nvSRAM
STK16C88-3 CYPRESS-STK16C88-3 Datasheet
456Kb / 14P
   256 Kbit (32K x 8) AutoStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com