Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KDV214E Arkusz danych(PDF) 1 Page - KEC(Korea Electronics)

Numer części KDV214E
Szczegółowy opis  SILICON EPITAXIAL PLANAR DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KEC [KEC(Korea Electronics)]
Strona internetowa  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KDV214E Arkusz danych(HTML) 1 Page - KEC(Korea Electronics)

  KDV214E Datasheet HTML 1Page - KEC(Korea Electronics) KDV214E Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2003. 12. 2
1/2
SEMICONDUCTOR
TECHNICAL DATA
KDV214E
Revision No : 3
TV TUNING.
FEATURES
High Capacitance Ratio : C2V/C25V=6.3(Typ.)
Low Series Resistance : rS=0.57 (Max.)
Excellent C-V Characteristics, and Small Tracking Error.
Useful for Small Size Tuner.
MAXIMUM RATING (Ta=25 )
ESC
DIM
MILLIMETERS
A
B
C
D
E
1.60 0.10
1.20 0.10
0.80 0.10
0.30 0.05
0.60 0.10
D
C
1
2
E
1. ANODE
2. CATHODE
F
0.13 0.05
F
+_
+_
+_
+_
+_
+_
ELECTRICAL CHARACTERISTICS (Ta=25 )
VARIABLE CAPACITANCE DIODE
SILICON EPITAXIAL PLANAR DIODE
CHARACTERISTIC
SYMBOL
RATING
UNIT
Reverse Voltage
VR
32
V
Junction Temperature
Tj
125
Storage Temperature Range
Tstg
-55 125
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Reverse Current
IR
VR=28V
-
-
10
nA
Capacitance
C2V
VR=2V, f=1MHz
14.15
-
15.75
pF
Capacitance
C25V
VR=25V, f=1MHz
2.06
-
2.35
pF
Capacitance Ratio
C2V/C25V
6.3
-
-
-
Series Resistance
rS
VR=5V, f=470MHz
-
-
0.57
Type Name
Marking
O
U
C(Max.)-C(Min.)
0.02
C(Min.)
(VR=2~25V)
Note : Available in matched group for capacitance to 2.0%.


Podobny numer części - KDV214E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
KEC(Korea Electronics)
KDV214E KEC-KDV214E Datasheet
355Kb / 2P
   VARIABLE CAPACITANCE DIODE SILICON EPITAXIAL PLANAR DIODE(TV TUNING)
KDV214EA KEC-KDV214EA Datasheet
49Kb / 1P
   ESC PACKAGE
KDV214EA KEC-KDV214EA_15 Datasheet
353Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
KDV214E KEC-KDV214E_15 Datasheet
366Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
More results

Podobny opis - KDV214E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Semtech Corporation
1N4148M SEMTECH-1N4148M Datasheet
133Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE?
1N914 SEMTECH-1N914 Datasheet
88Kb / 1P
   SILICON EPITAXIAL PLANAR DIODE
logo
KEC(Korea Electronics)
KDV348E_0911 KEC-KDV348E_0911 Datasheet
46Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
KDV1480 KEC-KDV1480 Datasheet
75Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
KDZ2.0FV KEC-KDZ2.0FV Datasheet
480Kb / 4P
   SILICON EPITAXIAL PLANAR DIODE
logo
Galaxy Semi-Conductor H...
1SS380_0711 BILIN-1SS380_0711 Datasheet
89Kb / 2P
   Silicon Epitaxial Planar Diode
BAV19WS BILIN-BAV19WS Datasheet
232Kb / 3P
   Silicon Epitaxial Planar Diode
logo
KEC(Korea Electronics)
KDS4148U KEC-KDS4148U Datasheet
82Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
logo
Guangdong Kexin Industr...
MA2ZV03 KEXIN-MA2ZV03 Datasheet
33Kb / 1P
   Silicon Epitaxial Planar Diode
1SV245 KEXIN-1SV245 Datasheet
33Kb / 1P
   Silicon Epitaxial Planar Diode
HSM2694 KEXIN-HSM2694 Datasheet
35Kb / 1P
   Silicon Epitaxial Planar Diode
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com