Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2N2905AL Arkusz danych(PDF) 2 Page - Semicoa Semiconductor

Numer części 2N2905AL
Szczegółowy opis  Type 2N2905AL Geometry 0600 Polarity PNP
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SEMICOA [Semicoa Semiconductor]
Strona internetowa  http://www.semicoa.com/
Logo SEMICOA - Semicoa Semiconductor

2N2905AL Arkusz danych(HTML) 2 Page - Semicoa Semiconductor

  2N2905AL Datasheet HTML 1Page - Semicoa Semiconductor 2N2905AL Datasheet HTML 2Page - Semicoa Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Data Sheet No. 2N2905AL
OFF Characteristics
Symbol
Min
Typ
Max
Unit
Collector-Base Breakdown Voltage
IC = 10 µA
Collector-Emitter Breakdown Voltage
IC = 10 mA
Emitter-Base Breakdown Voltage
IE = 10 µA
Collector-Emitter Cutoff Current
VCE = 30 V
Collector-Base Cutoff Current
VCB = 50 V
Emitter-Base Cutoff Current
VEB = 3.5 V
ICBO
---
10
0.25
IEBO
---
50
0.1
ICES
---
50
1.0
V(BR)EBO
5.0
---
9.0
---
100
V(BR)CEO
60
---
70
nA
nA
V
Electrical Characteristics
TC = 25
oC unless otherwise specified
V
V
nA
V(BR)CBO
60
ON Characteristics
Symbol
Min
Typ
Max
Unit
DC Current Gain
IC = 100 µA, VCE = 10 V
hFE1
75
225
---
---
IC = 1.0 mA, VCE = 10 V
hFE2
100
250
450
---
IC= 10 mA, VCE = 10 V
hFE3
100
---
---
---
IC= 150 mA, VCE = 10 V (pulse test)
hFE4
100
180
300
---
IC= 500 mA, VCE = 10 V (pulse test)
hFE5
50
80
---
---
Collector-Emitter Saturation Voltage
IC = 150 mA, IB = 15 mA (pulse test)
VCE(sat)1
---
0.18
0.4
V dc
IC = 500 mA, IB = 50 mA (pulse test)
VCE(sat)2
---
0.5
1.6
V dc
Base-Emitter Saturation Voltage
IC= 150 mA, IB = 15 mA (pulse test)
VBE(sat)1
---
0.87
1.3
V dc
IC = 500 mA, IB = 50 mA (pulse test)
VBE(sat)2
---
1.0
2.6
V dc
Small Signal Characteristics
Symbol
Min
Typ
Max
Unit
Short Circuit Forward Current Transfer Ratio
IC = 1 mA, VCE = 10 V, f = 1kHz
Open Circuit Output Capacitance
VCB = 10 V, IE = 0 V, 100 kHz < f < 1 MHz
Input Capacitance, Output Open Circuited
VEB = 2.0 V, IC = 0, 100 kHz < f < 1 MHz
pF
AC hFE
100
250
---
CIBO
---
8.0
30
---
pF
COBO
---
6.0
8.0
Switching Characteristics
Symbol
Min
Typ
Max
Unit
Saturated Turn On Switching Time to 90%
16V, 50 ohm input pulse
Saturated Turn Off Switching Time to 10%
16V, 50 ohm input pulse
ns
tOFF
---
200
300
ns
tON
---
25
45


Podobny numer części - 2N2905AL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Semicoa Semiconductor
2N2905AL SEMICOA-2N2905AL Datasheet
31Kb / 1P
   Chip Type 2C2907A Geometry 0600 Polarity PNP
logo
Microsemi Corporation
2N2905AL MICROSEMI-2N2905AL Datasheet
57Kb / 2P
   PNP SWITCHING SILICON TRANSISTOR
logo
Semicoa Semiconductor
2N2905AL SEMICOA-2N2905AL Datasheet
203Kb / 2P
   Silicon PNP Transistor
logo
Seme LAB
2N2905AL SEME-LAB-2N2905AL Datasheet
15Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO5
logo
Microsemi Corporation
2N2905AL MICROSEMI-2N2905AL Datasheet
175Kb / 4P
   PNP SWITCHING SILICON TRANSISTOR
More results

Podobny opis - 2N2905AL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Semicoa Semiconductor
2N2907A SEMICOA-2N2907A Datasheet
45Kb / 2P
   Type 2N2907A Geometry 0600 Polarity PNP
2N3485A SEMICOA-2N3485A Datasheet
45Kb / 2P
   Type 2N3485A Geometry 0600 Polarity PNP
2N6987 SEMICOA-2N6987 Datasheet
69Kb / 2P
   Type 2N6987 Geometry 0600 Polarity PNP
2N6988 SEMICOA-2N6988 Datasheet
71Kb / 2P
   Type 2N6988 Geometry 0600 Polarity PNP
2N2907AUB SEMICOA-2N2907AUB Datasheet
47Kb / 2P
   Type 2N2907AUB Geometry 0600 Polarity PNP
2N3486A SEMICOA-2N3486A Datasheet
45Kb / 2P
   Type 2N3486A Geometry 0600 Polarity PNP
2N2905A SEMICOA-2N2905A Datasheet
46Kb / 2P
   Type 2N2905A Geometry 0600 Polarity PNP
2C2904A SEMICOA-2C2904A Datasheet
29Kb / 1P
   Chip Type 2C2904A Geometry 0600 Polarity PNP
2C2907A SEMICOA-2C2907A Datasheet
31Kb / 1P
   Chip Type 2C2907A Geometry 0600 Polarity PNP
2N4033 SEMICOA-2N4033 Datasheet
86Kb / 2P
   Type 2N4033 Geometry 6700 Polarity PNP
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com