Zakładka z wyszukiwarką danych komponentów |
|
TL22SCAG015F Arkusz danych(PDF) 4 Page - Nihon Kaiheiki Industry Co. Ltd. |
|
TL22SCAG015F Arkusz danych(HTML) 4 Page - Nihon Kaiheiki Industry Co. Ltd. |
4 / 5 page Series TL Fully Illuminated Toggles www.nkk.com A121 A Exopy Seal (3.0) .118 (2.0) .079 Solder Lug Thk = (0.8) Typ .031 (1.17) .046 (2.0) Typ .079 (1.1) Typ .043 (5.0) .197 (5.4) .213 Turret LED Thk = (0.6) .024 (3.5) .138 CONTACT MATERIALS, RATINGS, & TERMINALS Silver Contacts Power Level 6A @ 125V AC & 3A @ 250V AC & 6A @ 12V DC W 01 G Gold Contacts Logic Level 0.4VA maximum @ 28V AC/DC See Supplement Index for complete explanation of operating range. TOGGLE LENGTHS & COLORS .689” (17.5mm) D (17.5) .689 (11.0) .433 S Combines with Silver Contacts only Material: Polycarbonate Combines with Gold Contacts only Material: Polycarbonate HOUSING Black A The housing consists of the one-piece bushing/case of glass fiber reinforced polyamide in black color only. The diallyl phthalate material used for the base is UL flammability rated 94V-0; housing material is not. Colors Available for Bright LED Red Amber Green C D F N Color Available for Super Bright LED No Color (Appearance is matte finish of clear material) Solder Lug Terminals .433” (11.0mm) POLE & CIRCUIT Toggle Position Connected Terminals Throw & Power/Lamp Schematics Pole Model Down Center Up Down Center Up Notes: Terminal numbers are not actually on switch. Lamp circuit is isolated and requires an external power source. DP TL22 ON NONE ON 1-1b 2-2b OPEN 1-1a 2-2a DPDT (+) (-) Keyway Keyway 1 1b 2b 2 (COM) 1a 2a LED CODES & SPECIFICATIONS Electrical specifications are determined at a basic temperature of 25°C. Lamp circuit is independent of switch operation. If the source voltage is greater than rated voltage, a ballast resistor is required. The ballast resistor calculation and more lamp detail are shown in Supplement section. Colored Toggles Clear Toggles Bright Super Bright LED Factory Assembled Not Available Separately Color Red Amber Green White Green Blue Forward Peak Current I FM 30mA 30mA 50mA 30mA 30mA 30mA Continuous Forward Current I F 20mA 20mA 20mA 20mA 20mA 20mA Forward Voltage V F 2.0V 2.1V 2.27V 3.6V 3.5V 3.6V Reverse Peak Voltage V RM 4V 4V 4V 5V 5V 5V Current Reduction Rate Above 25°C ∆I F 0.32mA/°C 0.32mA/°C 0.50mA/°C 0.50mA/°C 0.50mA/°C 0.50mA/°C Ambient Temperature Range –10°C ~ +55°C –10°C ~ +55°C 5 D F C G B F 6 ATTENTION ELECTROSTATIC SENSITIVE DEVICES |
Podobny numer części - TL22SCAG015F |
|
Podobny opis - TL22SCAG015F |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |