Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PD-45A Arkusz danych(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Numer części PD-45A
Szczegółowy opis  45W Dual Output Switching Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MEANWELL [Mean Well Enterprises Co., Ltd.]
Strona internetowa  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

PD-45A Arkusz danych(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  PD-45A Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. PD-45A Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPECIFICATION
PD-45A
PD-45B
MODEL
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
OUTPUT
VOLTAGE ADJ.RANGE
LINEREGULATION
LOADREGULATION
SETUP,RISETIME
HOLDUP TIME (Typ.)
VOLTAGERANGE
FREQUENCY RANGE
EFFICIENCY(Typ.)
INPUT
INRUSHCURRENT (Typ.)
LEAKAGECURRENT
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
ACCURRENT (Typ.)
5V
12V
CH2
5V
CH1
24V
CH2
3.2A
2A
3.2A
1.2A
0.4~5A
0.2~2.5A
0.4~5A
0.2~1.8A
40W
44.8W
Ratedoutputpowerforconvection;52Wwith18CFMmin.Forcedair
50mVp-p
120mVp-p
150mVp-p
50mVp-p
CH1:4.75~5.5V
CH1:4.75~5.5V
4.0%
7.0%
7.0%
4.0%
1.0%
2.0%
2.0%
1.0%
3.0%
4.0%
4.0%
3.0%
800ms,20msatfullload
60msatfullload
90~264VAC127~370VDC
47~440Hz
77%
78%
1A/115VAC0.7A/230VAC
COLDSTART 15A/115VAC30A/230VAC
<0.75mA
53~75W ratedoutputpower
Protectiontype: Hiccupmode,recoversautomaticallyafterfaultconditionisremoved.
Protectiontype: Hiccupmode,recoversautomaticallyafterfaultconditionisremoved.
-10~+60
(Refertooutputloadderatingcurve)
20~90%RHnon-condensing
-20~+85
,10~95%RH
0.04%/
(0~50
)on+5Voutput
10~500Hz,2G10min./1cycle,periodfor60min. eachalongX, Y,Zaxes
288.1Khrsmin.MIL-HDBK-217F(25
)
127*76*28mm(L*W*H)
0.2Kg;72pcs/16Kg/1.35CUFT
FileName:PD-45-SPEC 2011-03-31
5.75~6.75VDConCH1
OVERVOLTAGE
SAFETY STANDARDS
HARMONICCURRENT
EMSIMMUNITY
CompliancetoEN55022(CISPR22)ClassB
Complianceto EN61000-3-2,-3
Complianceto
EN55024,lightindustrylevel,criteria A
EN61000-4-2,3,4,5,6,8,11;ENV50204,
45WDualOutputSwitchingPowerSupply
Features :
P D - 4 5 series
ENVIRONMENT
SAFETY &
EMC
(Note4)
PROTECTION
EMICONDUCTION&RADIATION
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:3KVACI/P-FG:1.5KVACO/P-FG:0.5KVAC
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC /25
/70%RH
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives.
5. Mounting holes M1 and M2 should be grounded for EMI purposes.
6. Heat Sink HS1,HS2 can not be shorted.
For guidance on how to perform these EMC tests, please refer to “EMI testing of component power supplies.”
(as available on http://www.meanwell.com)
Universal AC input/Full range
Low leakage current<0.5mA
Protections: Short circuit / Overload / Over voltage
Cooling by free air convection
100% full load burn-in test
Fixed switching frequency at 65KHz
2 years warranty
OUTPUTPOWER(max.)
UL60950-1, TUVEN60950-1approved
CH1
OUTPUTNUMBER


Podobny numer części - PD-45A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Astrodyne Corporation
PD-45A ASTRODYNE-PD-45A Datasheet
1Mb / 8P
   45W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
PD-45A MEANWELL-PD-45A Datasheet
338Kb / 2P
   45W Dual Output Switching Power Supply
logo
RSG Electronic Componen...
PD-45A RSG-PD-45A Datasheet
197Kb / 2P
   45W Dual Output Switching Power Supply
logo
Astrodyne Corporation
PD-45A ASTRODYNE-PD-45A Datasheet
331Kb / 4P
   45W Dual Output Switching Power Supply
More results

Podobny opis - PD-45A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Astrodyne Corporation
PD45 ASTRODYNE-PD45 Datasheet
331Kb / 4P
   45W Dual Output Switching Power Supply
logo
Mean Well Enterprises C...
PD-45 MEANWELL-PD-45 Datasheet
338Kb / 2P
   45W Dual Output Switching Power Supply
logo
RSG Electronic Componen...
PD-45 RSG-PD-45 Datasheet
197Kb / 2P
   45W Dual Output Switching Power Supply
logo
Mean Well Enterprises C...
PT-45_1109 MEANWELL-PT-45_1109 Datasheet
343Kb / 2P
   45W Triple Output Switching Power Supply
PT-45 MEANWELL-PT-45 Datasheet
340Kb / 2P
   45W Triple Output Switching Power Supply
logo
Astrodyne Corporation
PS-45 ASTRODYNE-PS-45 Datasheet
1Mb / 8P
   45W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
PT-45 MEANWELL-PT-45_11 Datasheet
343Kb / 2P
   45W Triple Output Switching Power Supply
EPS-45S MEANWELL-EPS-45S Datasheet
96Kb / 4P
   45W Single Output Switching Power Supply
logo
Astrodyne Corporation
PS45 ASTRODYNE-PS45 Datasheet
322Kb / 4P
   45W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
PS-45 MEANWELL-PS-45_11 Datasheet
341Kb / 2P
   45W Single Output Switching Power Supply
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com