Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM320F2806-EP Arkusz danych(PDF) 10 Page - Texas Instruments

Numer części SM320F2806-EP
Szczegółowy opis  Digital Signal Processors
Download  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

SM320F2806-EP Arkusz danych(HTML) 10 Page - Texas Instruments

Back Button SM320F2806-EP Datasheet HTML 6Page - Texas Instruments SM320F2806-EP Datasheet HTML 7Page - Texas Instruments SM320F2806-EP Datasheet HTML 8Page - Texas Instruments SM320F2806-EP Datasheet HTML 9Page - Texas Instruments SM320F2806-EP Datasheet HTML 10Page - Texas Instruments SM320F2806-EP Datasheet HTML 11Page - Texas Instruments SM320F2806-EP Datasheet HTML 12Page - Texas Instruments SM320F2806-EP Datasheet HTML 13Page - Texas Instruments SM320F2806-EP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 118 page
background image
www.ti.com
2
Introduction
ORDERING INFORMATION
SM320F2808-EP, SM320F2806-EP
SM320F2801-EP
Digital Signal Processors
SGLS316A – MARCH 2006 – REVISED FEBRUARY 2007
The SM320F2808, F2806, and F2801/UCD9501 devices, members of the TMS320C28x™ DSP
generation, are highly integrated, high-performance solutions for demanding control applications. The
UCD9501 is a 32-bit digital signal controller for power management.
Throughout this document, SM320F2808, F2806, and F2801/UCD9501 are abbreviated as F2808, F2806,
and F2801/9501, respectively. TMS320x280x device reference guides, flash tools, and other collateral are
applicable to the UCD9501 device as well. Table 2-1 provides a summary of each device's features.
Table 2-1. Hardware Features
FEATURE
F2808
F2806(1)
F2801/9501(1)
Instruction cycle (at 100 MHz)
10 ns
10 ns
10 ns
18K
10K
6K
Single-access RAM (SARAM) (16-bit word)
(L0, L1, M0, M1, H0)
(L0, L1, M0, M1)
(L0, M0, M1)
3.3-V on-chip flash (16-bit word)
64K
32K
16K
Code security for on-chip flash/SARAM/OTP blocks
Yes
Yes
Yes
Boot ROM (4K X16)
Yes
Yes
Yes
One-time programmable (OTP) ROM
Yes
Yes
Yes
External memory interface
No
No
No
ePWM1, ePWM2
ePWM1, ePWM2
ePWM1,
Enhanced PWM outputs (16-bit timer-based modules with 2
ePWM3, ePWM4,
ePWM3, ePWM4,
ePWM2,
PWM outputs/module)
ePWM5, ePWM6
ePWM5, ePWM6
ePWM3
ePWM1A, ePWM2A
ePWM1A, ePWM2A
ePWM1A, ePWM2A
HRPWM channels
ePWM3A, ePWM4A
ePWM3A, ePWM4A
ePWM3A
eCAP1, eCAP2
eCAP1, eCAP2
Enhanced 32-bit CAPTURE inputs or auxiliary PWM outputs
eCAP1, eCAP2
eCAP3, eCAP4
eCAP3, eCAP4
Enhanced 32-bit QEP channels (four inputs/channel)
eQEP1, eQEP2
eQEP1, eQEP2
eQEP1
Watchdog timer
Yes
Yes
Yes
12-Bit ADC channels
16
16
16
32-Bit CPU timers
3
3
3
SPI-A, SPI-B,
SPI-A, SPI-B,
Serial Peripheral Interface (SPI)
SPI-A, SPI-B
SPI-C, SPI-D
SPI-C, SPI-D
Serial Communications Interface (SCI)
SCI-A, SCI-B
SCI-A, SCI-B
SCI-A
Enhanced Controller Area Network (eCAN)
eCAN-A, eCAN-B
eCAN-A
eCAN-A
Inter-Integrated Circuit (I2C)
I2C-A
I2C-A
I2C-A
Digital I/O pins (shared)
35
35
35
External interrupts
3
3
3
Supply voltage
1.8-V Core, 3.3-V I/O
1.8-V Core, 3.3-V I/O
1.8-V Core, 3.3-V I/O
100-Pin PZ
100-Pin PZ
100-Pin PZ
Packaging
100-Ball GGM, ZGM
100-Ball GGM, ZGM
100-Ball GGM, ZGM
(PZ, GGM, ZGM)
(PZ, GGM, ZGM)
(PZ, GGM, ZGM)
Temperature options
M: -55
°C to 125°C
(PZ, GGM, ZGM)
(PZ, GGM, ZGM)
(PZ, GGM, ZGM)
(PZ)
(PZ)
(PZ)
(1)
Product Preview
TA
PACKAGE
ORDERABLE PART NUMBER
-55
°C to 125°C
LQFP-PZ
SM320F2801PZMEP
-55
°C to 125°C
LQFP-PZ
SM320F2808PZMEP
Introduction
10
Submit Documentation Feedback


Podobny numer części - SM320F2806-EP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SM320F2810-EP TI-SM320F2810-EP Datasheet
2Mb / 159P
[Old version datasheet]   Digital Signal Processors
SM320F2810-EP TI-SM320F2810-EP Datasheet
1Mb / 158P
[Old version datasheet]   Digital Signal Processors
SM320F2810-EP TI-SM320F2810-EP Datasheet
1Mb / 158P
[Old version datasheet]   Digital Signal Processors
SM320F2810-EP TI-SM320F2810-EP Datasheet
1Mb / 158P
[Old version datasheet]   Digital Signal Processors
SM320F2810-EP TI-SM320F2810-EP_10 Datasheet
1Mb / 158P
[Old version datasheet]   Digital Signal Processors
More results

Podobny opis - SM320F2806-EP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SMJ320C31 TI-SMJ320C31 Datasheet
968Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2812 TI-TMS320F2812 Datasheet
1Mb / 103P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C31 TI-TMS320C31 Datasheet
636Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2810 TI-TMS320F2810_08 Datasheet
2Mb / 173P
[Old version datasheet]   Digital Signal Processors
TMS320F2809 TI-TMS320F2809_11 Datasheet
1Mb / 145P
[Old version datasheet]   Digital Signal Processors
TMS320F2810 TI-TMS320F2810_11 Datasheet
1Mb / 170P
[Old version datasheet]   Digital Signal Processors
TMS320C5X TI1-TMS320C5X_16 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C203 TI-TMS320C203 Datasheet
1Mb / 83P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320LBC57PGE80 TI1-TMS320LBC57PGE80 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMDXDOCK28069 TI-TMDXDOCK28069 Datasheet
1Mb / 147P
[Old version datasheet]   Digital Signal Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com