Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TL19W01-L Arkusz danych(PDF) 1 Page - Toshiba Semiconductor

Numer części TL19W01-L
Szczegółowy opis  LED lamps
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TL19W01-L Arkusz danych(HTML) 1 Page - Toshiba Semiconductor

  TL19W01-L Datasheet HTML 1Page - Toshiba Semiconductor TL19W01-L Datasheet HTML 2Page - Toshiba Semiconductor TL19W01-L Datasheet HTML 3Page - Toshiba Semiconductor TL19W01-L Datasheet HTML 4Page - Toshiba Semiconductor TL19W01-L Datasheet HTML 5Page - Toshiba Semiconductor TL19W01-L Datasheet HTML 6Page - Toshiba Semiconductor TL19W01-L Datasheet HTML 7Page - Toshiba Semiconductor TL19W01-L Datasheet HTML 8Page - Toshiba Semiconductor TL19W01-L Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TL19W01-L(T32
2010-12-13
1
TOSHIBA LED lamps
TL19W01-L(T32
Surface-mount devices
• 3.1 (L) mm × 3.8 (W) mm × 0.65 (H) mm size
• High luminous flux LED: 100 lm(typ.) @IF=300 mA
• Color: white (3000K)
• Reflow-soldering is available
• Applications : general lighting and etc.
Color and Material
Part Number
Color
Material
TL19W01-L
White (3000K)
InGaN
Absolute Maximum Ratings (Ta = 25°C) (Note.1)
Characteristics
Symbol
Rating
Unit
Forward Current (Note.2)
IF
350
mA
Pulse current (Note.3)
IFP
400
mA
Power Dissipation
PD
1.33
W
Operating Temperature
Topr
−40 to 100
°C
Storage Temperature
Tstg
−40 to 100
°C
Junction Temperature
Tj
120
°C
Note 1: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease
in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are
within the absolute maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/”Derating Concept and Methods”) and individual reliability data (i.e. reliability test report
and estimated failure rate, etc).
Note 2: The junction-to-ambient thermal resistance, Rth(j-a), should be kept below 50℃/W so that the TL19W01-L(T32 is
not exposed to a condition beyond the absolute maximum ratings. Rth(j-a): Thermal resistance from the LED
junction to ambient temperature
Note 3: Pulse width 10ms, Duty 1/10
Unit: mm
3.1
1
2
1.9
0.4
(0.5)
1.Cathode
2.Anode
Tolerance:± 0.1
JEDEC
JEITA
TOSHIBA
4-4L1
Weight: 0.017 g (typ.)
Ambient temperature Ta (°C)
IF – Ta
0
50
100
150
200
250
300
350
400
0
2040
6080
100
Rth(j-a)=50℃/W


Podobny numer części - TL19W01-L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TL19W01-LH2 TOSHIBA-TL19W01-LH2 Datasheet
334Kb / 10P
   LED lamps
TL19W01-LH2T32 TOSHIBA-TL19W01-LH2T32 Datasheet
334Kb / 10P
   LED lamps
More results

Podobny opis - TL19W01-L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TL21W02-D TOSHIBA-TL21W02-D Datasheet
259Kb / 9P
   LED lamps
logo
Lucky Light Electronic
AL-50-30IRC-850 LUCKY-LIGHT-AL-50-30IRC-850_15 Datasheet
351Kb / 5P
   LED Lamps
AL-31-40IRC-850 LUCKY-LIGHT-AL-31-40IRC-850_15 Datasheet
324Kb / 5P
   LED Lamps
AL-50-30UW5C LUCKY-LIGHT-AL-50-30UW5C_15 Datasheet
394Kb / 6P
   LED Lamps
logo
A-BRIGHT Inc
AL-513RGBW-C-002 A-BRIGHT-AL-513RGBW-C-002 Datasheet
241Kb / 7P
   LED Lamps
2008/6/10
logo
IDEA.lnc.
JGC0348 IDEA-JGC0348 Datasheet
37Kb / 2P
   LED LAMPS
JYC0118 IDEA-JYC0118 Datasheet
150Kb / 5P
   LED LAMPS
JYC0358 IDEA-JYC0358 Datasheet
388Kb / 5P
   LED LAMPS
logo
Toshiba Semiconductor
TL12W02-L TOSHIBA-TL12W02-L Datasheet
305Kb / 10P
   LED lamps
logo
BRIGHT LED ELECTRONICS ...
BL-R2132N BRIGHT-BL-R2132N Datasheet
277Kb / 5P
   LED LAMPS
BL-R4641T BRIGHT-BL-R4641T Datasheet
277Kb / 5P
   LED LAMPS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com