Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SDZ9V1D Arkusz danych(PDF) 1 Page - KODENSHI_AUK CORP.

Numer części SDZ9V1D
Szczegółowy opis  Small Signal Zener Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KODENSHI [KODENSHI_AUK CORP.]
Strona internetowa  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SDZ9V1D Arkusz danych(HTML) 1 Page - KODENSHI_AUK CORP.

  SDZ9V1D Datasheet HTML 1Page - KODENSHI_AUK CORP. SDZ9V1D Datasheet HTML 2Page - KODENSHI_AUK CORP. SDZ9V1D Datasheet HTML 3Page - KODENSHI_AUK CORP. SDZ9V1D Datasheet HTML 4Page - KODENSHI_AUK CORP. SDZ9V1D Datasheet HTML 5Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Rev. date: 22-NOV-10
KSD-D6C019-001
www.auk.co.kr
1 of 5
SDZ9V1D
ZENER DIODE
Small Signal Zener Diode
General Description
These diodes small signal Zener diodes, fabricated in planar
technology. Miniature surface mount package is excellent for
hand-held and portable applications where is space is limited.
Features and Benefits
 Silicon epitaxial planar diode
 Low Zener impedance and low leakage current
 Standard Zener voltage tolerance is 4.3%.
 Full lead (Pb)-free device and RoHS compliant device
 Available in “Green” device
Applications
 Voltage regulator
Ordering Information
Part Number
Marking Code
Package
Packaging
SDZ9V1D
W2
SOD-323
Tape & Reel
Marking Information
Pinning Information
Pin
Description
Simplified Outline
Graphic Symbol
1
Cathode
2
Anode
W 2 = Specific Device Code
□ = Year & Week Code Marking
= Color band denote cathode
W 2
SOD-323


Podobny numer części - SDZ9V1D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
KODENSHI_AUK CORP.
SDZ9V1 KODENSHI-SDZ9V1 Datasheet
168Kb / 5P
   Small Signal Zener Diode
SDZ9V1CG KODENSHI-SDZ9V1CG Datasheet
272Kb / 5P
   Small Signal Zener Diode
SDZ9V1G KODENSHI-SDZ9V1G Datasheet
260Kb / 5P
   Small Signal Zener Diode
More results

Podobny opis - SDZ9V1D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
KODENSHI_AUK CORP.
SDZ3V0Q KODENSHI-SDZ3V0Q_18 Datasheet
171Kb / 5P
   Small Signal Zener Diode
SDZ6V2Z KODENSHI-SDZ6V2Z Datasheet
160Kb / 5P
   Small Signal Zener Diode
SDZ6V8 KODENSHI-SDZ6V8 Datasheet
146Kb / 5P
   Small Signal Zener Diode
SDZ6V8D KODENSHI-SDZ6V8D Datasheet
160Kb / 5P
   Small Signal Zener Diode
SDZ6V8WA KODENSHI-SDZ6V8WA Datasheet
147Kb / 5P
   Small Signal Zener Diode
SDZ18VG KODENSHI-SDZ18VG Datasheet
260Kb / 5P
   Small Signal Zener Diode
SDZ24V KODENSHI-SDZ24V Datasheet
146Kb / 5P
   Small Signal Zener Diode
SDZ6V2D KODENSHI-SDZ6V2D Datasheet
149Kb / 5P
   Small Signal Zener Diode
SDZ6V2F KODENSHI-SDZ6V2F Datasheet
161Kb / 5P
   Small Signal Zener Diode
SDZ3V0Q KODENSHI-SDZ3V0Q Datasheet
151Kb / 5P
   Small Signal Zener Diode
SDZ5V1D KODENSHI-SDZ5V1D Datasheet
160Kb / 5P
   Small Signal Zener Diode
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com