Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TL1451L-P16-T Arkusz danych(PDF) 4 Page - Unisonic Technologies

Numer części TL1451L-P16-T
Szczegółowy opis  DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  UTC [Unisonic Technologies]
Strona internetowa  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TL1451L-P16-T Arkusz danych(HTML) 4 Page - Unisonic Technologies

  TL1451L-P16-T Datasheet HTML 1Page - Unisonic Technologies TL1451L-P16-T Datasheet HTML 2Page - Unisonic Technologies TL1451L-P16-T Datasheet HTML 3Page - Unisonic Technologies TL1451L-P16-T Datasheet HTML 4Page - Unisonic Technologies TL1451L-P16-T Datasheet HTML 5Page - Unisonic Technologies TL1451L-P16-T Datasheet HTML 6Page - Unisonic Technologies TL1451L-P16-T Datasheet HTML 7Page - Unisonic Technologies TL1451L-P16-T Datasheet HTML 8Page - Unisonic Technologies TL1451L-P16-T Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
TL1451
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 14
www.unisonic.com.tw
QW-R103-011.D
ELECTRICAL CHARACTERISTICS(Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Oscillator Section
Frequency
F
CT=330pF, RT=10kΩ
200
kHz
Standard deviation of frequency
CT=330pF, RT=10kΩ
10%
Frequency Change with Voltage
Vcc=3.6V ~ 40V
1%
TA=-20°C ~ 25°C
-0.4
±2
Frequency Change with Temperature
TA=25°C ~ 85°C
-0.2
±2
%
Dead-Time Control Section
Input bias Current (DTC)
IIN(BIAS)
1
μA
Latch mode (source) Current (DTC)
-80
-145
μA
Latched Input Voltage (DTC)
VIN
IOUT=40μA
2.3
V
Zero duty cycle
2.05
2.25
Input threshold Voltage at f=10kHz (DTC)
VIN(THR)
Maximum duty cycle
1.2
1.45
V
Error-Amplifier Section
Input Offset Voltage
VIN(OFF)
VOUT (FEEDBACK)=1.25V
±6
mV
Input Offset Current
IIN(OFF)
VOUT (FEEDBACK)=1.25V
±100
nA
Input Bias current
IIN(BIAS)
VOUT (FEEDBACK)=1.25V
160
500
nA
Common-Mode Input Voltage Range
VIN(CM)
Vcc=3.6V ~ 40V
1. 05~
1.45
V
Open-loop Voltage Amplification
RF=200kΩ
70
80
dB
Unity-gain Bandwidth
BG
1.5
MHz
Common-mode Rejection Ratio
RR
60
80
dB
Positive Output Voltage Swing
VOUT
Vref-0.1
V
Negative Output Voltage Swing
VOUT
1
V
Output (sink) Current (FEEDBACK)
IOUT(SIN)
VID=-0.1V, VOUT=1.25V
0.5
1.6
mA
Output (source) Current (FEEDBACK)
IOUT(SOU)
VID=0.1V, VOUT=1.25V
-45
-70
μA
Output Section
Collector off-state Current
IOFF
VOUT=50V
10
μA
Output Saturation Voltage
VOUT(SAT) IOUT=10mA
1.2
2
V
Short-Circuit Output Current
IOUT(SHT)
VOUT=6V
90
mA
PWM Comparator Section
Zero duty cycle
2.05
2.25
Input Threshold Voltage at f=10kHz
(FEEDBACK)
VI(THR)
Maximum duty cycle
1.2
1.45
V
TOTAL DEVICE
Standby Supply Current
ISTN-BY
Off-state
1.3
1.8
mA
Average Supply Current
RT=10kΩ
1.7
2.4
mA


Podobny numer części - TL1451L-P16-T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unisonic Technologies
TL1451L-P16-T UTC-TL1451L-P16-T Datasheet
254Kb / 14P
   DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
More results

Podobny opis - TL1451L-P16-T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unisonic Technologies
TL1451 UTC-TL1451_05 Datasheet
254Kb / 14P
   DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Texas Instruments
TL1451A TI-TL1451A Datasheet
425Kb / 29P
[Old version datasheet]   DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL1451A-Q1 TI1-TL1451A-Q1 Datasheet
392Kb / 24P
[Old version datasheet]   DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL1451A-EP TI-TL1451A-EP_15 Datasheet
574Kb / 26P
[Old version datasheet]   DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Unisonic Technologies
TL1451 UTC-TL1451_15 Datasheet
404Kb / 14P
   DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Texas Instruments
TL1451AC TI1-TL1451AC Datasheet
494Kb / 21P
[Old version datasheet]   DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Unisonic Technologies
UTCTL1451 UTC-UTCTL1451 Datasheet
127Kb / 5P
   DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Texas Instruments
TL1451A TI-TL1451A_15 Datasheet
1Mb / 36P
[Old version datasheet]   DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL1451A-Q1 TI-TL1451A-Q1_15 Datasheet
893Kb / 26P
[Old version datasheet]   DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL1451A-EP TI1-TL1451A-EP Datasheet
673Kb / 25P
[Old version datasheet]   DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com