Zakładka z wyszukiwarką danych komponentów |
|
SM12.TC Arkusz danych(PDF) 5 Page - Semtech Corporation |
|
SM12.TC Arkusz danych(HTML) 5 Page - Semtech Corporation |
5 / 7 page 5 ã 2000 Semtech Corp. www.semtech.com PROTECTION PRODUCTS PROTECTION PRODUCTS SM05 THRU SM36 Applications Information Device Schematic & Pin Configuration Device Connection Options The SM series is designed to protect one bidirectional or two unidirectional data or I/O lines operating at 5 to 36 volts. Connection options are as follows: l Bidirectional: Pin 1 is connected to the data line and pin 2 is connected to ground (Since the device is symmetrical, these connections may be re- versed). For best results, the ground connection should be made directly to a ground plane on the board. The path length should be kept as short as possible to minimize parasitic inductance. Pin 3 is not connected. l Unidirectional: Data lines are connected to pin 1 and pin 2. Pin 3 is connected to ground. For best results, this pin should be connected directly to a ground plane on the board. The path length should be kept as short as possible to minimize parasitic inductance. Circuit Board Layout Recommendations for Suppres- sion of ESD. Good circuit board layout is critical for the suppression of fast rise-time transients such as ESD. The following guidelines are recommended (Refer to application note SI99-01 for more detailed information): l Place the TVS near the input terminals or connec- tors to restrict transient coupling. l Minimize the path length between the TVS and the protected line. l Minimize all conductive loops including power and ground loops. l The ESD transient return path to ground should be kept as short as possible. l Never run critical signals near board edges. l Use ground planes whenever possible. RS-232 Transceiver Protection Example |
Podobny numer części - SM12.TC |
|
Podobny opis - SM12.TC |