Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MJ11015 Arkusz danych(PDF) 2 Page - ON Semiconductor

Numer części MJ11015
Szczegółowy opis  High-Current Complementary Silicon Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJ11015 Arkusz danych(HTML) 2 Page - ON Semiconductor

  MJ11015_08 Datasheet HTML 1Page - ON Semiconductor MJ11015_08 Datasheet HTML 2Page - ON Semiconductor MJ11015_08 Datasheet HTML 3Page - ON Semiconductor MJ11015_08 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MJ11015 (PNP); MJ11012, MJ11016 (NPN)
http://onsemi.com
2
Figure 1. Darlington Circuit Schematic
BASE
EMITTER
COLLECTOR
≈ 8.0 k
≈ 40
PNP
MJ11015
BASE
EMITTER
COLLECTOR
≈ 8.0 k
≈ 40
NPN
MJ11012
MJ11016
ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted.)
Characteristics
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Breakdown Voltage(1)
(IC = 100 mAdc, IB = 0)
MJ11012
MJ11015, MJ11016
V(BR)CEO
60
120
Vdc
Collector−Emitter Leakage Current
(VCE = 60 Vdc, RBE = 1k ohm)
MJ11012
(VCE = 120 Vdc, RBE = 1k ohm)
MJ11015, MJ11016
(VCE = 60 Vdc, RBE = 1k ohm, TC = 150_C)
MJ11012
(VCE = 120 Vdc, RBE = 1k ohm, TC = 150_C)
MJ11015, MJ11016
ICER
1
1
5
5
mAdc
Emitter Cutoff Current
(VBE = 5 Vdc, IC = 0)
IEBO
5
mAdc
Collector−Emitter Leakage Current
(VCE = 50 Vdc, IB = 0)
ICEO
1
mAdc
ON CHARACTERISTICS(1)
DC Current Gain
(IC = 20 Adc,VCE = 5 Vdc)
(IC = 30 Adc, VCE = 5 Vdc)
hFE
1000
200
Collector−Emitter Saturation Voltage
(IC = 20 Adc, IB = 200 mAdc)
(IC = 30 Adc, IB = 300 mAdc)
VCE(sat)
3
4
Vdc
Base−Emitter Saturation Voltage
(IC = 20 A, IB = 200 mAdc)
(IC = 30 A, IB = 300 mAdc)
VBE(sat)
3.5
5
Vdc
DYNAMIC CHARACTERISTICS
Current−Gain Bandwidth Product
(IC = 10 A, VCE = 3 Vdc, f = 1 MHz)
hfe
4
MHz
(1) Pulse Test: Pulse Width = 300 μs, Duty Cycle v 2.0%.


Podobny numer części - MJ11015_08

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Continental Device Indi...
MJ11015PNP CDIL-MJ11015PNP Datasheet
176Kb / 3P
   SILICON PLANAR DARLINGTON POWER TRANSISTORS
More results

Podobny opis - MJ11015_08

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MJ11012 ONSEMI-MJ11012_01 Datasheet
68Kb / 4P
   High-Current Complementary Silicon Transistors
May, 2001 ??Rev. 4
logo
NTE Electronics
NTE2534 NTE-NTE2534 Datasheet
22Kb / 2P
   Silicon Complementary Transistors High Current Switch
NTE2513 NTE-NTE2513 Datasheet
22Kb / 2P
   Silicon Complementary Transistors High Current Switch
logo
New Jersey Semi-Conduct...
2N5684 NJSEMI-2N5684 Datasheet
206Kb / 2P
   HIGH-CURRENT COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
MJ11028 ONSEMI-MJ11028_08 Datasheet
121Kb / 4P
   High-Current Complementary Silicon Power Transistors
September, 2008 ??Rev. 6
logo
NTE Electronics
NTE2570 NTE-NTE2570 Datasheet
22Kb / 2P
   Silicon Complementary Transistors High Current Switch
NTE2515 NTE-NTE2515 Datasheet
22Kb / 2P
   Silicon Complementary Transistors High Current Switch
NTE2524 NTE-NTE2524 Datasheet
22Kb / 2P
   Silicon Complementary Transistors High Current Switch
NTE2562 NTE-NTE2562 Datasheet
22Kb / 2P
   Silicon Complementary Transistors High Current Switch
NTE2564 NTE-NTE2564 Datasheet
22Kb / 2P
   Complementary Silicon Transistors High Current Switch
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com