Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MJ11015 Arkusz danych(PDF) 3 Page - ON Semiconductor

Numer części MJ11015
Szczegółowy opis  High-Current Complementary Silicon Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJ11015 Arkusz danych(HTML) 3 Page - ON Semiconductor

  MJ11015_08 Datasheet HTML 1Page - ON Semiconductor MJ11015_08 Datasheet HTML 2Page - ON Semiconductor MJ11015_08 Datasheet HTML 3Page - ON Semiconductor MJ11015_08 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MJ11015 (PNP); MJ11012, MJ11016 (NPN)
http://onsemi.com
3
30 k
0.3
Figure 2. DC Current Gain (1)
IC, COLLECTOR CURRENT (AMP)
0.5 0.7
1
2
3
10
20
30
7 k
3 k
2 k
700
Figure 3. Small−Signal Current Gain
2
10
f, FREQUENCY (kHz)
20
30
50
70
200 300
500
1.0 k
0.2
0.05
0.02
0.01
10 k
5 k
VCE = 5 Vdc
TJ = 25°C
500
300
5
7
100
5
0.1
Figure 4. “On” Voltages (1)
IC, COLLECTOR CURRENT (AMP)
100
0
VBE(sat)
Figure 5. Active Region DC Safe Operating Area
20 k
PNP MJ11015
NPN MJ11012, MJ11016
4
3
2
1
50
VCE, COLLECTOR-EMITTER VOLTAGE (VOLTS)
35
10
20
200
10
5
0.01
20
2
1
0.2
0.1
0.5
0.05
0.02
50
TJ = 25°C
IC/IB = 100
VCE = 3 Vdc
IC = 10 mAdc
TJ = 25°C
0.1
0.5
1
0.005
700
MJ11012
MJ11015, MJ11016
27
30
70
100
220
50
0.2
0.5
1
10
5
VCE(sat)
PNP MJ11015
NPN MJ11012, MJ11016
PNP MJ11015
NPN MJ11012, MJ11016
BONDING WIRE LIMITATION
THERMAL LIMITATION @ TC = 25°C
SECOND BREAKDOWN LIMITATION
There are two limitations on the power handling ability of
a transistor average junction temperature and secondary
breakdown. Safe operating area curves indicate IC − VCE
limits of the transistor that must be observed for reliable
operations e.g., the transistor must not be subjected to
greater dissipation than the curves indicate.
At high case temperatures, thermal limitations will reduce
the power that can be handled to values less than the
limitations imposed by secondary breakdown.


Podobny numer części - MJ11015_08

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Continental Device Indi...
MJ11015PNP CDIL-MJ11015PNP Datasheet
176Kb / 3P
   SILICON PLANAR DARLINGTON POWER TRANSISTORS
More results

Podobny opis - MJ11015_08

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MJ11012 ONSEMI-MJ11012_01 Datasheet
68Kb / 4P
   High-Current Complementary Silicon Transistors
May, 2001 ??Rev. 4
logo
NTE Electronics
NTE2534 NTE-NTE2534 Datasheet
22Kb / 2P
   Silicon Complementary Transistors High Current Switch
NTE2513 NTE-NTE2513 Datasheet
22Kb / 2P
   Silicon Complementary Transistors High Current Switch
logo
New Jersey Semi-Conduct...
2N5684 NJSEMI-2N5684 Datasheet
206Kb / 2P
   HIGH-CURRENT COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
MJ11028 ONSEMI-MJ11028_08 Datasheet
121Kb / 4P
   High-Current Complementary Silicon Power Transistors
September, 2008 ??Rev. 6
logo
NTE Electronics
NTE2570 NTE-NTE2570 Datasheet
22Kb / 2P
   Silicon Complementary Transistors High Current Switch
NTE2515 NTE-NTE2515 Datasheet
22Kb / 2P
   Silicon Complementary Transistors High Current Switch
NTE2524 NTE-NTE2524 Datasheet
22Kb / 2P
   Silicon Complementary Transistors High Current Switch
NTE2562 NTE-NTE2562 Datasheet
22Kb / 2P
   Silicon Complementary Transistors High Current Switch
NTE2564 NTE-NTE2564 Datasheet
22Kb / 2P
   Complementary Silicon Transistors High Current Switch
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com