Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM05T1 Arkusz danych(PDF) 1 Page - ON Semiconductor

Numer części SM05T1
Szczegółowy opis  Transient Voltage Suppressor Diode Array
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SM05T1 Arkusz danych(HTML) 1 Page - ON Semiconductor

  SM05T1_11 Datasheet HTML 1Page - ON Semiconductor SM05T1_11 Datasheet HTML 2Page - ON Semiconductor SM05T1_11 Datasheet HTML 3Page - ON Semiconductor SM05T1_11 Datasheet HTML 4Page - ON Semiconductor SM05T1_11 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2011
July, 2011 − Rev. 4
1
Publication Order Number:
SM05T1/D
SM05T1 Series
Transient Voltage
Suppressor Diode Array
SOT−23 Dual Common Anode Diodes
for ESD Protection
These dual monolithic silicon TVS diodes are designed for
applications requiring transient overvoltage protection capability. They
are intended for use in voltage and ESD sensitive equipment such as
computers, printers, business machines, communication systems,
medical equipment and other applications. Their dual junction common
anode design protects two separate lines using only one package. These
devices are ideal for situations where board space is at a premium.
Specification Features:
SOT−23 Package Allows Either Two Separate Unidirectional
Configurations or a Single Bidirectional Configuration
Working Peak Reverse Voltage Range − 5.0 V to 24 V
Peak Power − 300 Watt (8 X 20 ms)
Low Leakage
Flammability Rating UL 94 V−0
These are Pb−Free Devices
Mechanical Characteristics:
CASE:
Void-Free, Transfer-Molded, Thermosetting Plastic Case
FINISH:
Corrosion Resistant Finish, Easily Solderable
MAXIMUM CASE TEMPERATURE FOR SOLDERING PURPOSES:
260
°C for 10 Seconds
Package Designed for Optimal Automated Board Assembly
Small Package Size for High Density Applications
Available in 8 mm Tape and Reel
Use the Device Number to Order the 7 Inch/3,000 Unit Reel
Replace the “T1” with “T3” in the Device Number to Order the
13 Inch/10,000 Unit Reel
SOT−23
CASE 318
STYLE 12
1
3
2
1
2
3
PIN 1. CATHODE
2. CATHODE
3. ANODE
MARKING DIAGRAM
http://onsemi.com
Device
Package
Shipping
ORDERING INFORMATION
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
SM05T1G
SOT−23
(Pb−Free)
3000/Tape & Reel
SM12T1G
SOT−23
(Pb−Free)
3000/Tape & Reel
*Date Code orientation and/or overbar may
vary depending upon manufacturing location.
1
xxM MG
G
xxM = Device Code
xx = 05, 12, 15, 24, 36
M
= Date Code*
G
=Pb−Free Package
(Note: Microdot may be in either location)
SM15T1G
SOT−23
(Pb−Free)
3000/Tape & Reel
SM24T1G
SOT−23
(Pb−Free)
3000/Tape & Reel
SM36T1G
SOT−23
(Pb−Free)
3000/Tape & Reel


Podobny numer części - SM05T1_11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
SM05T1G ONSEMI-SM05T1G Datasheet
96Kb / 5P
   Transient Voltage Suppressor Diode Array
October, 2016 ??Rev. 7
logo
Guangdong Youtai Semico...
SM05T1G UMW-SM05T1G Datasheet
341Kb / 5P
   SOT−23 Package Allows Either Two Separate Unidirectional Configurations or a Single Bidirectional Configuration
SM05T1G UMW-SM05T1G Datasheet
341Kb / 5P
   SOT−23 Package Allows Either Two Separate Unidirectional Configurations or a Single Bidirectional Configuration
logo
TECH PUBLIC Electronics...
SM05T1G-TP TECHPUBLIC-SM05T1G-TP Datasheet
977Kb / 4P
   TVS Diode Array
More results

Podobny opis - SM05T1_11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
SM05T1G ONSEMI-SM05T1G Datasheet
96Kb / 5P
   Transient Voltage Suppressor Diode Array
October, 2016 ??Rev. 7
SM05T1 ONSEMI-SM05T1 Datasheet
56Kb / 6P
   Transient Voltage Suppressor Diode Array
June, 2003 - Rev. 0
logo
General Semiconductor
SMDA05C-8 GE-SMDA05C-8 Datasheet
40Kb / 2P
   SURFACE MOUNT DIODE ARRAY TRANSIENT VOLTAGE SUPPRESSOR
logo
ON Semiconductor
NUP3112UPMU ONSEMI-NUP3112UPMU Datasheet
141Kb / 3P
   Quad Transient Voltage Suppressor Array
June, 2008??Rev. 0
NUP4012PMU ONSEMI-NUP4012PMU Datasheet
140Kb / 3P
   Quad Transient Voltage Suppressor Array
November, 2008??Rev. 1
NUP3112UPMU ONSEMI-NUP3112UPMU_14 Datasheet
76Kb / 4P
   Quad Transient Voltage Suppressor Array
April, 2014??Rev. 1
NUP4212UPMU ONSEMI-NUP4212UPMU Datasheet
145Kb / 4P
   Quad Transient Voltage Suppressor Array
August, 2009??Rev. 1
NUP4012PXV6 ONSEMI-NUP4012PXV6 Datasheet
140Kb / 4P
   Quad Transient Voltage Suppressor Array
August, 2009??Rev. 1
SD05T1 ONSEMI-SD05T1 Datasheet
91Kb / 4P
   Transient Voltage Suppressor Diode
January, 2005 ??Rev. 1
logo
Infineon Technologies A...
ESD5V3U4U-HDMI INFINEON-ESD5V3U4U-HDMI_12 Datasheet
1Mb / 17P
   Transient Voltage Suppressor Diode
Revision 1.1, 2012-07-03
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com