Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL22349 Arkusz danych(PDF) 3 Page - Intersil Corporation

Numer części ISL22349
Szczegółowy opis  Quad Digitally Controlled Potentiometers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22349 Arkusz danych(HTML) 3 Page - Intersil Corporation

  ISL22349_09 Datasheet HTML 1Page - Intersil Corporation ISL22349_09 Datasheet HTML 2Page - Intersil Corporation ISL22349_09 Datasheet HTML 3Page - Intersil Corporation ISL22349_09 Datasheet HTML 4Page - Intersil Corporation ISL22349_09 Datasheet HTML 5Page - Intersil Corporation ISL22349_09 Datasheet HTML 6Page - Intersil Corporation ISL22349_09 Datasheet HTML 7Page - Intersil Corporation ISL22349_09 Datasheet HTML 8Page - Intersil Corporation ISL22349_09 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
FN6331.3
May 28, 2009
Absolute Maximum Ratings
Thermal Information
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Voltage at any Digital Interface Pin
with Respect to GND . . . . . . . . . . . . . . . . . . . . -0.3V to VCC + 0.3
VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +6V
Voltage at any DCP Pin with Respect to GND. . . . . . . -0.3V to VCC
IW (10s) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±6mA
Latchup (Note 2) . . . . . . . . . . . . . . . . . . Class II, Level B @ +125°C
ESD Rating
Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.5kV
Charged Device Model. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1kV
Thermal Resistance (Typical, Note 1)
θ
JA (°C/W)
14 Ld TSSOP package . . . . . . . . . . . . . . . . . . . . . .
+100
Max Junction Temperature (Plastic Package) . .
+50°C to +150°C
Pb-Free Reflow Profile. . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Recommended Operating Conditions
Ambient Temperature . . . . . . . . . . . . . . . . . . . . . . . -40°C to +125°C
VCC Voltage for DCP Operation . . . . . . . . . . . . . . . . . . 2.7V to 5.5V
Wiper Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -3mA to 3mA
Power Rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5mW
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTES:
1.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
2. Jedec Class II pulse conditions and failure criterion used. Level B exceptions are: using a max positive pulse of 6.5V on the SHDN pin, and using
a max negative pulse of -0.8V for all pins.
Analog Specifications
Over recommended operating conditions unless otherwise stated.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 13)
TYP
(Note 3)
MAX
(Note 13)
UNIT
RTOTAL
End-to-End Resistance
W option
10
k
Ω
U option
50
k
Ω
End-to-End Resistance Tolerance
W and U option
-20
+20
%
End-to-End Temperature Coefficient
W option
±50
ppm/°C
(Note 11)
U option
±80
ppm/°C
(Note 11)
RW
(Note 13)
Wiper Resistance
VCC = 3.3V @ +25°C,
wiper current = VCC/RTOTAL
70
Ω
CW
(Note 11)
Wiper Capacitance
25
pF
VOLTAGE DIVIDER MODE (measured at RWi, unloaded; i = 0, 1, 2, or 3)
INL
(Note 8)
Integral Non-linearity
Monotonic over all tap positions
-1
1
LSB
(Note 4)
DNL
(Note 7)
Differential Non-linearity
Monotonic over all tap positions
-0.5
0.5
LSB
(Note 4)
ZSerror
(Note 5)
Zero-scale Error
W option
0
1
5
LSB
(Note 4)
U option
0
0.5
2
FSerror
(Note 6)
Full-scale Error
W option
-5
-1
0
LSB
(Note 4)
U option
-2
-1
0
VMATCH
(Note 9)
DCP to DCP Matching
Any two DCPs at the same tap position
-2
2
LSB
(Note 4)
TCV
(Note 10)
Ratiometric Temperature Coefficient
DCP register set to 40 hex
±4
ppm/°C
ISL22349


Podobny numer części - ISL22349_09

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL22349UFV14Z INTERSIL-ISL22349UFV14Z Datasheet
332Kb / 12P
   Quad Digitally Controlled Potentiometers
logo
Renesas Technology Corp
ISL22349UFV14Z RENESAS-ISL22349UFV14Z Datasheet
830Kb / 13P
   Quad Digitally Controlled Potentiometers (XDCP™) Low Noise, Low Power, I2C™ Bus, 128 Taps, Wiper Only
May 28, 2009
logo
Intersil Corporation
ISL22349WFV14Z INTERSIL-ISL22349WFV14Z Datasheet
332Kb / 12P
   Quad Digitally Controlled Potentiometers
logo
Renesas Technology Corp
ISL22349WFV14Z RENESAS-ISL22349WFV14Z Datasheet
830Kb / 13P
   Quad Digitally Controlled Potentiometers (XDCP™) Low Noise, Low Power, I2C™ Bus, 128 Taps, Wiper Only
May 28, 2009
More results

Podobny opis - ISL22349_09

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL22346 INTERSIL-ISL22346_09 Datasheet
586Kb / 16P
   Quad Digitally Controlled Potentiometers
X9259 INTERSIL-X9259_07 Datasheet
319Kb / 21P
   Quad Digitally-Controlled Potentiometers
X9400WS24ZT1 INTERSIL-X9400WS24ZT1 Datasheet
405Kb / 20P
   Quad Digitally Controlled Potentiometers
September 2, 2015
X9408YS24 INTERSIL-X9408YS24 Datasheet
333Kb / 20P
   Quad Digitally Controlled Potentiometers
January 15, 2009
X9400 INTERSIL-X9400_06 Datasheet
356Kb / 19P
   Quad Digitally Controlled Potentiometers
ISL22346 INTERSIL-ISL22346 Datasheet
485Kb / 13P
   Quad Digitally Controlled Potentiometers
X9409 INTERSIL-X9409_06 Datasheet
356Kb / 20P
   Quad Digitally Controlled Potentiometers
logo
Xicor Inc.
X9409 XICOR-X9409 Datasheet
407Kb / 21P
   Quad Digitally Controlled Potentiometers
logo
Intersil Corporation
X9250 INTERSIL-X9250_06 Datasheet
356Kb / 20P
   Quad Digitally Controlled Potentiometers
ISL22349 INTERSIL-ISL22349 Datasheet
332Kb / 12P
   Quad Digitally Controlled Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com