Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL22414TFU10Z Arkusz danych(PDF) 9 Page - Intersil Corporation

Numer części ISL22414TFU10Z
Szczegółowy opis  Single Digitally Controlled Potentiometer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22414TFU10Z Arkusz danych(HTML) 9 Page - Intersil Corporation

Back Button ISL22414TFU10Z Datasheet HTML 5Page - Intersil Corporation ISL22414TFU10Z Datasheet HTML 6Page - Intersil Corporation ISL22414TFU10Z Datasheet HTML 7Page - Intersil Corporation ISL22414TFU10Z Datasheet HTML 8Page - Intersil Corporation ISL22414TFU10Z Datasheet HTML 9Page - Intersil Corporation ISL22414TFU10Z Datasheet HTML 10Page - Intersil Corporation ISL22414TFU10Z Datasheet HTML 11Page - Intersil Corporation ISL22414TFU10Z Datasheet HTML 12Page - Intersil Corporation ISL22414TFU10Z Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
FN6424.1
December 16, 2010
FIGURE 7. DNL vs TAP POSITION IN RHEOSTAT MODE FOR
10k
Ω (W)
FIGURE 8. INL vs TAP POSITION IN RHEOSTAT MODE FOR
10k
Ω (W)
FIGURE 9. END TO END RTOTAL % CHANGE vs
TEMPERATURE
FIGURE 10. TC FOR VOLTAGE DIVIDER MODE IN ppm
FIGURE 11. TC FOR RHEOSTAT MODE IN ppm
FIGURE 12. FREQUENCY RESPONSE (1MHz)
Typical Performance Curves (Continued)
-0.50
-0.25
0
0.25
0.5
0
50
100
150
200
250
TAP POSITION (DECIMAL)
VCC = 2.25V
VCC = 5.5V
T = +25ºC
-0.5
0
0.5
1.0
1.5
2.0
0
50
100
150
200
250
TAP POSITION (DECIMAL)
VCC = 5.5V
T = +25ºC
VCC = 2.25V
-0.40
0.00
0.40
0.80
1.20
1.60
-40
0
40
80
120
10k
50k
5.5V
2.25V
TEMPERATURE (ºC)
0
40
80
120
160
200
16
66
116
166
TAP POSITION (DECIMAL)
50k
10k
216
266
0
100
200
300
400
500
16
66
116
166
216
TAP POSITION (DECIMAL)
50k
10k
OUTPUT
INPUT
WIPER AT MID POINT (POSITION 80h)
RTOTAL = 10kΩ
ISL22414


Podobny numer części - ISL22414TFU10Z

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL22414TFU10Z INTERSIL-ISL22414TFU10Z Datasheet
697Kb / 17P
   Low Noise, Low Power, SPI® Bus, 256 Taps
September 9, 2015
logo
Renesas Technology Corp
ISL22414TFU10Z RENESAS-ISL22414TFU10Z Datasheet
1Mb / 17P
   Single Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, SPI® Bus, 256 Taps
September 21, 2015
logo
Intersil Corporation
ISL22414TFU10Z-TK INTERSIL-ISL22414TFU10Z-TK Datasheet
697Kb / 17P
   Low Noise, Low Power, SPI® Bus, 256 Taps
September 9, 2015
logo
Renesas Technology Corp
ISL22414TFU10Z-TK RENESAS-ISL22414TFU10Z-TK Datasheet
1Mb / 17P
   Single Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, SPI® Bus, 256 Taps
September 21, 2015
More results

Podobny opis - ISL22414TFU10Z

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
X9428 INTERSIL-X9428 Datasheet
349Kb / 20P
   Single Digitally Controlled Potentiometer
logo
Xicor Inc.
X9111 XICOR-X9111 Datasheet
156Kb / 21P
   Single Digitally-Controlled Potentiometer
logo
Intersil Corporation
X9428 INTERSIL-X9428_06 Datasheet
315Kb / 21P
   Single Digitally Controlled Potentiometer
X9110TV14 INTERSIL-X9110TV14 Datasheet
309Kb / 18P
   Single Digitally-Controlled Potentiometer
February 13, 2008
X9119TV14I INTERSIL-X9119TV14I Datasheet
284Kb / 17P
   Single Digitally-Controlled Potentiometer
July 9, 2008
X9429WS16 INTERSIL-X9429WS16 Datasheet
320Kb / 20P
   Single Digitally Controlled Potentiometer
October 13, 2008
X9015 INTERSIL-X9015_06 Datasheet
244Kb / 11P
   Single Digitally Controlled Potentiometer
X9118TV14IZ INTERSIL-X9118TV14IZ Datasheet
400Kb / 17P
   Single Digitally-Controlled Potentiometer
April 9, 2014
X9271UV14IZ INTERSIL-X9271UV14IZ Datasheet
523Kb / 18P
   Single, Digitally Controlled Potentiometer
July 18, 2014
X9314WSIZ INTERSIL-X9314WSIZ Datasheet
222Kb / 8P
   Single Digitally Controlled Potentiometer
July 24, 2014
logo
Xicor Inc.
X9428 XICOR-X9428 Datasheet
580Kb / 20P
   Single Digitally Controlled Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com