Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL22414WFU10Z Arkusz danych(PDF) 10 Page - Intersil Corporation

Numer części ISL22414WFU10Z
Szczegółowy opis  Single Digitally Controlled Potentiometer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22414WFU10Z Arkusz danych(HTML) 10 Page - Intersil Corporation

Back Button ISL22414WFU10Z Datasheet HTML 6Page - Intersil Corporation ISL22414WFU10Z Datasheet HTML 7Page - Intersil Corporation ISL22414WFU10Z Datasheet HTML 8Page - Intersil Corporation ISL22414WFU10Z Datasheet HTML 9Page - Intersil Corporation ISL22414WFU10Z Datasheet HTML 10Page - Intersil Corporation ISL22414WFU10Z Datasheet HTML 11Page - Intersil Corporation ISL22414WFU10Z Datasheet HTML 12Page - Intersil Corporation ISL22414WFU10Z Datasheet HTML 13Page - Intersil Corporation ISL22414WFU10Z Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
FN6424.1
December 16, 2010
Pin Description
Potentiometer Pins
RH AND RL
The high (RH) and low (RL) terminals of the ISL22414 are
equivalent to the fixed terminals of a mechanical
potentiometer. RH and RL are referenced to the relative
position of the wiper and not the voltage potential on the
terminals. With WR set to 255 decimal, the wiper will be
closest to RH, and with the WR set to 0, the wiper is closest
to RL.
RW
RW is the wiper terminal and is equivalent to the movable
terminal of a mechanical potentiometer. The position of the
wiper within the array is determined by the WR register.
Bus Interface Pins
SERIAL CLOCK (SCK)
This is the serial clock input of the SPI serial interface.
SERIAL DATA OUTPUT (SDO)
The SDO is a serial data output pin. During a read cycle, the
data bits are shifted out on the falling edge of the serial clock
SCK and will be available to the master on the following
rising edge of SCK.
The output type is configured through ACR[1] bit for Push-
Pull or Open Drain operation. Default setting for this pin is
Push-Pull. An external pull up resistor is required for Open
Drain output operation. Note, the external pull up voltage not
allowed beyond VCC.
SERIAL DATA INPUT (SDI)
The SDI is the serial data input pin for the SPI interface. It
receives device address, operation code, wiper address and
data from the SPI remote host device. The data bits are
shifted in at the rising edge of the serial clock SCK, while the
CS input is low.
CHIP SELECT (CS)
CS LOW enables the ISL22414, placing it in the active
power mode. A HIGH to LOW transition on CS is required
prior to the start of any operation after power up. When CS is
HIGH, the ISL22414 is deselected and the SDO pin is at
high impedance, and (unless an internal write cycle is
underway) the device will be in the standby state.
Principles of Operation
The ISL22414 is an integrated circuit incorporating one DCP
with its associated registers, non-volatile memory and the
SPI serial interface providing direct communication between
host and potentiometer and memory. The resistor array is
comprised of individual resistors connected in a series. At
either end of the array and between each resistor is an
electronic switch that transfers the potential at that point to
the wiper.
The electronic switches on the device operate in a “make
before break” mode when the wiper changes tap positions.
When the device is powered down, the last value stored in
IVR will be maintained in the non-volatile memory. When
power is restored, the content of the IVR is recalled and
loaded into the WR to set the wiper to the initial position.
DCP Description
The DCP is implemented with a combination of resistor
elements and CMOS switches. The physical ends of each
DCP are equivalent to the fixed terminals of a mechanical
potentiometer (RH and RL pins). The RW pin of the DCP is
connected to intermediate nodes, and is equivalent to the
wiper terminal of a mechanical potentiometer. The position
of the wiper terminal within the DCP is controlled by an 8-bit
volatile Wiper Register (WR). When the WR of a DCP
contains all zeroes (WR[7:0]= 00h), its wiper terminal (RW)
FIGURE 13. MIDSCALE GLITCH, CODE 7Fh TO 80h
FIGURE 14. LARGE SIGNAL SETTLING TIME
Typical Performance Curves (Continued)
SCL
WIPER
CS
WIPER UNLOADED,
MOVEMENT FROM 0h to FFh
ISL22414


Podobny numer części - ISL22414WFU10Z

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL22414WFU10Z INTERSIL-ISL22414WFU10Z Datasheet
697Kb / 17P
   Low Noise, Low Power, SPI® Bus, 256 Taps
September 9, 2015
logo
Renesas Technology Corp
ISL22414WFU10Z RENESAS-ISL22414WFU10Z Datasheet
1Mb / 17P
   Single Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, SPI® Bus, 256 Taps
September 21, 2015
logo
Intersil Corporation
ISL22414WFU10Z-T7A INTERSIL-ISL22414WFU10Z-T7A Datasheet
697Kb / 17P
   Low Noise, Low Power, SPI® Bus, 256 Taps
September 9, 2015
logo
Renesas Technology Corp
ISL22414WFU10Z-T7A RENESAS-ISL22414WFU10Z-T7A Datasheet
1Mb / 17P
   Single Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, SPI® Bus, 256 Taps
September 21, 2015
logo
Intersil Corporation
ISL22414WFU10Z-TK INTERSIL-ISL22414WFU10Z-TK Datasheet
697Kb / 17P
   Low Noise, Low Power, SPI® Bus, 256 Taps
September 9, 2015
More results

Podobny opis - ISL22414WFU10Z

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
X9428 INTERSIL-X9428 Datasheet
349Kb / 20P
   Single Digitally Controlled Potentiometer
logo
Xicor Inc.
X9111 XICOR-X9111 Datasheet
156Kb / 21P
   Single Digitally-Controlled Potentiometer
logo
Intersil Corporation
X9428 INTERSIL-X9428_06 Datasheet
315Kb / 21P
   Single Digitally Controlled Potentiometer
X9110TV14 INTERSIL-X9110TV14 Datasheet
309Kb / 18P
   Single Digitally-Controlled Potentiometer
February 13, 2008
X9119TV14I INTERSIL-X9119TV14I Datasheet
284Kb / 17P
   Single Digitally-Controlled Potentiometer
July 9, 2008
X9429WS16 INTERSIL-X9429WS16 Datasheet
320Kb / 20P
   Single Digitally Controlled Potentiometer
October 13, 2008
X9015 INTERSIL-X9015_06 Datasheet
244Kb / 11P
   Single Digitally Controlled Potentiometer
X9118TV14IZ INTERSIL-X9118TV14IZ Datasheet
400Kb / 17P
   Single Digitally-Controlled Potentiometer
April 9, 2014
X9271UV14IZ INTERSIL-X9271UV14IZ Datasheet
523Kb / 18P
   Single, Digitally Controlled Potentiometer
July 18, 2014
X9314WSIZ INTERSIL-X9314WSIZ Datasheet
222Kb / 8P
   Single Digitally Controlled Potentiometer
July 24, 2014
logo
Xicor Inc.
X9428 XICOR-X9428 Datasheet
580Kb / 20P
   Single Digitally Controlled Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com