Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL28005 Arkusz danych(PDF) 6 Page - Intersil Corporation

Numer części ISL28005
Szczegółowy opis  Micropower, Rail-to-Rail Input Current Sense Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28005 Arkusz danych(HTML) 6 Page - Intersil Corporation

Back Button ISL28005_11 Datasheet HTML 2Page - Intersil Corporation ISL28005_11 Datasheet HTML 3Page - Intersil Corporation ISL28005_11 Datasheet HTML 4Page - Intersil Corporation ISL28005_11 Datasheet HTML 5Page - Intersil Corporation ISL28005_11 Datasheet HTML 6Page - Intersil Corporation ISL28005_11 Datasheet HTML 7Page - Intersil Corporation ISL28005_11 Datasheet HTML 8Page - Intersil Corporation ISL28005_11 Datasheet HTML 9Page - Intersil Corporation ISL28005_11 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
ISL28005
6
FN6973.4
July 1, 2011
ts
Output Settling Time to 1% of Final Value VCC = VRS+ = 12V, VOUT = 10V step,
VSENSE >7mV
15
µs
VCC = VRS+ = 0.2V, VOUT = 10V step,
VSENSE >7mV
20
µs
Capacitive-Load Stability
No sustained oscillations
300
pF
ts Power-up
Power-Up Time to 1% of Final Value
VCC = VRS+ = 12V, VSENSE = 100mV
15
µs
VCC = 12V, VRS+ = 0.2V
VSENSE = 100mV
50
µs
Saturation Recovery Time
VCC = VRS+ = 12V, VSENSE = 100mV,
overdrive
10
µs
NOTES:
7. Compliance to datasheet limits is assured by one or more methods: production test, characterization and/or design.
8. DEFINITION OF TERMS:
• VSENSEA = VSENSE @100mV
• VSENSEB = VSENSE @20mV
• VOUTA = VOUT@VSENSEA = 100mV
• VOUTB = VOUT@VSENSEB = 20mV
• G =
9. VOS is extrapolated from the gain measurement.
10. % Gain Accuracy = GA =
11. Output Accuracy % VOA =
where VOUT = VSENSE X GAIN and VSENSE = 100mV
Electrical Specification VCC = 12V, VRS+ = 0V to 28V, VSENSE = 0V, RLOAD = 1MΩ, TA = +25°C unless otherwise specified. Boldface limits
apply over the operating temperature range, -40°C to +125°C. Temperature data established by characterization.
(Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 7)
TYP
MAX
(Note 7)
UNIT
GAIN
VOUTAVOUTB
VSENSEAVSENSEB
------------------------------------------------------
⎝⎠
⎜⎟
⎛⎞
=
VOS
VSENSEA
VOUTA
G
-----------------
=
GMEASURED GEXPECTED
GEXPECTED
---------------------------------------------------------------------
⎝⎠
⎜⎟
⎛⎞
100
×
VOUTMEASURED VOUTEXPECTED
VOUTEXPECTED
-------------------------------------------------------------------------------------------
⎝⎠
⎜⎟
⎛⎞
100
×


Podobny numer części - ISL28005_11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL28005 INTERSIL-ISL28005_10 Datasheet
756Kb / 14P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
More results

Podobny opis - ISL28005_11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL28006 INTERSIL-ISL28006_11 Datasheet
1Mb / 24P
   Micropower, Rail to Rail Input Current Sense Amplifier
logo
Renesas Technology Corp
ISL28006 RENESAS-ISL28006 Datasheet
1Mb / 26P
   Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
logo
Intersil Corporation
ISL28006 INTERSIL-ISL28006_10 Datasheet
1Mb / 25P
   Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
ISL28005 INTERSIL-ISL28005_10 Datasheet
756Kb / 14P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
ISL28006 INTERSIL-ISL28006 Datasheet
1Mb / 25P
   Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
ISL28006FH100Z-T7 INTERSIL-ISL28006FH100Z-T7 Datasheet
1Mb / 26P
   Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
November 22, 2013
ISL28005FH100Z-T7 INTERSIL-ISL28005FH100Z-T7 Datasheet
762Kb / 15P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
October 24, 2013
logo
Renesas Technology Corp
ISL28005 RENESAS-ISL28005 Datasheet
1Mb / 16P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
logo
Intersil Corporation
ISL28005 INTERSIL-ISL28005 Datasheet
751Kb / 14P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
logo
Linear Technology
LT1620 LINER-LT1620_15 Datasheet
253Kb / 12P
   Rail-to-Rail Current Sense Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com