Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL23315 Arkusz danych(PDF) 7 Page - Intersil Corporation

Numer części ISL23315
Szczegółowy opis  Single, Low Voltage Digitally Controlled Potentiometer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL23315 Arkusz danych(HTML) 7 Page - Intersil Corporation

Back Button ISL23315 Datasheet HTML 3Page - Intersil Corporation ISL23315 Datasheet HTML 4Page - Intersil Corporation ISL23315 Datasheet HTML 5Page - Intersil Corporation ISL23315 Datasheet HTML 6Page - Intersil Corporation ISL23315 Datasheet HTML 7Page - Intersil Corporation ISL23315 Datasheet HTML 8Page - Intersil Corporation ISL23315 Datasheet HTML 9Page - Intersil Corporation ISL23315 Datasheet HTML 10Page - Intersil Corporation ISL23315 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
ISL23315
7
FN7778.1
August 15, 2011
tDCP
Wiper Response Time
W option; SCL rising edge of the
acknowledge bit after data byte to wiper
new position from 10% to 90% of the
final value.
0.4
µs
U option; SCL rising edge of the
acknowledge bit after data byte to wiper
new position from 10% to 90% of the
final value.
1.5
µs
T option; SCL rising edge of the
acknowledge bit after data byte to wiper
new position from 10% to 90% of the
final value.
3.5
µs
ILkgDig
Leakage Current, at Pins A0, A1, SDA,
SCL
Voltage at pin from GND to VLOGIC
-0.4
<0.1
0.4
µA
tShdnRec DCP Recall Time from Shutdown Mode
SCL rising edge of the acknowledge bit
after ACR data byte to wiper recalled
position and RH connection
1.5
µs
VCC,VLOGIC
Ramp
(Note 21)
VCC ,VLOGIC Ramp Rate
Ramp monotonic at any level
0.01
50
V/ms
Operating Specifications VCC = 2.7V to 5.5V, VLOGIC = 1.2V to 5.5V over recommended operating conditions unless otherwise
stated. Boldface limits apply over the operating temperature range, -40°C to +125°C. (Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 20)
TYP
(Note 8)
MAX
(Note 20)
UNITS
Serial Interface Specification for SCL, SDA, A0, A1 Unless Otherwise Noted.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 20)
TYP
(Note 8)
MAX
(Note 20)
UNITS
VIL
Input LOW Voltage
-0.3
0.3 x VLOGIC
V
VIH
Input HIGH Voltage
0.7 x VLOGIC
VLOGIC + 0.3
V
Hysteresis
SDA and SCL Input Buffer
Hysteresis
VLOGIC > 2V
0.05 x VLOGIC
V
VLOGIC <2V
0.1 x VLOGIC
VOL
SDA Output Buffer LOW Voltage
IOL = 3mA, VLOGIC > 2V
0
0.4
V
IOL = 1.5mA,
VLOGIC <2V
0.2 x VLOGIC
V
Cpin
SDA, SCL Pin Capacitance
10
pF
fSCL
SCL Frequency
400
kHz
tsp
Pulse Width Suppression Time at
SDA and SCL Inputs
Any pulse narrower than the
max spec is suppressed
50
ns
tAA
SCL Falling Edge to SDA Output
Data Valid
SCL falling edge crossing 30%
of VLOGIC, until SDA exits the
30% to 70% of VLOGIC window
900
ns
tBUF
Time the Bus Must be Free Before
the Start of a New Transmission
SDA crossing 70% of VLOGIC
during a STOP condition, to
SDA crossing 70% of VLOGIC
during the following START
condition
1300
ns
tLOW
Clock LOW Time
Measured at the 30% of
VLOGIC crossing
1300
ns
tHIGH
Clock HIGH Time
Measured at the 70% of
VLOGIC crossing
600
ns
tSU:STA
START Condition Set-up Time
SCL rising edge to SDA falling
edge; both crossing 70% of
VLOGIC
600
ns


Podobny numer części - ISL23315

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL23315 INTERSIL-ISL23315 Datasheet
834Kb / 19P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23315 INTERSIL-ISL23315 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
ISL23315 INTERSIL-ISL23315 Datasheet
4Mb / 20P
   Intersil?셲 Solutions for Industrial Process Control
ISL23315 INTERSIL-ISL23315 Datasheet
1Mb / 8P
   DIGITAL POTENTIOMETERS
logo
Renesas Technology Corp
ISL23315 RENESAS-ISL23315 Datasheet
1Mb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
More results

Podobny opis - ISL23315

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL23415TFUZ INTERSIL-ISL23415TFUZ Datasheet
731Kb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer
September 14, 2015
ISL23315 INTERSIL-ISL23315 Datasheet
834Kb / 19P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23415 INTERSIL-ISL23415 Datasheet
941Kb / 19P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23415 INTERSIL-ISL23415_11 Datasheet
977Kb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23315TFUZ INTERSIL-ISL23315TFUZ Datasheet
820Kb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer(XDCP??
August 12, 2015
logo
Renesas Technology Corp
ISL23315 RENESAS-ISL23315 Datasheet
1Mb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23415 RENESAS-ISL23415 Datasheet
1Mb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
X9428 INTERSIL-X9428 Datasheet
349Kb / 20P
   Single Digitally Controlled Potentiometer
logo
Xicor Inc.
X9111 XICOR-X9111 Datasheet
156Kb / 21P
   Single Digitally-Controlled Potentiometer
logo
Intersil Corporation
X9428 INTERSIL-X9428_06 Datasheet
315Kb / 21P
   Single Digitally Controlled Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com