Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL28006FH50Z-T7A Arkusz danych(PDF) 1 Page - Intersil Corporation

Numer części ISL28006FH50Z-T7A
Szczegółowy opis  Micropower, Rail to Rail Input Current Sense Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28006FH50Z-T7A Arkusz danych(HTML) 1 Page - Intersil Corporation

  ISL28006FH50Z-T7A Datasheet HTML 1Page - Intersil Corporation ISL28006FH50Z-T7A Datasheet HTML 2Page - Intersil Corporation ISL28006FH50Z-T7A Datasheet HTML 3Page - Intersil Corporation ISL28006FH50Z-T7A Datasheet HTML 4Page - Intersil Corporation ISL28006FH50Z-T7A Datasheet HTML 5Page - Intersil Corporation ISL28006FH50Z-T7A Datasheet HTML 6Page - Intersil Corporation ISL28006FH50Z-T7A Datasheet HTML 7Page - Intersil Corporation ISL28006FH50Z-T7A Datasheet HTML 8Page - Intersil Corporation ISL28006FH50Z-T7A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
|Copyright Intersil Americas Inc. 2010, 2011. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.
Micropower, Rail to Rail Input Current Sense Amplifier with
Voltage Output
ISL28006
The ISL28006 is a micropower, uni-directional high-side and
low-side current sense amplifier featuring a proprietary
rail-to-rail input current sensing amplifier. The ISL28006 is
ideal for high-side current sense applications where the sense
voltage is usually much higher than the amplifier supply
voltage. The device can be used to sense voltages as high as
28V when operating from a supply voltage as low as 2.7V. The
micropower ISL28006 consumes only 50µA of supply current
when operating from a 2.7V to 28V supply.
The ISL28006 features a common-mode input voltage range
from 0V to 28V. The proprietary architecture extends the input
voltage sensing range down to 0V, making it an excellent
choice for low-side ground sensing applications. The benefit of
this architecture is that a high degree of total output accuracy
is maintained over the entire 0V to 28V common mode input
voltage range.
The ISL28006 is available in fixed (100V/V, 50V/V, 20V/V and
Adjustable) gains in the space saving 5 Ld SOT-23 package
and the 6 Ld SOT-23 package for the adjustable gain part. The
parts operate over the extended temperature range from
-40°C to +125°C.
Features
• Low Power Consumption. . . . . . . . . . . . . . . . . . . . . . 50µA, Typ
• Supply Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .2.7V to 28V
• Wide Common Mode Input. . . . . . . . . . . . . . . . . . . . 0V to 28V
• Gain Versions
- ISL28006-100 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100V/V
- ISL28006-50 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50V/V
- ISL28006-20 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20V/V
- ISL28006-ADJ . . . . . . . . . . . . . . . . ADJ (Min Gain = 20V/V)
• Operating Temperature Range . . . . . . . . . . . . -40°C to +125°C
• Packages. . . . . . . . . . . . . . . . . . . . . .5 Ld SOT-23, 6 Ld SOT-23
Applications
• Power Management/Monitors
• Power Distribution and Safety
• DC/DC, AC/DC Converters
• Battery Management/Charging
• Automotive Power Distribution
Related Literature
• See AN1532 for “ISL28006 Evaluation Board User’s Guide”
FIGURE 1. TYPICAL APPLICATION
FIGURE 2. GAIN ACCURACY vs VRS+ = 0V TO 28V
ISL28006
GND
ISL28006
ISL28006
+5VDC
+12VDC
+
-
+1.0VDC
+1.0VDC
SENSE
SENSE
SENSE
OUTPUT
+5VDC
OUTPUT
+12VDC
OUTPUT
MULTIPLE
OUTPUT
POWER SUPPLY
ISENSE
+12VDC
ISENSE
+5VDC
ISENSE
+1.0VDC
+
-
+
-
RSENSE
+5VDC
+5VDC
+5VDC
RSENSE
RSENSE
0
2468 10 12 14 16 18 20 22 24 26 28
-1.4
-1.2
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
VRS+ (V)
+100°C
+25°C
-40°C
+125°C
GAIN 100
May 23, 2011
FN6548.5


Podobny numer części - ISL28006FH50Z-T7A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL28006FH50Z-T7A INTERSIL-ISL28006FH50Z-T7A Datasheet
1Mb / 25P
   Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
ISL28006FH50Z-T7A INTERSIL-ISL28006FH50Z-T7A Datasheet
1Mb / 26P
   Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
November 22, 2013
logo
Renesas Technology Corp
ISL28006FH50Z-T7A RENESAS-ISL28006FH50Z-T7A Datasheet
1Mb / 26P
   Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
More results

Podobny opis - ISL28006FH50Z-T7A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL28005 INTERSIL-ISL28005_11 Datasheet
857Kb / 14P
   Micropower, Rail-to-Rail Input Current Sense Amplifier
logo
Renesas Technology Corp
ISL28006 RENESAS-ISL28006 Datasheet
1Mb / 26P
   Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
logo
Intersil Corporation
ISL28006 INTERSIL-ISL28006_10 Datasheet
1Mb / 25P
   Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
ISL28005 INTERSIL-ISL28005_10 Datasheet
756Kb / 14P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
ISL28006 INTERSIL-ISL28006 Datasheet
1Mb / 25P
   Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
ISL28006FH100Z-T7 INTERSIL-ISL28006FH100Z-T7 Datasheet
1Mb / 26P
   Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
November 22, 2013
ISL28005FH100Z-T7 INTERSIL-ISL28005FH100Z-T7 Datasheet
762Kb / 15P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
October 24, 2013
logo
Renesas Technology Corp
ISL28005 RENESAS-ISL28005 Datasheet
1Mb / 16P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
logo
Intersil Corporation
ISL28005 INTERSIL-ISL28005 Datasheet
751Kb / 14P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
logo
Linear Technology
LT1620 LINER-LT1620_15 Datasheet
253Kb / 12P
   Rail-to-Rail Current Sense Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com