Zakładka z wyszukiwarką danych komponentów |
|
ISL28207 Arkusz danych(PDF) 9 Page - Intersil Corporation |
|
ISL28207 Arkusz danych(HTML) 9 Page - Intersil Corporation |
9 / 32 page 9 FN6631.3 September 9, 2010 VOH Output Voltage High RL = 10kΩ to ground 3.5 3.7 V 3.2 V RL = 2kΩ to ground 3.3 3.55 V 3.1 V VOL Output Voltage Low RL = 10kΩ to ground -3.7 -3.5 V -3.2 V RL = 2kΩ to ground -3.55 -3.3 V -3.1 V IS Supply Current/Amplifier RL = Open 0.21 0.29 mA 0.35 mA ISC Output Short-Circuit Current (Note 9) ± 40 mA AC SPECIFICATIONS GBW Gain Bandwidth Product 1 MHz THD + N Total Harmonic Distortion + Noise 1kHz, G = 1, VO = 2.5VRMS, RL = 2kΩ 0.0053 % TRANSIENT RESPONSE SR Slew Rate AV = 10, RL = 2kΩ 0.32 V/µs tr, tf, Small Signal Rise Time 10% to 90% of VOUT AV = 1, VOUT = 100mVP-P, Rf = 0Ω, RL =2kΩ to VCM 355 ns Fall Time 90% to 10% of VOUT AV = 1, VOUT = 100mVP-P, Rf = 0Ω, RL =2kΩ to VCM 370 ns ts Settling Time to 0.1% 4V Step; 10% to VOUT AV = -1, VOUT = 4VP-P, Rf = Rg = 2kΩ, RL =2kΩ to VCM 12.4 µs Settling Time to 0.01% 4V Step; 10% to VOUT AV = -1, VOUT = 4VP-P, Rf = Rg = 2kΩ, RL =2kΩ to VCM 22 µs NOTES: 8. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by characterization and are not production tested. 9. Output Short Circuit Current is the minimum current (source or sink) when the output is driven into the supply rails with RL =0Ω to ground. Electrical Specifications VS ±5V, VCM = 0, VO = 0V, TA = +25°C, unless otherwise noted. Boldface limits apply over the operating temperature range, -40°C to +125°C. Temperature data established by characterization. (Continued) PARAMETER DESCRIPTION CONDITIONS MIN (Note 8) TYP MAX (Note 8) UNIT ISL28107, ISL28207, ISL28407 |
Podobny numer części - ISL28207 |
|
Podobny opis - ISL28207 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |