Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL28113 Arkusz danych(PDF) 6 Page - Intersil Corporation

Numer części ISL28113
Szczegółowy opis  Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifier
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28113 Arkusz danych(HTML) 6 Page - Intersil Corporation

Back Button ISL28113_11 Datasheet HTML 2Page - Intersil Corporation ISL28113_11 Datasheet HTML 3Page - Intersil Corporation ISL28113_11 Datasheet HTML 4Page - Intersil Corporation ISL28113_11 Datasheet HTML 5Page - Intersil Corporation ISL28113_11 Datasheet HTML 6Page - Intersil Corporation ISL28113_11 Datasheet HTML 7Page - Intersil Corporation ISL28113_11 Datasheet HTML 8Page - Intersil Corporation ISL28113_11 Datasheet HTML 9Page - Intersil Corporation ISL28113_11 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
ISL28113, ISL28213, ISL28413
6
FN6728.5
June 9, 2011
Typical Performance Curves V
S = ±2.5V, VCM = 0V, RL = Open, unless otherwise specified.
FIGURE 2. INPUT BIAS CURRENT vs TEMPERATURE
FIGURE 3. INPUT NOISE VOLTAGE SPECTRAL DENSITY
FIGURE 4. OPEN-LOOP GAIN, PHASE vs FREQUENCY,
RL = 100kΩ, CL = 10pF, VS = ±0.9V
FIGURE 5. OPEN-LOOP GAIN, PHASE vs FREQUENCY,
RL =100kΩ, CL = 10pF, VS = ±2.5V
FIGURE 6. CMRR vs FREQUENCY, VS = ±2.5
FIGURE 7. PSRR vs FREQUENCY, VS = ±0.9V, ±2.5V
-50
-40
-30
-20
-10
0
10
20
30
40
50
-40
-20
0
20
40
60
80
100
120
140
TEMPERATURE (°C)
SIMULATION
FREQUENCY (Hz)
10
100
1000
1
10
100
1k
10k
100k
V+ = ±2.5V
AV = 1
10,000
-80
-60
-40
-20
0
20
40
60
80
100
120
0.1
1
10
100
1k
10k 100k
1M
10M 100M
FREQUENCY (Hz)
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
20
RL = 100k
SIMULATION
CL = 10pF
PHASE
GAIN
V+ = ±0.9V
-80
-60
-40
-20
0
20
40
60
80
100
120
0.1
1
10
100
1k
10k 100k
1M
10M 100M
FREQUENCY (Hz)
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
20
RL = 100k
SIMULATION
CL = 10pF
PHASE
GAIN
V+ = ±2.5V
0
10
20
30
40
50
60
70
80
0.01 0.1
1
10
100
1k
10k 100k 1M 10M 100M
FREQUENCY (Hz)
SIMULATION
FREQUENCY (Hz)
0
10
20
30
40
50
60
70
80
100
1k
10k
100k
1M
10M
RL = INF
AV = +1
VCM = 100mVP-P
CL = 4pF
PSRR- VS = ±2.5V
PSRR+ VS = ±0.9V
PSRR- VS = ±0.9V
PSRR+ VS = ±2.5V


Podobny numer części - ISL28113_11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL28113 INTERSIL-ISL28113_10 Datasheet
1Mb / 21P
   Single, Dual, Quad General Purpose Micropower,RRIO Operational Amplifier
More results

Podobny opis - ISL28113_11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ISL28113 RENESAS-ISL28113 Datasheet
1Mb / 23P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifier
logo
Intersil Corporation
ISL28113 INTERSIL-ISL28113 Datasheet
1Mb / 21P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifier
ISL28113 INTERSIL-ISL28113_10 Datasheet
1Mb / 21P
   Single, Dual, Quad General Purpose Micropower,RRIO Operational Amplifier
ISL28114 INTERSIL-ISL28114 Datasheet
1Mb / 21P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
ISL28114 INTERSIL-ISL28114_11 Datasheet
1Mb / 22P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
logo
Renesas Technology Corp
ISL28114 RENESAS-ISL28114 Datasheet
1Mb / 23P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
logo
Analog Devices
ADA4092-4 AD-ADA4092-4_16 Datasheet
690Kb / 21P
   Micropower RRIO Operational Amplifier
logo
Intersil Corporation
ISL28133 INTERSIL-ISL28133 Datasheet
1Mb / 20P
   Single, Dual, and Quad Micropower, Zero-Drift, RRIO Operational Amplifiers
ISL28130CHZ-T7 INTERSIL-ISL28130CHZ-T7 Datasheet
864Kb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
February 13, 2014
ISL28130 INTERSIL-ISL28130_11 Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com