Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL28133 Arkusz danych(PDF) 4 Page - Intersil Corporation

Numer części ISL28133
Szczegółowy opis  Single Micropower, Chopper Stabilized, RRIO Operational Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28133 Arkusz danych(HTML) 4 Page - Intersil Corporation

  ISL28133_11 Datasheet HTML 1Page - Intersil Corporation ISL28133_11 Datasheet HTML 2Page - Intersil Corporation ISL28133_11 Datasheet HTML 3Page - Intersil Corporation ISL28133_11 Datasheet HTML 4Page - Intersil Corporation ISL28133_11 Datasheet HTML 5Page - Intersil Corporation ISL28133_11 Datasheet HTML 6Page - Intersil Corporation ISL28133_11 Datasheet HTML 7Page - Intersil Corporation ISL28133_11 Datasheet HTML 8Page - Intersil Corporation ISL28133_11 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ISL28133
4
FN6560.5
July 22, 2011
Absolute Maximum Ratings
Thermal Information
Max Supply Voltage V+ to V- . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .6.5V
Max Voltage VIN to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to 6.5V
Max Input Differential Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6.5V
Max Input Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20mA
Max Voltage VOUT to GND (10s) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .6.5V
ESD Rating
Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3000V
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 200V
Charged Device Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1500V
Thermal Resistance (Typical)
θJA (°C/W)
θJC (°C/W)
5 Ld SOT-23 (Note 5, 6) . . . . . . . . . . . . . . . .
225
110
5 Ld SC70 (Note 5). . . . . . . . . . . . . . . . . . . .
206
N/A
6 Ld µTDFN (Note 5). . . . . . . . . . . . . . . . . . .
240
N/A
Maximum Storage Temperature Range . . . . . . . . . . . . . .-65°C to +150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to +125°C
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . .140°C
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTE:
5.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
6. For
θJC, the “case temp” location is taken at the package top center.
Electrical Specifications
V+ = 5V, V- = 0V, VCM = 2.5V, TA = +25°C, RL = Open, unless otherwise specified. Boldface limits
apply over the operating temperature range, -40°C to +125°C.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 7)
TYP
MAX
(Note 7)
UNIT
DC SPECIFICATIONS
VOS
Input Offset Voltage
-8
±2
8
µV
-15.5
15.5
µV
TCVOS
Input Offset Voltage Temperature
Coefficient
0.02
0.075
µV/°C
IOS
Input Offset Current
-60
pA
IB
Input Bias Current
-300
±30
300
pA
-600
600
pA
Common Mode Input
Voltage Range
V+ = 5.0V, V- = GND
-0.1
5.1
V
CMRR
Common Mode Rejection Ratio
VCM = -0.1V to 5.0V
118
125
dB
115
dB
PSRR
Power Supply Rejection Ratio
Vs = 2V to 5.5V
110
138
dB
110
dB
VOH
Output Voltage Swing, High
RL = 10kΩ
4.965
4.981
V
VOL
Output Voltage Swing, Low
RL = 10kΩ
18
35
mV
AOL
Open Loop Gain
RL = 1MΩ
174
dB
V+
Supply Voltage
(Note 8)
1.8
5.5
V
IS
Supply Current
RL = OPEN
18
25
µA
35
µA
ISC+
Output Source Short Circuit Current
RL = Short to ground or V+
13
17
26
mA
ISC-
Output Sink Short Circuit Current
-26
-19
-13
mA
AC SPECIFICATIONS
GBWP
Gain Bandwidth Product
f = 50kHz
AV = 100, RF = 100kΩ,
RG =1kΩ, RL = 10kΩ to VCM
400
kHz


Podobny numer części - ISL28133_11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ISL28133CSENSEV1Z RENESAS-ISL28133CSENSEV1Z Datasheet
2Mb / 20P
   Single Micropower, Chopper Stabilized, RRIO Operational Amplifier
logo
Intersil Corporation
ISL28133EVAL1Z INTERSIL-ISL28133EVAL1Z Datasheet
1Mb / 20P
   Single Micropower, Chopper Stabilized, RRIO Operational Amplifier
logo
Renesas Technology Corp
ISL28133EVAL1Z RENESAS-ISL28133EVAL1Z Datasheet
2Mb / 20P
   Single Micropower, Chopper Stabilized, RRIO Operational Amplifier
logo
Intersil Corporation
ISL28133FEZ-T7 INTERSIL-ISL28133FEZ-T7 Datasheet
1Mb / 20P
   Single, Dual, and Quad Micropower, Zero-Drift, RRIO Operational Amplifiers
ISL28133FEZ-T7 INTERSIL-ISL28133FEZ-T7 Datasheet
1Mb / 20P
   Single Micropower, Chopper Stabilized, RRIO Operational Amplifier
More results

Podobny opis - ISL28133_11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL28133 INTERSIL-ISL28133 Datasheet
1Mb / 20P
   Single Micropower, Chopper Stabilized, RRIO Operational Amplifier
logo
Renesas Technology Corp
ISL28133 RENESAS-ISL28133 Datasheet
2Mb / 20P
   Single Micropower, Chopper Stabilized, RRIO Operational Amplifier
logo
Intersil Corporation
ISL28233 INTERSIL-ISL28233_10 Datasheet
1Mb / 23P
   Dual and Quad Micropower Chopper Stabilized, RRIO Operational Amplifiers
ISL28233FUZ INTERSIL-ISL28233FUZ Datasheet
1Mb / 25P
   Dual and Quad Micropower Chopper Stabilized, RRIO Operational Amplifiers
July 26, 2011
ISL28233_1012 INTERSIL-ISL28233_1012 Datasheet
1Mb / 25P
   Dual and Quad Micropower Chopper Stabilized, RRIO Operational Amplifiers
ISL28233 INTERSIL-ISL28233_11 Datasheet
1Mb / 25P
   Dual and Quad Micropower Chopper Stabilized, RRIO Operational Amplifiers
logo
Renesas Technology Corp
ISL28233 RENESAS-ISL28233 Datasheet
1Mb / 25P
   Dual and Quad Micropower Chopper Stabilized, RRIO Operational Amplifiers
logo
Microchip Technology
TC7650 MICROCHIP-TC7650_13 Datasheet
209Kb / 14P
   Chopper Stabilized Operational Amplifier
11/29/12
logo
TelCom Semiconductor, I...
TC7650 TELCOM-TC7650 Datasheet
90Kb / 7P
   CHOPPER-STABILIZED OPERATIONAL AMPLIFIER
logo
Linear Technology
LTC1052CS LINER-LTC1052CS_15 Datasheet
165Kb / 2P
   CHOPPER STABILIZED OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com