Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL28156FBZ Arkusz danych(PDF) 1 Page - Intersil Corporation

Numer części ISL28156FBZ
Szczegółowy opis  Low Input Bias Current Op Amps
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28156FBZ Arkusz danych(HTML) 1 Page - Intersil Corporation

  ISL28156FBZ Datasheet HTML 1Page - Intersil Corporation ISL28156FBZ Datasheet HTML 2Page - Intersil Corporation ISL28156FBZ Datasheet HTML 3Page - Intersil Corporation ISL28156FBZ Datasheet HTML 4Page - Intersil Corporation ISL28156FBZ Datasheet HTML 5Page - Intersil Corporation ISL28156FBZ Datasheet HTML 6Page - Intersil Corporation ISL28156FBZ Datasheet HTML 7Page - Intersil Corporation ISL28156FBZ Datasheet HTML 8Page - Intersil Corporation ISL28156FBZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
®
FN6154.5
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2006, 2007, 2008. All Rights Reserved.
All other trademarks mentioned are the property of their respective owners.
ISL28156, ISL28256
39µA Micropower Single and Dual
Precision Rail-to-Rail Input-Output (RRIO)
Low Input Bias Current Op Amps
The ISL28156 and ISL28256 are micropower precision
operational amplifiers optimized for single supply operation
at 5V and can operated down to 2.4V.
These devices feature an Input Range Enhancement Circuit
(IREC), which enables them to maintain CMRR performance
for input voltages greater than the positive supply. The input
signal is capable of swinging 0.5V above a 5.0V supply
(0.25V for a 2.5V supply) and to within 10mV from ground.
The output operation is rail-to-rail.
The 1/f corner of the voltage noise spectrum is at 1kHz. This
results in low frequency noise performance, which can only
be found on devices with an order of magnitude higher than
the supply current.
ISL28156 and ISL28256 can be operated from one lithium
cell or two Ni-Cd batteries. The input range includes both
positive and negative rail. The output swings to both rails.
Features
• 39µA typical supply current
• 5nA max input bias current
• 250kHz gain bandwidth product (AV = 1)
• 2.4V to 5.5V single supply voltage range
• Rail-to-rail input and output
• Enable pin (ISL28156 only)
• Pb-free (RoHS compliant)
Applications
• Battery- or solar-powered systems
• 4mA to 20mA current loops
• Handheld consumer products
• Medical devices
• Sensor amplifiers
• ADC buffers
• DAC output amplifiers
Ordering Information
PART NUMBER
(Note)
PART
MARKING
PACKAGE
(Pb-free)
PKG.
DWG. #
ISL28156FHZ-T7*
GABV
6 Ld SOT-23
MDP0038
ISL28156FBZ
28156 FBZ
8 Ld SOIC
MDP0027
ISL28156FBZ-T7*
28156 FBZ
8 Ld SOIC
MDP0027
Coming Soon
ISL28256FBZ
28256 FBZ
8 Ld SOIC
MDP0027
Coming Soon
ISL28256FBZ-T7*
28256 FBZ
8 Ld SOIC
MDP0027
Coming Soon
ISL28256FUZ
8256Z
8 Ld MSOP
MDP0043
Coming Soon
ISL28256FUZ-T7*
8256Z
8 Ld MSOP
MDP0043
*Please refer to TB347 for details on reel specifications.
NOTE: These Intersil Pb-free plastic packaged products employ
special Pb-free material sets; molding compounds/die attach
materials and 100% matte tin plate PLUS ANNEAL - e3 termination
finish, which is RoHS compliant and compatible with both SnPb and
Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed
the Pb-free requirements of IPC/JEDEC J STD-020.
Pinouts
ISL28156
(6 LD SOT-23)
TOP VIEW
ISL28156
(8 LD SOIC)
TOP VIEW
ISL28256
(8 LD SOIC)
TOP VIEW
ISL28256
(8 LD MSOP)
TOP VIEW
1
2
3
6
4
5
+-
OUT
V-
IN+
V+
ENABLE
IN-
1
2
3
4
8
7
6
5
-
+
NC
IN-
IN+
ENABLE
V+
OUT
V-
NC
1
2
3
4
8
7
6
5
OUT_A
IN-_A
IN+_A
V+
OUT_B
IN-_B
V-
IN+_B
+
-
+-
1
2
3
4
8
7
6
5
OUT_A
IN-_A
IN+_A
V+
OUT_B
IN-_B
V-
IN+_B
+
-
+-
Data Sheet
December 16, 2008


Podobny numer części - ISL28156FBZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL28156FBZ INTERSIL-ISL28156FBZ Datasheet
822Kb / 14P
   39uA Micropower Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
ISL28156FBZ INTERSIL-ISL28156FBZ Datasheet
820Kb / 13P
   39關A Micropower Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
logo
Renesas Technology Corp
ISL28156FBZ RENESAS-ISL28156FBZ Datasheet
1Mb / 13P
   39μA Micropower Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amp
January 16, 2014
logo
Intersil Corporation
ISL28156FBZ-T7 INTERSIL-ISL28156FBZ-T7 Datasheet
822Kb / 14P
   39uA Micropower Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
ISL28156FBZ-T7 INTERSIL-ISL28156FBZ-T7 Datasheet
820Kb / 13P
   39關A Micropower Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
More results

Podobny opis - ISL28156FBZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL28168 INTERSIL-ISL28168_11 Datasheet
987Kb / 17P
   Low Input Bias Current Op Amps
logo
Microchip Technology
MCP6481 MICROCHIP-MCP6481 Datasheet
1Mb / 50P
   4 MHz, Low-Input Bias Current Op Amps
Revision C June 2013
MCP6471 MICROCHIP-MCP6471 Datasheet
1Mb / 50P
   2 MHz, Low-Input Bias Current Op Amps
2012-2013
MCP6491 MICROCHIP-MCP6491 Datasheet
1Mb / 50P
   7.5 MHz, Low-Input Bias Current Op Amps
2012-2013
logo
Texas Instruments
OPA192 TI1-OPA192_15 Datasheet
3Mb / 52P
[Old version datasheet]   Low Input Bias Current Op Amp
OPA191 TI1-OPA191_16 Datasheet
3Mb / 49P
[Old version datasheet]    Low Input Bias Current Op Amp
TLV387 TI-TLV387_V01 Datasheet
2Mb / 27P
[Old version datasheet]   TLVx387 High Precision, Zero-Drift, Low-Input-Bias-Current Op Amps
DECEMBER 2021
TLV387 TI-TLV387 Datasheet
1Mb / 20P
[Old version datasheet]   TLVx387 High Precision, Zero-Drift, Low-Input-Bias-Current Op Amps
DECEMBER 2021
TLV387 TI1-TLV387_V03 Datasheet
1Mb / 33P
[Old version datasheet]   TLVx387 High Precision, Zero-Drift, Low-Input-Bias-Current Op Amps
REVISED NOVEMBER 2023
TLV387 TI-TLV387_V02 Datasheet
1Mb / 31P
[Old version datasheet]   TLVx387 High Precision, Zero-Drift, Low-Input-Bias-Current Op Amps
REVISED NOVEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com