Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL28290EVAL1Z Arkusz danych(PDF) 8 Page - Intersil Corporation

Numer części ISL28290EVAL1Z
Szczegółowy opis  Rail-to-Rail Output, Op Amp
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28290EVAL1Z Arkusz danych(HTML) 8 Page - Intersil Corporation

Back Button ISL28290EVAL1Z Datasheet HTML 4Page - Intersil Corporation ISL28290EVAL1Z Datasheet HTML 5Page - Intersil Corporation ISL28290EVAL1Z Datasheet HTML 6Page - Intersil Corporation ISL28290EVAL1Z Datasheet HTML 7Page - Intersil Corporation ISL28290EVAL1Z Datasheet HTML 8Page - Intersil Corporation ISL28290EVAL1Z Datasheet HTML 9Page - Intersil Corporation ISL28290EVAL1Z Datasheet HTML 10Page - Intersil Corporation ISL28290EVAL1Z Datasheet HTML 11Page - Intersil Corporation ISL28290EVAL1Z Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
FN6247.8
August 11, 2008
FIGURE 19. LARGE SIGNAL (4.7V) STEP RESPONSE
FIGURE 20. SUPPLY CURRENT vs TEMPERATURE,
VS = ±2.5V ENABLED, RL = INF
FIGURE 21. VOS vs TEMPERATURE VS = ±2.5V
FIGURE 22. IBIAS+ vs TEMPERATURE VS = ±2.5V
FIGURE 23. IBIAS- vs TEMPERATURE VS = ±2.5V
FIGURE 24. IIO vs TEMPERATURE VS = ±2.5V
Typical Performance Curves (Continued)
TIME (ns)
-3
-2
-1
0
1
2
3
0
400
800
1200
1600
2000
VIN
VOUT
V+ =
±2.5V
AV = +2
RF = RG = 499Ω
RL = 10kΩ
VOUT = 4.7VP-P
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
-40
-20
0
20
406080
100
120
TEMPERATURE (°C)
n = 50
MEDIAN
MIN
MAX
-500
-400
-300
-200
-100
0
100
200
300
400
500
600
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
MEDIAN
MIN
MAX
n = 50
-15
-14
-13
-12
-11
-10
-9
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
n = 50
MEDIAN
MIN
MAX
-15
-14
-13
-12
-11
-10
-9
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
n = 50
MEDIAN
MIN
MAX
-400
-200
0
200
400
600
800
-40
-20
0
2040
6080
100
120
TEMPERATURE (°C)
n = 50
MEDIAN
MIN
MAX
ISL28190, ISL28290


Podobny numer części - ISL28290EVAL1Z

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL28290EVAL1Z INTERSIL-ISL28290EVAL1Z Datasheet
1Mb / 16P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail Output, Op Amp
logo
Renesas Technology Corp
ISL28290EVAL1Z RENESAS-ISL28290EVAL1Z Datasheet
1Mb / 19P
   Single and Dual Single Supply Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail Output, Op Amp
ISL28290EVAL1Z RENESAS-ISL28290EVAL1Z Datasheet
1Mb / 21P
   Dual Single Supply Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail Output, Op Amp
Jan.12.21
More results

Podobny opis - ISL28290EVAL1Z

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8675 AD-AD8675_15 Datasheet
303Kb / 12P
   Rail-to-Rail Output Op Amp
Rev. E
AD8676 AD-AD8676_15 Datasheet
343Kb / 12P
   Dual Rail-to-Rail Output Op Amp
REV. C
logo
Linear Technology
LT6012 LINER-LT6012_15 Datasheet
380Kb / 20P
   Rail-to-Rail Output Precision Op Amp
LT6011 LINER-LT6011_15 Datasheet
380Kb / 20P
   Rail-to-Rail Output Precision Op Amp
LTC1152 LINER-LTC1152 Datasheet
240Kb / 8P
   Rail-to-Rail Input Rail-to-Rail Output Zero-Drift Op Amp
logo
Torex Semiconductor
XC221A TOREX-XC221A Datasheet
667Kb / 8P
   1.2VInput/ Output Rail To Rail CMOS Op Amp
logo
Intersil Corporation
EL5211A INTERSIL-EL5211A Datasheet
204Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amp
EL5412 INTERSIL-EL5412 Datasheet
199Kb / 8P
   40MHz Rail-to-Rail Input-Output Op Amp
logo
Microchip Technology
MIC7300 MICROCHIP-MIC7300 Datasheet
678Kb / 22P
   High-Output Drive Rail-to-Rail Op Amp
05/14/19
logo
Linear Technology
LT1152 LINER-LT1152_15 Datasheet
227Kb / 8P
   Rail-to-Rail Input Rail-to-Rail Output Zero-Drift Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com