Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISLA118P50 Arkusz danych(PDF) 6 Page - Intersil Corporation

Numer części ISLA118P50
Szczegółowy opis  8-Bit, 500MSPS A/D Converter
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISLA118P50 Arkusz danych(HTML) 6 Page - Intersil Corporation

Back Button ISLA118P50_11 Datasheet HTML 2Page - Intersil Corporation ISLA118P50_11 Datasheet HTML 3Page - Intersil Corporation ISLA118P50_11 Datasheet HTML 4Page - Intersil Corporation ISLA118P50_11 Datasheet HTML 5Page - Intersil Corporation ISLA118P50_11 Datasheet HTML 6Page - Intersil Corporation ISLA118P50_11 Datasheet HTML 7Page - Intersil Corporation ISLA118P50_11 Datasheet HTML 8Page - Intersil Corporation ISLA118P50_11 Datasheet HTML 9Page - Intersil Corporation ISLA118P50_11 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
ISLA118P50
6
FN7565.2
July 25, 2011
Normal Mode
PD
2mA LVDS, I2E powered down, Notch
Filter powered down
428
mW
3mA LVDS, I2E powered down, Notch
Filter powered down
441
477
mW
3mA LVDS, I2E On, Notch Filter powered
down
508
mW
3mA LVDS, I2E On, Notch Filter On
522
mW
Nap Mode
PD
164
179
mW
Sleep Mode
PD
28
34
mW
Nap Mode Wakeup Time (Note 8)
Sample Clock Running
2.75
µs
Sleep Mode Wakeup Time (Note 8)
Sample Clock Running
1
ms
AC SPECIFICATIONS (Note 9)
Differential Nonlinearity
DNL
-0.1
±0.02
0.1
LSB
Integral Nonlinearity
INL
-0.15
±0.03
0.15
LSB
Minimum Conversion Rate (Note 10)
fS MIN
80
MSPS
Maximum Conversion Rate
fS MAX
500
MSPS
Signal-to-Noise Ratio (Notes 11, 12)
SNR
fIN = 10MHz
49.9
dBFS
fIN = 105MHz
49.4
49.9
dBFS
fIN = 190MHz
49.9
dBFS
fIN = 364MHz
49.8
dBFS
fIN = 495MHz
49.8
dBFS
fIN = 605MHz
49.8
dBFS
fIN = 995MHz
49.6
dBFS
Signal-to-Noise and Distortion (Notes 11, 12)
SINAD
fIN = 10MHz
49.9
dBFS
fIN = 105MHz
49.3
49.9
dBFS
fIN = 190MHz
49.9
dBFS
fIN = 364MHz
49.8
dBFS
fIN = 495MHz
49.7
dBFS
fIN = 605MHz
49.5
dBFS
fIN = 995MHz
49.1
dBFS
Effective Number of Bits (Notes 11, 12)
ENOB
fIN = 10MHz
7.99
Bits
fIN = 105MHz
7.90
7.99
Bits
fIN = 190MHz
7.99
Bits
fIN = 364MHz
7.97
Bits
fIN = 495MHz
7.97
Bits
fIN = 605MHz
7.93
Bits
fIN = 995MHz
7.36
Bits
Electrical Specifications All specifications apply under the following conditions unless otherwise noted: AVDD = 1.8V, OVDD = 1.8V,
TA = -40°C to +85°C (typical specifications at +25°C), AIN = -1dBFS, FIN =105MHz, fSAMPLE = 500MSPS, after completion of I2E calibration. (Continued)
PARAMETER
SYMBOL
CONDITIONS
ISLA118P50
(Note 6)
UNITS
MIN
TYP
MAX


Podobny numer części - ISLA118P50_11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISLA118P50IRZ INTERSIL-ISLA118P50IRZ Datasheet
941Kb / 35P
   8-Bit, 500MSPS A/D Converter
ISLA118P50IRZ INTERSIL-ISLA118P50IRZ Datasheet
1Mb / 34P
   8-Bit, 500MSPS A/D Converter
July 25, 2011
logo
Renesas Technology Corp
ISLA118P50IRZ RENESAS-ISLA118P50IRZ Datasheet
1Mb / 34P
   8-Bit, 500MSPS A/D Converter
More results

Podobny opis - ISLA118P50_11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISLA118P50IRZ INTERSIL-ISLA118P50IRZ Datasheet
1Mb / 34P
   8-Bit, 500MSPS A/D Converter
July 25, 2011
ISLA118P50 INTERSIL-ISLA118P50 Datasheet
941Kb / 35P
   8-Bit, 500MSPS A/D Converter
logo
Renesas Technology Corp
ISLA118P50 RENESAS-ISLA118P50 Datasheet
1Mb / 34P
   8-Bit, 500MSPS A/D Converter
logo
Intersil Corporation
KAD5512P-50_0910 INTERSIL-KAD5512P-50_0910 Datasheet
836Kb / 30P
   12-Bit, 500MSPS A/D Converter
ISLA110P50 INTERSIL-ISLA110P50 Datasheet
1,007Kb / 35P
   10-Bit, 500MSPS A/D Converter
ISLA112P50IRZ INTERSIL-ISLA112P50IRZ Datasheet
1Mb / 34P
   12-Bit, 500MSPS A/D Converter
August 1, 2011
KAD5512P-50 INTERSIL-KAD5512P-50_09 Datasheet
652Kb / 27P
   12-Bit, 500MSPS A/D Converter
logo
List of Unclassifed Man...
KAD5510P-50 ETC2-KAD5510P-50 Datasheet
676Kb / 28P
   10-Bit, 500MSPS A/D Converter
logo
Intersil Corporation
ISLA112P50 INTERSIL-ISLA112P50_11 Datasheet
1Mb / 34P
   12-Bit, 500MSPS A/D Converter
logo
Renesas Technology Corp
ISLA112P50 RENESAS-ISLA112P50 Datasheet
1Mb / 34P
   12-Bit, 500MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com