Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISLA222P Arkusz danych(PDF) 9 Page - Intersil Corporation

Numer części ISLA222P
Szczegółowy opis  Dual 12-Bit, 250MSPS/200MSPS/130MSPS ADC
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISLA222P Arkusz danych(HTML) 9 Page - Intersil Corporation

Back Button ISLA222P Datasheet HTML 5Page - Intersil Corporation ISLA222P Datasheet HTML 6Page - Intersil Corporation ISLA222P Datasheet HTML 7Page - Intersil Corporation ISLA222P Datasheet HTML 8Page - Intersil Corporation ISLA222P Datasheet HTML 9Page - Intersil Corporation ISLA222P Datasheet HTML 10Page - Intersil Corporation ISLA222P Datasheet HTML 11Page - Intersil Corporation ISLA222P Datasheet HTML 12Page - Intersil Corporation ISLA222P Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
ISLA222P
9
FN7853.1
June 17, 2011
Total Power Dissipation
Normal Mode
PD
2mA LVDS
774
709
614
mW
3mA LVDS
823
862
760
830
650
697
mW
CMOS
765
691
578
mW
Nap Mode
PD
87
96
83
93
77
85
mW
Sleep Mode
PD
CSB at logic high
6
11
6
11
6
10
mW
Nap/Sleep Mode
Wakeup Time
Sample Clock Running
200
400
630
µs
AC SPECIFICATIONS
Differential Nonlinearity
DNL
fIN = 105MHz
No Missing Codes
-0.9
±0.16
0.9
-0.5
±0.12
0.5
-0.5
±0.12
0.5
LSB
Integral Nonlinearity
INL
fIN = 105MHz
-2.0
±0.8
2.0
-1.5
±0.6
1.5
-1.5
±0.6
1.5
LSB
Minimum Conversion
Rate (Note 7)
fS MIN
40
40
40
MSPS
Maximum Conversion
Rate
fS MAX
250
200
130
MSPS
Signal-to-Noise Ratio
(Note 8)
SNR
fIN = 30MHz
70.3
71.0
71.3
dBFS
fIN = 105MHz
69.1
70.2
70.0
70.8
70.5
71.1
dBFS
fIN = 190MHz
69.7
70.2
70.3
dBFS
fIN = 363MHz
68.5
68.8
68.4
dBFS
fIN = 461MHz
67.8
67.7
67.3
dBFS
fIN = 605MHz
66.6
66.5
65.7
dBFS
Signal-to-Noise and
Distortion
(Note 8)
SINAD
fIN = 30MHz
70.0
70.8
71.1
dBFS
fIN = 105MHz
67.7
69.3
68.6
70.3
68.7
70.3
dBFS
fIN = 190MHz
68.5
69.4
69.3
dBFS
fIN = 363MHz
66.7
67.8
68.0
dBFS
fIN = 461MHz
65.6
65.8
65.5
dBFS
fIN = 605MHz
63.2
61.6
60.0
dBFS
Effective Number of Bits
(Note 8)
ENOB
fIN = 30MHz
11.34
11.47
11.52
Bits
fIN = 105MHz
10.95 11.22
11.10 11.39
11.12 11.39
Bits
fIN = 190MHz
11.09
11.24
11.22
Bits
fIN = 363MHz
10.79
10.97
11.00
Bits
fIN = 461MHz
10.60
10.64
10.59
Bits
fIN = 605MHz
10.21
9.94
9.67
Bits
Electrical Specifications All specifications apply under the following conditions unless otherwise noted: AVDD = 1.8V, OVDD = 1.8V,
TA = -40°C to +85°C (typical specifications at +25°C), AIN = -1dBFS, fSAMPLE = Maximum Conversion Rate (per speed grade). Boldface limits apply over
the operating temperature range, -40°C to +85°C.
(Continued)
PARAMETER
SYMBOL
CONDITIONS
ISLA222P25
ISLA222P20
ISLA222P13
UNITS
MIN
(Note 5) TYP
MAX
(Note 5)
MIN
(Note 5) TYP
MAX
(Note 5)
MIN
(Note 5) TYP
MAX
(Note 5)


Podobny numer części - ISLA222P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ISLA222P RENESAS-ISLA222P Datasheet
1Mb / 33P
   Dual 12-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Intersil Corporation
ISLA222P13 INTERSIL-ISLA222P13 Datasheet
1Mb / 34P
   Dual 14-Bit, 250MSPS/200MSPS/130MSPS ADC
ISLA222P13 INTERSIL-ISLA222P13 Datasheet
1Mb / 32P
   High Performance Dual 14-Bit, 125MSPS ADC
ISLA222P13 INTERSIL-ISLA222P13 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISLA222P13 RENESAS-ISLA222P13 Datasheet
1Mb / 33P
   Dual 12-Bit, 250MSPS/200MSPS/130MSPS ADC
More results

Podobny opis - ISLA222P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ISLA212P RENESAS-ISLA212P Datasheet
1Mb / 36P
   12-Bit, 250MSPS/200MSPS/130MSPS ADC
ISLA222P RENESAS-ISLA222P Datasheet
1Mb / 33P
   Dual 12-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Intersil Corporation
ISLA212P INTERSIL-ISLA212P Datasheet
1Mb / 35P
   12-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Renesas Technology Corp
ISLA224P RENESAS-ISLA224P Datasheet
1Mb / 34P
   Dual 14-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Intersil Corporation
ISLA224P INTERSIL-ISLA224P Datasheet
1Mb / 34P
   Dual 14-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Renesas Technology Corp
ISLA216P RENESAS-ISLA216P Datasheet
1Mb / 35P
   16-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Intersil Corporation
ISLA216P_1104 INTERSIL-ISLA216P_1104 Datasheet
1Mb / 33P
   16-Bit, 250MSPS/200MSPS/130MSPS ADC
ISLA216P INTERSIL-ISLA216P Datasheet
1Mb / 32P
   16-Bit, 250MSPS/200MSPS/130MSPS ADC
ISLA214P13IRZ INTERSIL-ISLA214P13IRZ Datasheet
1Mb / 35P
   14-Bit, 250MSPS/200MSPS/130MSPS ADC
December 5, 2012
ISLA216P13IRZ INTERSIL-ISLA216P13IRZ Datasheet
1,010Kb / 35P
   16-Bit, 250MSPS/200MSPS/130MSPS ADC
December 10, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com