Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BA15DD0WHFP Arkusz danych(PDF) 9 Page - Rohm

Numer części BA15DD0WHFP
Szczegółowy opis  Standard Fixed Output LDO Regulators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BA15DD0WHFP Arkusz danych(HTML) 9 Page - Rohm

Back Button BA15DD0WHFP Datasheet HTML 4Page - Rohm BA15DD0WHFP Datasheet HTML 5Page - Rohm BA15DD0WHFP Datasheet HTML 6Page - Rohm BA15DD0WHFP Datasheet HTML 7Page - Rohm BA15DD0WHFP Datasheet HTML 8Page - Rohm BA15DD0WHFP Datasheet HTML 9Page - Rohm BA15DD0WHFP Datasheet HTML 10Page - Rohm BA15DD0WHFP Datasheet HTML 11Page - Rohm BA15DD0WHFP Datasheet HTML 12Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Technical Note
9/11
www.rohm.com
2011.03 - Rev.C
© 2011 ROHM Co., Ltd. All rights reserved.
BA□□DD0T Series,BA□□CC0T Series,BA□□CC0FP Series
BA□□DD0WT Series,BA□□DD0HFP Series,BA□□CC0WT Series,BA□□CC0WFP Series
Other Points of Caution
1) Protection Circuits
Over-current Protection Circuit
A built-in over-current protection circuit corresponding to the current capacity prevents the destruction of the IC when there
are load shorts. This protection circuit is a “7”-shaped current control circuit that is designed such that the current is restricted
and does not latch even when a large current momentarily flows through the system with a high-capacitance capacitor.
However, while this protection circuit is effective for the prevention of destruction due to unexpected accidents, it is not
suitable for continuous operation or transient use. Please be aware when creating thermal designs that the overcurrent
protection circuit has negative current capacity characteristics with regard to temperature (Refer to Figs.4 and 16).
Thermal Shutdown Circuit (Thermal Protection)
This system has a built-in temperature protection circuit for the purpose of protecting the IC from thermal damage.
As shown above, this must be used within the range of acceptable loss, but if the acceptable loss happens to be
continuously exceeded, the chip temperature Tj increases, causing the temperature protection circuit to operate.
When the thermal shutdown circuit operates, the operation of the circuit is suspended. The circuit resumes operation
immediately after the chip temperature Tj decreases, so the output repeats the ON and OFF states (Please refer to
Figs.12 and 24 for the temperatures at which the temperature protection circuit operates).
There are cases in which the IC is destroyed due to thermal runaway when it is left in the overloaded state. Be sure to
avoid leaving the IC in the overloaded state.
Reverse Current
In order to prevent the destruction of the IC when a reverse current flows through the IC, it is recommended that a diode
be placed between the Vcc and Vo and a pathway be created so that the current can escape (Refer to Fig.35).
Fig. 36:Bypass diode
2) This IC is bipolar IC that has a P-board (substrate) and P+ isolation layer between each devise, as shown in Fig.36. A P-N
junction is formed between this P-layer and the N-layer of each device, and the P-N junction operates as a parasitic diode
when the electric potential relationship is GND> Terminal A, GND> Terminal B, while it operates as a parasitic transistor
when the electric potential relationship is Terminal B GND> Terminal A. Parasitic devices are structurally inevitable in the
IC. The operation of parasitic devices induces mutual interference between circuits, causing malfunctions and eventually
the destruction of the IC. It is necessary to be careful not to use the IC in ways that would cause parasitic elements to
operate. For example, applying a voltage that is lower than the GND (P-board) to the input terminal.
Fig. 37: Example of the basic structure of a bipolar IC
OUT
Vcc
CTL
GND
Reverse current
(Pin A)
GND
N
P+
Resistor
Parasitic element
P
N
P
P+
N
(Pin A)
Parasitic element
or transistor
(Pin B)
GND
C
B
E
Parasitic element
GND
GND
N
P
N
P+
P+
Parasitic element
or transistor
(Pin B)
B
E
Transistor (NPN)
N
P
N
GND
C


Podobny numer części - BA15DD0WHFP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BA15DD0WHFP ROHM-BA15DD0WHFP Datasheet
269Kb / 6P
   2A Low Dropout Voltage Regulator with Shut Down Switch
BA15DD0WHFP-TR ROHM-BA15DD0WHFP-TR Datasheet
493Kb / 23P
   2A/1A Fixed OutputLDORegulators With ShutdownSwicth
BA15DD0WHFP-TR ROHM-BA15DD0WHFP-TR Datasheet
499Kb / 23P
   2A/1A Fixed Output LDO Regulators
BA15DD0WHFP-TR ROHM-BA15DD0WHFP-TR Datasheet
493Kb / 23P
   Low-saturation regulators, available for output s up to 2A/1A.
More results

Podobny opis - BA15DD0WHFP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BD80C0AFPS ROHM-BD80C0AFPS_10 Datasheet
418Kb / 13P
   Standard Fixed Output LDO Regulators
BD33C0AWFP ROHM-BD33C0AWFP Datasheet
335Kb / 13P
   Standard Fixed Output LDO Regulators with Shutdown Switch
BA33D18HFP-TR ROHM-BA33D18HFP-TR Datasheet
407Kb / 18P
   Dual Output Fixed Output LDO Regulators
BA15JC5WT ROHM-BA15JC5WT Datasheet
351Kb / 11P
   Secondary Fixed Output LDO Regulators
BD15HC0WEFJ ROHM-BD15HC0WEFJ Datasheet
495Kb / 21P
   1A Fixed Output LDO Regulators
BA00DD0WCP-V5 ROHM-BA00DD0WCP-V5_10 Datasheet
353Kb / 10P
   Standard Variable Output LDO Regulators
BD80C0AFPS-M ROHM-BD80C0AFPS-M Datasheet
766Kb / 22P
   Single-Output LDO Regulator 1A Fixed Output LDO Regulators
BD80C0AFPS-LB ROHM-BD80C0AFPS-LB Datasheet
695Kb / 22P
   Single-Output LDO Regulator 1A Fixed Output LDO Regulators
BA3258HFP ROHM-BA3258HFP_11 Datasheet
307Kb / 9P
   Dual Output Secondary Fixed Output LDO Regulators
BA50BC0FP-E2 ROHM-BA50BC0FP-E2 Datasheet
512Kb / 19P
   1A Variable/Fixed Output LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com