Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BA30DD0WHFP Arkusz danych(PDF) 3 Page - Rohm

Numer części BA30DD0WHFP
Szczegółowy opis  Standard Fixed Output LDO Regulators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BA30DD0WHFP Arkusz danych(HTML) 3 Page - Rohm

  BA30DD0WHFP Datasheet HTML 1Page - Rohm BA30DD0WHFP Datasheet HTML 2Page - Rohm BA30DD0WHFP Datasheet HTML 3Page - Rohm BA30DD0WHFP Datasheet HTML 4Page - Rohm BA30DD0WHFP Datasheet HTML 5Page - Rohm BA30DD0WHFP Datasheet HTML 6Page - Rohm BA30DD0WHFP Datasheet HTML 7Page - Rohm BA30DD0WHFP Datasheet HTML 8Page - Rohm BA30DD0WHFP Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Technical Note
3/11
www.rohm.com
2011.03 - Rev.C
© 2011 ROHM Co., Ltd. All rights reserved.
BA□□DD0T Series,BA□□CC0T Series,BA□□CC0FP Series
BA□□DD0WT Series,BA□□DD0HFP Series,BA□□CC0WT Series,BA□□CC0WFP Series
Recommended Operating Range (Ta=25℃)
Parameter
Symbol
Ratings
Unit
Min.
Typ.
Max.
Input
PowerSupply
Voltage
BA□□CC0
VCC
4.0
25.0
V
BA□□DD0
3.0
25.0
V
Output Current
BA□□CC0
Io
1
A
BA□□DD0
2
A
Output Control Terminal Voltage
Vctl
0
VCC
V
Electrical Characteristics(ABRIDGED)
BA□□CC0 Series (unless specified otherwise, Ta=25℃, VCTL=5.0V(only with switch), Io=500mA,and Vcc= VccD
*5)
Parameter
Symbol
Limits
Unit
Conditions
Min.
Typ.
Max.
Output Voltage
Vo
Vo×0.98
Vo
Vo×1.02
V
Refer to the lineup for Vo
Circuit Current at Shutdown
Isd
0
10
µA
VCTL=0V
Minimum I/O Difference
Δ
Vd
0.3
0.5
V
Vcc= 0.95×Vo
Output Current Capacity
Io
1.0
A
Input Stability
Reg.I
20
100
mV
Vcc= (Vo+1)V → 25V
Load Stability
Reg.L
50
100
mV
Io=5mA→1A
Output Voltage
Temperature Coefficient
*6
Tcvo
±
0.02
%/℃
Io=5mA ,Tj=0~125℃
BA00DD0□□ series (unless specified otherwise, Ta=25℃, VCTL=3V(only with switch), Io=500mA,and Vcc=VccD
*7)
Parameter
Symbol
Limits
Unit
Conditions
Min.
Typ.
Max.
Output Voltage
Vo
Vo×0.99
Vo
Vo×1.01
V
Io=200mA
Circuit Current at Shutdown
Isd
0
10
µA
VCTL=0V
Minimum I/O Difference
Δ
Vd
0.45
0.7
V
Vcc= 0.95×Vo, Io=2A
Output Current Capacity
Io
2.0
A
Input Stability
Reg.I
15
50
mV
Vcc= VccD
*7→25V,
Io=200mA
Load Stability
Reg.L
50
200
mV
Io=5mA→2A
Output Voltage
Temperature Coefficient
*6
Tcvo
±
0.02
%/℃
Io=5mA ,Tj=0~125℃
*5 Vo=3.0V : Vcc= 8.0V , Vo=3.3V : Vcc=8.3V , Vo=5.0V : Vcc=10.0V , Vo=6.0V : Vcc=11.0V , Vo=7.0V : Vcc=12.0V,
Vo=8.0V : Vcc= 13.0V , Vo=9.0V : Vcc=14.0V , Vo=10.0V : Vcc=15.0V , Vo=12.0V : Vcc=17.0V , Vo=15.0V : Vcc=20.0V
*6 Design guarantee (100% shipping inspection not performed)
*7 Vo=1.5V , 1.8V , 2.5V , 3.0V : Vcc=4.0V , Vo=3.3V , 5.0V : Vcc=7.0V , Vo=9.0V : Vcc=12.0V ,Vo=12V : Vcc=14V , Vo=16V : Vcc=18V


Podobny numer części - BA30DD0WHFP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BA30DD0WHFP ROHM-BA30DD0WHFP Datasheet
269Kb / 6P
   2A Low Dropout Voltage Regulator with Shut Down Switch
BA30DD0WHFP-TR ROHM-BA30DD0WHFP-TR Datasheet
493Kb / 23P
   2A/1A Fixed OutputLDORegulators With ShutdownSwicth
BA30DD0WHFP-TR ROHM-BA30DD0WHFP-TR Datasheet
499Kb / 23P
   2A/1A Fixed Output LDO Regulators
BA30DD0WHFP-TR ROHM-BA30DD0WHFP-TR Datasheet
493Kb / 23P
   Low-saturation regulators, available for output s up to 2A/1A.
More results

Podobny opis - BA30DD0WHFP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BD80C0AFPS ROHM-BD80C0AFPS_10 Datasheet
418Kb / 13P
   Standard Fixed Output LDO Regulators
BD33C0AWFP ROHM-BD33C0AWFP Datasheet
335Kb / 13P
   Standard Fixed Output LDO Regulators with Shutdown Switch
BA33D18HFP-TR ROHM-BA33D18HFP-TR Datasheet
407Kb / 18P
   Dual Output Fixed Output LDO Regulators
BA15JC5WT ROHM-BA15JC5WT Datasheet
351Kb / 11P
   Secondary Fixed Output LDO Regulators
BD15HC0WEFJ ROHM-BD15HC0WEFJ Datasheet
495Kb / 21P
   1A Fixed Output LDO Regulators
BA00DD0WCP-V5 ROHM-BA00DD0WCP-V5_10 Datasheet
353Kb / 10P
   Standard Variable Output LDO Regulators
BD80C0AFPS-M ROHM-BD80C0AFPS-M Datasheet
766Kb / 22P
   Single-Output LDO Regulator 1A Fixed Output LDO Regulators
BD80C0AFPS-LB ROHM-BD80C0AFPS-LB Datasheet
695Kb / 22P
   Single-Output LDO Regulator 1A Fixed Output LDO Regulators
BA3258HFP ROHM-BA3258HFP_11 Datasheet
307Kb / 9P
   Dual Output Secondary Fixed Output LDO Regulators
BA50BC0FP-E2 ROHM-BA50BC0FP-E2 Datasheet
512Kb / 19P
   1A Variable/Fixed Output LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com