Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BA15BC0T Arkusz danych(PDF) 2 Page - Rohm

Numer części BA15BC0T
Szczegółowy opis  1A Secondary LDO Regulators for Local Power Supplies
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BA15BC0T Arkusz danych(HTML) 2 Page - Rohm

  BA15BC0T Datasheet HTML 1Page - Rohm BA15BC0T Datasheet HTML 2Page - Rohm BA15BC0T Datasheet HTML 3Page - Rohm BA15BC0T Datasheet HTML 4Page - Rohm BA15BC0T Datasheet HTML 5Page - Rohm BA15BC0T Datasheet HTML 6Page - Rohm BA15BC0T Datasheet HTML 7Page - Rohm BA15BC0T Datasheet HTML 8Page - Rohm BA15BC0T Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
BA□□BC0 Series,BA□□BC0W Series,BA00BC0W Series
Technical Note
2/8
www.rohm.com
2010.02 - Rev.B
© 2010 ROHM Co., Ltd. All rights reserved.
Absolute Maximum Ratings (Ta = 25°C)
Parameter
Symbol
Limits
Unit
Power supply voltage
VCC
18*1
V
Power
dissipation
TO252-3
Pd
1200*2
mW
TO252-5
1300*3
TO220FP-3
2000*4
TO220FP-5
2000*4
TO220FP-5 (V5)
2000*4
TO220CP-V5
2000*4
Operating temperature range
Topr
−40 to +105
°C
Ambient storage temperature
Tstg
−55 to +150
°C
Maximum junction temperature
Tjmax
150
°C
*1 Must not exceed Pd.
*2 Derated at 9.6mW/°C at Ta>25°C when mounted on a glass epoxy board (70 mm
 70 mm  1.6 mm).
*3 Derated at 10.4mW/°C at Ta>25°C when mounted on a glass epoxy board (70 mm
 70 mm  1.6 mm).
*4 Derated at 16mW/°C at Ta> 25°C
Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Unit
Input power supply voltage
VCC*5
3.0
16.0
V
Input power supply voltage
VcC*6
Vo+1.0
16.0
V
Output current
Io
-
1
A
Variable output voltage setting value
Vo
1.5
12
V
*5 When output voltage is 1.5 V, 1.8 V, or 2.5 V.
*6 When output voltage is 3.0 V or higher.
Electrical Characteristics
BA□□BC0FP/T/WFP/WT (−V5)
(Unless otherwise specified, Ta = 25°C; VCTL = 3 V; VCCDC*7)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Output voltage
Vo
Vo (T)
0.98
Vo (T)
Vo (T)
 1.02
V
Io = 200mA
Shutdown circuit current
Isd
-
0
10
A
VCTL = 0 V while in off mode
Minimum I/O voltage difference
*8
∆Vd
-
0.3
0.5
V
Io = 200 mA,Vcc = 0.95
 Vo
Output current capacity
Io
1
-
-
A
Input stability
*9
Reg.I
-
15
35
mV
Vcc = Vo+1.0V→16V, Io = 200mA
Load stability
Reg.L
-
35
75
mV
Io = 0 mA →1 A
Temperature coefficient of
output voltage
*10
Tcvo
-
0.02
-
%/°C
Io = 5 mA、Tj = 0°C to 125℃
Vo (T): Set output voltage
*7 Vo = 1.5 V, 1.8 V, 2.5 V : Vcc = 3.3 V, Vo = 3.0 V, 3.3 V : Vcc = 5 V,
Vo = 5.0 V : Vcc : 8 V, Vo = 6.0 V : Vcc = 9 V, Vo = 8.0 V : Vcc = 11 V,
Vo = 9.0 V : Vcc = 12 V, Vo = 10.0 V : Vcc = 13 V
*8 Vo ≥ 3.3 V
*9 Change Vcc from 3.0 V to 6 V if 1.5 V ≤ Vo ≤ 2.5 V.
*10 Operation guaranteed
BA00BC0WFP/WT (−V5)/CP-V5
(Unless otherwise specified, Ta = 25°C, Vcc = 3.3 V, VCTL = 3 V, R1 = 30 k
, R2 = 30 k*11)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Shutdown circuit current
Isd
-
0
10
A
VCTL = 0 V while in OFF mode
Reference voltage
Vc
1.225
1.250
1.275
V
Io = 50 mA
Minimum I/O voltage difference
∆Vd
-
0.3
0.5
V
Io = 500 mA, Vcc = 2.5V
Output current capacity
Io
1
-
-
A
Input stability
Reg.I
-
15
30
mV
Vcc = Vo + 1.0 V→16V, Io = 200 mA
Load stability
Reg.L
-
35
75
mV
Io = 0 mA →1A
Temperature coefficient of output
voltage
*12
Tcvo
-
0.02
-
%/°C
Io = 5mA, Tj=0°C to 125°C
*11 VOUT = Vc
 (R1 + R2) / R1 (V)
*12 Operation guaranteed


Podobny numer części - BA15BC0T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BA15BC0T ROHM-BA15BC0T Datasheet
359Kb / 6P
   1.0A Low-Dropout Voltage Regulator with Shut down Switch
BA15BC0T ROHM-BA15BC0T Datasheet
490Kb / 19P
   1A Variable/Fixed Output LDO Regulators
More results

Podobny opis - BA15BC0T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BAXXBC0 ROHM-BAXXBC0_10 Datasheet
392Kb / 10P
   1A Secondary LDO Regulators for Local Power Supplies
BD00HC0WEFJ ROHM-BD00HC0WEFJ Datasheet
491Kb / 12P
   1A Secondary Variable Output LDO Regulators for Local Power Supplies
BD00GC0WEFJ ROHM-BD00GC0WEFJ Datasheet
543Kb / 12P
   1A Secondary Variable Output LDO Regulators for Local Power Supplies
BDXXKA5 ROHM-BDXXKA5 Datasheet
364Kb / 10P
   500mA Secondary LDO Regulators for Local Power Supplies
BD10KASWFP ROHM-BD10KASWFP Datasheet
364Kb / 10P
   500mA Secondary LDO Regulators for Local Power Supplies
BAXXJC5 ROHM-BAXXJC5_09 Datasheet
381Kb / 10P
   1.5A Secondary LDO Regulators for Local Power Supplies
BD00HC5WEFJ ROHM-BD00HC5WEFJ Datasheet
492Kb / 12P
   1.5A Secondary Variable Output LDO Regulators for Local Power Supplies
BD00GA3WEFJ ROHM-BD00GA3WEFJ Datasheet
523Kb / 12P
   300mA Secondary Variable Output LDO Regulators for Local Power Supplies
BD00GA5WEFJ ROHM-BD00GA5WEFJ Datasheet
463Kb / 12P
   500mA Secondary Variable Output LDO Regulators for Local Power Supplies
BD00HA5WEFJ ROHM-BD00HA5WEFJ Datasheet
457Kb / 12P
   500mA Secondary Variable Output LDO Regulators for Local Power Supplies
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com