Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BD00C0AWCP-V5 Arkusz danych(PDF) 8 Page - Rohm

Numer części BD00C0AWCP-V5
Szczegółowy opis  1A Standard Variable Output LDO Regulators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BD00C0AWCP-V5 Arkusz danych(HTML) 8 Page - Rohm

Back Button BD00C0AWCP-V5 Datasheet HTML 4Page - Rohm BD00C0AWCP-V5 Datasheet HTML 5Page - Rohm BD00C0AWCP-V5 Datasheet HTML 6Page - Rohm BD00C0AWCP-V5 Datasheet HTML 7Page - Rohm BD00C0AWCP-V5 Datasheet HTML 8Page - Rohm BD00C0AWCP-V5 Datasheet HTML 9Page - Rohm BD00C0AWCP-V5 Datasheet HTML 10Page - Rohm BD00C0AWCP-V5 Datasheet HTML 11Page - Rohm BD00C0AWCP-V5 Datasheet HTML 12Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Technical Note
8/11
BD00C0AWFP,BD00C0AWCP-V5
www.rohm.com
2011.08 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
Notes for use
1. Absolute maximum ratings
Use of the IC in excess of absolute maximum ratings (such as the input voltage or operating temperature range) may
result in damage to the IC. Assumptions should not be made regarding the state of the IC (e.g., short mode or open mode)
when such damage is suffered. If operational values are expected to exceed the maximum ratings for the device, consider
adding protective circuitry (such as fuses) to eliminate the risk of damaging the IC.
2. Electrical characteristics described in these specifications may vary, depending on temperature, supply voltage,
external circuits and other conditions. Therefore, be sure to check all relevant factors, including transient characteristics.
3. GND potential
The potential of the GND pin must be the minimum potential in the system in all operating conditions.
Ensure that no pins are at a voltage below the GND at any time, regardless of transient characteristics.
4. Ground wiring pattern
When using both small-signal and large-current GND traces, the two ground traces should be routed separately but
connected to a single ground potential within the application in order to avoid variations in the small-signal ground caused
by large currents. Also ensure that the GND traces of external components do not cause variations on GND voltage.
The power supply and ground lines must be as short and thick as possible to reduce line impedance.
5. Inter-pin shorts and mounting errors
Use caution when orienting and positioning the IC for mounting on printed circuit boards. Improper mounting may result in
damage to the IC. Shorts between output pins or between output pins and the power supply or GND pins (caused by poor
soldering or foreign objects) may result in damage to the IC.
6. Operation in strong electromagnetic fields
Using this product in strong electromagnetic fields may cause IC malfunction. Caution should be exercised in applications
where strong electromagnetic fields may be present.
7. Testing on application boards
When testing the IC on an application board, connecting a capacitor directly to a low-impedance pin may subject the IC to
stress. Always discharge capacitors completely after each process or step. The IC’s power supply should always be
turned off completely before connecting or removing it from a jig or fixture during the evaluation process. To prevent
damage from static discharge, ground the IC during assembly and use similar precautions during transport and storage.
8. Thermal consideration
Use a thermal design that allows for a sufficient margin in light of the Pd in actual operating conditions.
Consider Pc that does not exceed Pd in actual operating conditions. (Pd≧Pc)
Tjmax : Maximum junction temperature=150[℃] , Ta : Peripheral temperature[℃] ,
θ
ja : Thermal resistance of package-ambience[℃/W], Pd : Package Power dissipation [W],
Pc : Power dissipation [W], Vcc : Input Voltage, Vo : Output Voltage, Io : Load, Ib : Bias Current
Package Power dissipation
: Pd (W)=(Tjmax-Ta) / θja
Power dissipation
: Pc (W)=(Vcc-Vo)×Io+Vcc×Ib
9. Vcc pin
Insert a capacitor(Vo≧5V:capacitor≧1µF ~ , Vo<5V:capacitor≧2.2µF ~ ) between the Vcc and GND pins.
The appropriate capacitance value varies by application. Be sure to allow a sufficient margin for input voltage levels.
Electric capacitance
Ceramic capacitors, Low ESR capacitors
IC


Podobny numer części - BD00C0AWCP-V5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BD00C0AWCP-V5 ROHM-BD00C0AWCP-V5 Datasheet
128Kb / 5P
   Low ESR capacitor, 1A Low Dropout Voltage Regulator with Shut Down Switch竊뉯djustable Voltage竊
More results

Podobny opis - BD00C0AWCP-V5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BD00C0AWFP-E2 ROHM-BD00C0AWFP-E2 Datasheet
827Kb / 21P
   1A Variable Output LDO Regulators
BA50BC0FP-E2 ROHM-BA50BC0FP-E2 Datasheet
512Kb / 19P
   1A Variable/Fixed Output LDO Regulators
BA00CC0WHFP-TR ROHM-BA00CC0WHFP-TR Datasheet
498Kb / 20P
   2A/1A Variable Output LDO Regulators
BA00DD0WCP-V5 ROHM-BA00DD0WCP-V5_10 Datasheet
353Kb / 10P
   Standard Variable Output LDO Regulators
BA00DD0W ROHM-BA00DD0W Datasheet
2Mb / 25P
   2A/1A Variable Output LDO Regulators
BAXXBC0 ROHM-BAXXBC0 Datasheet
490Kb / 19P
   1A Variable/Fixed Output LDO Regulators
BD00IC0WEFJ ROHM-BD00IC0WEFJ Datasheet
517Kb / 26P
   1A Variable Fixed Output LDO Regulators
BA00BC0WFP-E2 ROHM-BA00BC0WFP-E2 Datasheet
512Kb / 19P
   1A Variable/Fixed Output LDO Regulators
BA00DD0WCP-V5 ROHM-BA00DD0WCP-V5_11 Datasheet
320Kb / 10P
   Standard Variable Output LDO Regulators with Shutdown Switch
BD00HC0WEFJ ROHM-BD00HC0WEFJ_13 Datasheet
513Kb / 20P
   1A Variable Output LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com