Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BD12KA5F Arkusz danych(PDF) 4 Page - Rohm

Numer części BD12KA5F
Szczegółowy opis  500mA Secondary LDO Regulators for Local Power Supplies
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BD12KA5F Arkusz danych(HTML) 4 Page - Rohm

  BD12KA5F Datasheet HTML 1Page - Rohm BD12KA5F Datasheet HTML 2Page - Rohm BD12KA5F Datasheet HTML 3Page - Rohm BD12KA5F Datasheet HTML 4Page - Rohm BD12KA5F Datasheet HTML 5Page - Rohm BD12KA5F Datasheet HTML 6Page - Rohm BD12KA5F Datasheet HTML 7Page - Rohm BD12KA5F Datasheet HTML 8Page - Rohm BD12KA5F Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
BD□□KA5,BD□□KA5W Series,BD00KA5W Series
Technical Note
4/9
www.rohm.com
2009.04 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
Block diagrams, Standard circuit examples
Pin No.
PinName
Function
1
CTL
Output voltage ON/OFF control
2
Vcc
Power supply voltage input
3
N.C.
Unconnected terminal
4
OUT
Voltage output
5
ADJ
Output voltage configuration terminal
FIN
GND
GND
Pin No.
Pin Name
Function
1
OUT
Voltage output
2
ADJ
Output voltage configuration terminal
3
N.C.
Unconnected terminal
4
5
CTL
Output voltage ON/OFF control
6
GND
GND
7
8
Vcc
Power supply voltage input
Pin No.
Pin Name
Function
1
CTL
Output voltage ON/OFF control
2
Vcc
Power supply voltage input
3
N.C.
Unconnected terminal
4
OUT
Voltage output
5
N.C.
Unconnected terminal
FIN
GND
GND
Pin No.
Pin Name
Function
1
OUT
Voltage output
2
N.C.
Unconnected terminal
3
4
5
CTL
Output voltage ON/OFF control
6
GND
GND
7
8
Vcc
Power supply voltage input
Pin No.
Pin Name
Function
1
Vcc
Power supply voltage input
2
N.C.
Unconnected terminal
3
OUT
Voltage output
FIN
GND
GND
1
8
4
5
TOP VIEW
SOP8
1
8
4
5
TOP VIEW
SOP8
TOP VIEW
FIN
1
3
2
4 5
TO252-5
TOP VIEW
1
3
2
4 5
TO252-5
TOP VIEW
1
3
2
TO252-3
FIN
FIN
N.C. pins are electrically open to the inside of the IC chip.
Driver
Driver
Driver
Driver
Driver
OCP
OCP
OCP
OCP
OCP
TSD
TSD
TSD
TSD
TSD
Vref
Vref
Vref
Vref
Vref
GND(FIN)
GND(FIN)
GND(7PIN)
GND(6PIN)
CTL (5PIN)
Vcc(8PIN)
1μF
R1
R2
OUT(1PIN)
N.C.(3PIN)
N.C.(3PIN) N.C.(4IN)
1μF
GND(7PIN)
GND(6PIN)
CTL (5PIN)
Vcc(8PIN)
1μF
OUT(1PIN)
N.C.(3PIN) N.C.(4IN)
1μF
ADJ(2PIN)
R1
R2
OUT (4PIN)
R1
R2
ADJ(5PIN)
N.C.(3PIN)
Vcc (2PIN)
CTL (1PIN)
R2
R1
R2
R1
OUT (4PIN)
N.C.(3PIN)
Vcc (2PIN)
CTL (1PIN)
N.C.(5PIN)
1μF
1μF
1μF
1μF
1μF
1μF
OUT (3PIN)
N.C.(2PIN)
Vcc (1PIN)
Fig.13
Fig.14
Fig.15
TO252-5(BD00KA5WFP)
[BD00KA5WFP]
Output voltage configuration
VOUT=VADJ×(R1+R2)÷R1(V)
VADJ=0.75V(Typ.)
A value of approximately 30kΩ
is recommended for R1.
TO252-5(BD□□KA5WFP)
[BD□□KA5WFP]
TO252-5(BD□□KA5FP)
SOP8(BD00KA5WF)
[BD00KA5WF]
SOP8(BD□□KA5WF)
[BD□□KA5WF]
Output voltage configuration
VOUT=VADJ×(R1+R2)÷R1(V)
VADJ=0.75V(Typ.)
A value of approximately 30kΩ
is recommended for R1.
Fig.16
Fig.17


Podobny numer części - BD12KA5F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BD12KA5FP ROHM-BD12KA5FP Datasheet
309Kb / 6P
   Low ESR Capacitor, Low Dropout 500mA Regulator IC
BD12KA5FP-E2 ROHM-BD12KA5FP-E2 Datasheet
616Kb / 18P
   500mA Variable/Fixed Output LDO Regulators Built-in thermal shutdown circuit
BD12KA5FP-E2 ROHM-BD12KA5FP-E2 Datasheet
616Kb / 18P
   low-saturation regulators that are available for output currents up to 500mA.
More results

Podobny opis - BD12KA5F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BDXXKA5 ROHM-BDXXKA5 Datasheet
364Kb / 10P
   500mA Secondary LDO Regulators for Local Power Supplies
BD00HA5WEFJ ROHM-BD00HA5WEFJ Datasheet
457Kb / 12P
   500mA Secondary Variable Output LDO Regulators for Local Power Supplies
BD00GA5WEFJ ROHM-BD00GA5WEFJ Datasheet
463Kb / 12P
   500mA Secondary Variable Output LDO Regulators for Local Power Supplies
BAXXBC0 ROHM-BAXXBC0_10 Datasheet
392Kb / 10P
   1A Secondary LDO Regulators for Local Power Supplies
BAXXJC5 ROHM-BAXXJC5_09 Datasheet
381Kb / 10P
   1.5A Secondary LDO Regulators for Local Power Supplies
BA15NC0WT ROHM-BA15NC0WT Datasheet
392Kb / 10P
   1A Secondary LDO Regulators for Local Power Supplies
BD00HC5WEFJ ROHM-BD00HC5WEFJ Datasheet
492Kb / 12P
   1.5A Secondary Variable Output LDO Regulators for Local Power Supplies
BD00GA3WEFJ ROHM-BD00GA3WEFJ Datasheet
523Kb / 12P
   300mA Secondary Variable Output LDO Regulators for Local Power Supplies
BD00HC0WEFJ ROHM-BD00HC0WEFJ Datasheet
491Kb / 12P
   1A Secondary Variable Output LDO Regulators for Local Power Supplies
BD00GC0WEFJ ROHM-BD00GC0WEFJ Datasheet
543Kb / 12P
   1A Secondary Variable Output LDO Regulators for Local Power Supplies
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com