Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BU29TD2WNVX Arkusz danych(PDF) 1 Page - Rohm

Numer części BU29TD2WNVX
Szczegółowy opis  1ch 200mA CMOS LDO Regulators
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BU29TD2WNVX Arkusz danych(HTML) 1 Page - Rohm

  BU29TD2WNVX Datasheet HTML 1Page - Rohm BU29TD2WNVX Datasheet HTML 2Page - Rohm BU29TD2WNVX Datasheet HTML 3Page - Rohm BU29TD2WNVX Datasheet HTML 4Page - Rohm BU29TD2WNVX Datasheet HTML 5Page - Rohm BU29TD2WNVX Datasheet HTML 6Page - Rohm BU29TD2WNVX Datasheet HTML 7Page - Rohm BU29TD2WNVX Datasheet HTML 8Page - Rohm BU29TD2WNVX Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
1/41
www.rohm.com
2011.07 - Rev.C
© 2011 ROHM Co., Ltd. All rights reserved.
CMOS LDO Regulators for Portable Equipments
1ch 200mA
CMOS LDO Regulators
BU□□TD2WNVX series
Description
BUTD2WNVX series is high-performance FULL CMOS regulator with 200-mA output, which is mounted on micro
miniature package SSON004X1010 (1.0 mm
 1.0 mm  0.6 mm). It has excellent noise characteristics and load
responsiveness characteristics despite its low circuit current consumption of 35µA. It is most appropriate for various
applications such as power supplies for logic IC, RF, and camera modules. Micro miniature SSON004X1010 with built-in
heatsink is adopted for the package, which contributes to the space-saving design of the set.
Features
1) High-accuracy output voltage of
1% (25 mV on Vout<2.5V products)
2) High ripple rejection: 70 dB (Typ., 1 kHz,)
3) Compatible with small ceramic capacitor (CIN=Co=0.47 µF)
4) Low current consumption: 35 µA
5) ON/OFF control of output voltage
6) With built-in overcurrent protection circuit and thermal shutdown circuit
7) With built-in output discharge circuit
8) Adopting ultra-small package SSON004X1010
Applications
Battery-powered portable equipment, etc.
Line up
200 mA BU□□TD2WNVX Series
Product Name
1.0
1.2
1.5
1.8
1.85
1.9
2.0
2.05
2.1
2.3
2.5
Package
BU□□TD2WNVX
SSON004X1010
2.6
2.7
2.8
2.85
2.9
3.0
3.1
3.2
3.3
3.4
Model name:BU□□TD2WNVX
a
Symbol
Contents
Specification of output voltage
a
□□
Output voltage
(V)
□□
Output voltage
(V)
□□
Output voltage
(V)
□□
Output voltage
(V)
10
1.0 V(Typ.)
20
2.0 V(Typ.)
27
2.7 V(Typ.)
32
3.2 V(Typ.)
12
1.2 V(Typ.)
2A
2.05 V(Typ.)
28
2.8 V(Typ.)
33
3.3 V(Typ.)
15
1.5 V(Typ.)
21
2.1 V(Typ.)
2J
2.85 V(Typ.)
34
3.4 V(Typ.)
18
1.8 V(Typ.)
23
2.3V(Typ.)
29
2.9 V(Typ.)
1J
1.85 V(Typ.)
25
2.5 V(Typ.)
30
3.0 V(Typ.)
19
1.9 V(Typ.)
26
2.6 V(Typ.)
31
3.1 V(Typ.)
No.11020ECT07


Podobny numer części - BU29TD2WNVX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BU29TD2WNVX-XTL ROHM-BU29TD2WNVX-XTL Datasheet
566Kb / 12P
   high-performance FULL CMOS regulator with 200-mA output, which is mounted on versatile package SSON004X1010
More results

Podobny opis - BU29TD2WNVX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BU12SD2MG-MTR ROHM-BU12SD2MG-MTR Datasheet
834Kb / 31P
   1ch 200mA CMOS LDO Regulators
BU18SA4WGWL-E2 ROHM-BU18SA4WGWL-E2 Datasheet
999Kb / 37P
   1ch 200mA CMOS LDO Regulators
BU15TA2WNVX ROHM-BU15TA2WNVX_11 Datasheet
1Mb / 30P
   1ch 200mA CMOS LDO Regulators
BH12PB1WHFV ROHM-BH12PB1WHFV_11 Datasheet
353Kb / 11P
   1ch 150mA CMOS LDO Regulators
BH15M0AWHFV-TR ROHM-BH15M0AWHFV-TR Datasheet
577Kb / 13P
   1ch 300mA CMOS LDO Regulators
BUXXSD5 ROHM-BUXXSD5 Datasheet
941Kb / 20P
   1ch 500mA CMOS LDO Regulators
2016.05.31 Rev.003
BH31FB1WHFV-TR ROHM-BH31FB1WHFV-TR Datasheet
562Kb / 13P
   1ch 300mA CMOS LDO Regulators
BHXXM0A ROHM-BHXXM0A Datasheet
632Kb / 13P
   1ch 300mA CMOS LDO Regulators
21.Nov.2013 Rev.001
BHXXMA3 ROHM-BHXXMA3 Datasheet
619Kb / 13P
   1ch 300mA CMOS LDO Regulators
25.Sep.2013 Rev.001
BH25NB1WHFV ROHM-BH25NB1WHFV_11 Datasheet
303Kb / 9P
   1ch 150mA CMOS LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com