Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BU29TD2WNVX Arkusz danych(PDF) 3 Page - Rohm

Numer części BU29TD2WNVX
Szczegółowy opis  1ch 200mA CMOS LDO Regulators
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BU29TD2WNVX Arkusz danych(HTML) 3 Page - Rohm

  BU29TD2WNVX Datasheet HTML 1Page - Rohm BU29TD2WNVX Datasheet HTML 2Page - Rohm BU29TD2WNVX Datasheet HTML 3Page - Rohm BU29TD2WNVX Datasheet HTML 4Page - Rohm BU29TD2WNVX Datasheet HTML 5Page - Rohm BU29TD2WNVX Datasheet HTML 6Page - Rohm BU29TD2WNVX Datasheet HTML 7Page - Rohm BU29TD2WNVX Datasheet HTML 8Page - Rohm BU29TD2WNVX Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
Technical Note
3/41
BU□□TD2WNVX series
www.rohm.com
2011.07 - Rev.C
© 2011 ROHM Co., Ltd. All rights reserved.
Electrical characteristics(Ta=25℃, VIN=VOUT+1.0V
(*3), STBY=VIN, CIN=0.47μF, CO=0.47μF, unless otherwise noted.)
Parameter
Symbol
Limits
Unit
Conditions
Min.
Typ.
Max.
Overall Device
Output Voltage
VOUT
VOUT
×0.99
VOUT
VOUT
×1.01
V
IOUT=10µA,VOUT≧2.5V
VOUT
-25mV
VOUT
+25mV
IOUT=10µA,VOUT<2.5V
Operating Current
IIN
-
35
60
µA
IOUT=0mA
Operating Current (STBY)
ISTBY
-
-
1.0
µA
STBY=0V
Ripple Rejection Ratio
RR
45
70
-
dB
VRR=-20dBv,fRR=1kHz,IOUT=10mA
Dropout Voltage
VSAT
-
280
540
mV
2.5V≦VOUT≦2.6V
(VIN=0.98*VOUT,IOUT=200mA)
-
260
500
mV
2.7V≦VOUT≦2.85V
(VIN=0.98*VOUT,IOUT=200mA)
-
240
460
mV
2.9V≦VOUT≦3.1V
(VIN=0.98*VOUT,IOUT=200mA)
-
220
420
mV
3.2V≦VOUT≦3.4V
(VIN=0.98*VOUT,IOUT=200mA)
Line Regulation
VDL
-
2
20
mV
VIN=VOUT+1.0V to 5.5V
(*4)
IOUT=10µA
Load Regulation
VDLO
-
10
80
mV
IOUT=0.01mA to 100mA
Over-current Protection (OCP)
Limit Current
ILMAX
220
400
700
mA
Vo=VOUT*0.95
Short Current
ISHORT
20
70
150
mA
Vo=0V
Standby Block
Discharge Resistor
RDSC
20
50
80
VIN=4.0V, STBY=0V, VOUT=4.0V
STBY Pin Pull-down Current
ISTB
0.1
0.6
2.0
µA
STBY=1.5V
STBY Control Voltage
ON
VSTBH
1.2
-
5.5
V
OFF
VSTBL
-0.3
-
0.3
V
* This product does not have radiation-proof design.
(*3) VIN=2.5V for VOUT≦1.5V
(*4) VIN=2.5V to 5.5V for VOUT≦1.5V
Electrical characteristics
of each Output Voltage
(Ta=25℃, STBY=VIN, CIN=0.47μF, Co=0.47μF, unless otherwise noted.)
Parameter
Symbol
Limits
Unit
Conditions
Min.
Typ.
Max.
1.2V
Maximum
output current
80
160
-
mA
VIN=1.7V
200
-
-
VIN=2.1V
1.5V
60
120
-
VIN=1.8V
200
-
-
VIN=2.2V
1.8V
200
-
-
VIN=2.4V
1.9V
200
-
-
VIN=2.5V


Podobny numer części - BU29TD2WNVX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BU29TD2WNVX-XTL ROHM-BU29TD2WNVX-XTL Datasheet
566Kb / 12P
   high-performance FULL CMOS regulator with 200-mA output, which is mounted on versatile package SSON004X1010
More results

Podobny opis - BU29TD2WNVX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BU12SD2MG-MTR ROHM-BU12SD2MG-MTR Datasheet
834Kb / 31P
   1ch 200mA CMOS LDO Regulators
BU18SA4WGWL-E2 ROHM-BU18SA4WGWL-E2 Datasheet
999Kb / 37P
   1ch 200mA CMOS LDO Regulators
BU15TA2WNVX ROHM-BU15TA2WNVX_11 Datasheet
1Mb / 30P
   1ch 200mA CMOS LDO Regulators
BH12PB1WHFV ROHM-BH12PB1WHFV_11 Datasheet
353Kb / 11P
   1ch 150mA CMOS LDO Regulators
BH15M0AWHFV-TR ROHM-BH15M0AWHFV-TR Datasheet
577Kb / 13P
   1ch 300mA CMOS LDO Regulators
BUXXSD5 ROHM-BUXXSD5 Datasheet
941Kb / 20P
   1ch 500mA CMOS LDO Regulators
2016.05.31 Rev.003
BH31FB1WHFV-TR ROHM-BH31FB1WHFV-TR Datasheet
562Kb / 13P
   1ch 300mA CMOS LDO Regulators
BHXXM0A ROHM-BHXXM0A Datasheet
632Kb / 13P
   1ch 300mA CMOS LDO Regulators
21.Nov.2013 Rev.001
BHXXMA3 ROHM-BHXXMA3 Datasheet
619Kb / 13P
   1ch 300mA CMOS LDO Regulators
25.Sep.2013 Rev.001
BH25NB1WHFV ROHM-BH25NB1WHFV_11 Datasheet
303Kb / 9P
   1ch 150mA CMOS LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com