Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BU16025MUV Arkusz danych(PDF) 5 Page - Rohm

Numer części BU16025MUV
Szczegółowy opis  1 for input 1 output buffer (Sync with OE)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BU16025MUV Arkusz danych(HTML) 5 Page - Rohm

  BU16025MUV_11 Datasheet HTML 1Page - Rohm BU16025MUV_11 Datasheet HTML 2Page - Rohm BU16025MUV_11 Datasheet HTML 3Page - Rohm BU16025MUV_11 Datasheet HTML 4Page - Rohm BU16025MUV_11 Datasheet HTML 5Page - Rohm BU16025MUV_11 Datasheet HTML 6Page - Rohm BU16025MUV_11 Datasheet HTML 7Page - Rohm BU16025MUV_11 Datasheet HTML 8Page - Rohm BU16025MUV_11 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Technical Note
5/16
BU16025MUV
www.rohm.com
2011.01 - Rev.A
© 2011 ROHM Co., Ltd. All rights reserved.
Electrical characteristic curves (Reference data)
Unless Otherwise noted Ta=25℃, Vcc=3.3V
Stand-by Current 1
0.00
0.02
0.04
0.06
0.08
0.10
0.8
1.3
1.8
2.3
2.8
3.3
VCC [V]
Stand-by Current 2
0.00
0.50
1.00
1.50
2.00
3
3.2
3.4
3.6
VCC [V]
Circuit Current
0.00
20.00
40.00
60.00
80.00
100.00
120.00
3
3.2
3.4
3.6
VCC [V]
Fig.1 Stand-by Current 1(Ist)
OEB = “Vcc”, DDC_EN= “0V”
Fig.2 Stand-by Current 2(Ist2)
OEB = “Vcc”, DDC_EN= “Vcc”
Fig.3 Circuit Current(Vcc + AVcc) (Icc)
OEB = “Vcc”, DDC_EN= “0V”
Fig.4 Eye Diagram of BU16025MUV
2.25Gbps Data rate when PRE = “L”,
Test Equipment DTG5334(tektronix),
DSA80000B(Agilent)
Fig.5 Eye Diagram of BU16025MUV
2.25Gbps Data rate when PRE = “H”,
Test Equipment DTG5334(tektronix),
DSA80000B(Agilent)
Fig.6 Eye Diagram of BU16025MUV
2.7Gbps Data rate when PRE = “H”,
Test Equipment DTG5334(tektronix),
DSA80000B(Agilent)


Podobny numer części - BU16025MUV_11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BU16025MUV ROHM-BU16025MUV Datasheet
557Kb / 20P
   HDMI Switch ICs
More results

Podobny opis - BU16025MUV_11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BU16024KV ROHM-BU16024KV Datasheet
485Kb / 18P
   1 for input 1 output buffer with Termination sense correspondence
BU16006KV ROHM-BU16006KV Datasheet
596Kb / 19P
   2 for input 1 output switch with Termination sense correspondence (Sync with HPD_SINK)
logo
Silicon Laboratories
SI53305 SILABS-SI53305 Datasheet
1Mb / 36P
   1:10 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX AND INDIVIDUAL OE
SI53304 SILABS-SI53304 Datasheet
1Mb / 33P
   1:6 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX AND INDIVIDUAL OE
logo
Pericom Semiconductor C...
PI6C4911510-05 PERICOM-PI6C4911510-05 Datasheet
932Kb / 7P
   2.5V/3.3V 1.5GHz Low Skew 1-to-10 Differential to LVPECL Fanout Buffer with Sync OE
logo
Skyworks Solutions Inc.
SI53314 SKYWORKS-SI53314 Datasheet
2Mb / 32P
   1:6 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX AND INDIVIDUAL OE (<1.25 GHZ)
Rev. 1.0
SI53315 SKYWORKS-SI53315 Datasheet
1Mb / 30P
   1:10 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX AND INDIVIDUAL OE (<1.25 GHZ)
Rev. 0.4
logo
ON Semiconductor
NB3H83905C ONSEMI-NB3H83905C Datasheet
206Kb / 15P
   1.8V/2.5V/3.3V Crystal Input to 1 6 LVTTL/LVCMOS Clock Fanout Buffer with OE
November, 2012 ??Rev. 9
logo
Potato Semiconductor Co...
PO74HSTL85350A POTATO-PO74HSTL85350A_14 Datasheet
1Mb / 7P
   LVCMOS Input to HSTL Output 1:4 Fanout Buffer
PO74HSTL85352A POTATO-PO74HSTL85352A_14 Datasheet
1Mb / 7P
   LVCMOS Input to HSTL Output 1:2 Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com