Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BU16025MUV-E2 Arkusz danych(PDF) 1 Page - Rohm

Numer części BU16025MUV-E2
Szczegółowy opis  1 for input 1 output buffer (Sync with OE)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BU16025MUV-E2 Arkusz danych(HTML) 1 Page - Rohm

  BU16025MUV-E2 Datasheet HTML 1Page - Rohm BU16025MUV-E2 Datasheet HTML 2Page - Rohm BU16025MUV-E2 Datasheet HTML 3Page - Rohm BU16025MUV-E2 Datasheet HTML 4Page - Rohm BU16025MUV-E2 Datasheet HTML 5Page - Rohm BU16025MUV-E2 Datasheet HTML 6Page - Rohm BU16025MUV-E2 Datasheet HTML 7Page - Rohm BU16025MUV-E2 Datasheet HTML 8Page - Rohm BU16025MUV-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1/16
www.rohm.com
2011.01 - Rev.A
© 2011 ROHM Co., Ltd. All rights reserved.
HDMI Switch ICs
1 for input 1 output buffer
(Sync with OE)
BU16025MUV
Description
BU16025MUV is HDMI Buffer IC for Source, Sink, and repeater equipment. Each TMDS input has internal 50ohm resistor.
These resistors can be turned off by OE pin control. And BU16025MUV has selectable equalizer circuit and DDC active
buffer to isolate capacitor between input and output.
Features
1) Support 480i/p, 720p, and 1080i/p 12bit deep color and 2.70Gbps data rate
2) 5V Tolerance to all DDC and HPD_SINK Inputs
3) Integrated active DDC buffer
4) Integrated DDC data line delay mode to get hold margin
5) Integrated Switchable 50ΩReceiver Termination
6) Integrated Low TMDS output swing mode for High speed signal
7) High Impedance Outputs When Disabled
8) TMDS Inputs and output HBM ESD Protection Exceeds 8kV
9) Support AC coupling input (TMDS input common mode voltage is 3.3V)
10) Selectable Receiver Equalization
11) Integrated I
2C Identification Data for HDMI/DVI distinction (Display port translator mode)
12) 48-Pin VQFN Package
13) ROHS Compatible
Applications
Digital TV, DVD player, set-top box, AV receiver, Digital projector, Desktop/Note book PC
No.11063EAT06


Podobny numer części - BU16025MUV-E2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BU16025MUV ROHM-BU16025MUV Datasheet
557Kb / 20P
   HDMI Switch ICs
More results

Podobny opis - BU16025MUV-E2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BU16024KV ROHM-BU16024KV Datasheet
485Kb / 18P
   1 for input 1 output buffer with Termination sense correspondence
BU16006KV ROHM-BU16006KV Datasheet
596Kb / 19P
   2 for input 1 output switch with Termination sense correspondence (Sync with HPD_SINK)
logo
Silicon Laboratories
SI53305 SILABS-SI53305 Datasheet
1Mb / 36P
   1:10 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX AND INDIVIDUAL OE
SI53304 SILABS-SI53304 Datasheet
1Mb / 33P
   1:6 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX AND INDIVIDUAL OE
logo
Pericom Semiconductor C...
PI6C4911510-05 PERICOM-PI6C4911510-05 Datasheet
932Kb / 7P
   2.5V/3.3V 1.5GHz Low Skew 1-to-10 Differential to LVPECL Fanout Buffer with Sync OE
logo
Skyworks Solutions Inc.
SI53314 SKYWORKS-SI53314 Datasheet
2Mb / 32P
   1:6 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX AND INDIVIDUAL OE (<1.25 GHZ)
Rev. 1.0
SI53315 SKYWORKS-SI53315 Datasheet
1Mb / 30P
   1:10 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX AND INDIVIDUAL OE (<1.25 GHZ)
Rev. 0.4
logo
ON Semiconductor
NB3H83905C ONSEMI-NB3H83905C Datasheet
206Kb / 15P
   1.8V/2.5V/3.3V Crystal Input to 1 6 LVTTL/LVCMOS Clock Fanout Buffer with OE
November, 2012 ??Rev. 9
logo
Potato Semiconductor Co...
PO74HSTL85350A POTATO-PO74HSTL85350A_14 Datasheet
1Mb / 7P
   LVCMOS Input to HSTL Output 1:4 Fanout Buffer
PO74HSTL85352A POTATO-PO74HSTL85352A_14 Datasheet
1Mb / 7P
   LVCMOS Input to HSTL Output 1:2 Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com